Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6528CBZ-T Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL6528CBZ-T
Description  Dual Regulator - Standard Buck PWM and Linear Power Controller
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6528CBZ-T Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL6528CBZ-T Datasheet HTML 4Page - Intersil Corporation ISL6528CBZ-T Datasheet HTML 5Page - Intersil Corporation ISL6528CBZ-T Datasheet HTML 6Page - Intersil Corporation ISL6528CBZ-T Datasheet HTML 7Page - Intersil Corporation ISL6528CBZ-T Datasheet HTML 8Page - Intersil Corporation ISL6528CBZ-T Datasheet HTML 9Page - Intersil Corporation ISL6528CBZ-T Datasheet HTML 10Page - Intersil Corporation ISL6528CBZ-T Datasheet HTML 11Page - Intersil Corporation ISL6528CBZ-T Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8
FN9038.4
March 9, 2006
Compensation Break Frequency Equations
Follow this procedure for selecting compensation
components by locating the poles and zeros of the
compensation network:
1. Set the loop gain (R2/R1) to provide a converter
bandwidth of one quarter of the switching frequency.
2. Place the first compensation zero, FZ1, below the output
filter double pole (~75% FLC).
3. Position the second compensation zero, FZ2, at the
output filter double pole, FLC.
4. Locate the first compensation pole, FP1, at the output filter
ESR zero, FESR.
5. Position the second compensation pole at half the
converter switching frequency, FSW.
6. Check gain against error amplifier’s open-loop gain.
7. Estimate phase margin; repeat if necessary.
8.
Figure 6 shows an asymptotic plot of the DC/DC converter’s
gain vs. frequency. The actual modulator gain has a high
gain peak dependent on the quality factor (Q) of the output
filter, which is not shown in Figure 6. Using the above
procedure should yield a compensation gain similar to the
curve plotted. The open loop error amplifier gain bounds the
compensation gain. Check the compensation gain at FP2
with the capabilities of the error amplifier.
The compensation gain uses external impedance networks
ZFB and ZIN to provide a stable, high bandwidth (BW) overall
loop. A stable control loop has a gain crossing with
-20dB/decade slope and a phase margin greater than 45°.
Include worst case component variations when determining
phase margin.
Application Guidelines
Layout Considerations
Layout is very important in high frequency switching
converter design. With power devices switching efficiently at
600kHz, the resulting current transitions from one device to
another cause voltage spikes across the interconnecting
impedances and parasitic circuit elements. These voltage
spikes can degrade efficiency, radiate noise into the circuit,
and lead to device overvoltage stress. Careful component
layout and printed circuit board design minimizes the voltage
spikes in the converters.
As an example, consider the turn-off transition of the PWM
MOSFET. Prior to turn-off, the MOSFET is carrying the full
load current. During turn-off, current stops flowing in the
MOSFET and is picked up by the lower Schottky diode. Any
parasitic inductance in the switched current path generates a
large voltage spike during the switching interval. Careful
component selection, tight layout of the critical components,
and short, wide traces minimizes the magnitude of voltage
spikes.
There are two sets of critical components in a DC/DC
converter using the ISL6528. The switching components are
the most critical because they switch large amounts of
energy, and therefore tend to generate large amounts of
noise. Next are the small signal components which connect
to sensitive nodes or supply critical bypass current and
signal coupling.
A multi-layer printed circuit board is recommended. Figure 7
shows the connections of the critical components in the
converter. Note that capacitors CIN and COUT could each
represent numerous physical capacitors. Dedicate one solid
layer, usually a middle layer of the PC board, for a ground
plane and make all critical component ground connections
through vias to this layer. Dedicate another solid layer as a
power plane and break this plane into smaller islands of
common voltage levels. Keep the metal runs from the
PHASE terminal to the output inductor short. The power
plane should support the input and output power nodes. Use
copper filled polygons on the top and bottom circuit layers for
the phase node. Use the remaining printed circuit layers for
small signal wiring. The wiring traces from the UGATE pin to
the MOSFET gate should be kept short and wide enough to
easily handle the 1A of drive current.
The switching components should be placed close to the
ISL6528 first. Minimize the length of the connections
between the input capacitors, CIN, and the power switches
FZ1
1
2
π R
× 2C1
×
-----------------------------------
=
FZ2
1
2
π
R1 R3
+
() C3
×
×
-------------------------------------------------------
=
FP1
1
2
π R
2
C1 C2
×
C1 C2
+
----------------------


×
×
-------------------------------------------------------
=
FP2
1
2
π R
× 3C3
×
-----------------------------------
=
(EQ. 10)
(EQ. 11)
(EQ. 8)
(EQ. 9)
Zeros:
Poles:
FIGURE 6. ASYMPTOTIC BODE PLOT OF CONVERTER GAIN
100
80
60
40
20
0
-20
-40
-60
FP1
FZ2
10M
1M
100K
10K
1K
100
10
OPEN LOOP
ERROR AMP GAIN
FZ1
FP2
FLC
FESR
COMPENSATION
FREQUENCY (Hz)
GAIN
MODULATOR
GAIN
LOOP GAIN
20
VIN
VOSC
------------------



log
20
R2
R1
---------


log
ISL6528


Similar Part No. - ISL6528CBZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6528CBZ-T INTERSIL-ISL6528CBZ-T Datasheet
390Kb / 13P
   Dual Regulator - Standard Buck PWM and Linear Power Controller
logo
Renesas Technology Corp
ISL6528CBZ-T RENESAS-ISL6528CBZ-T Datasheet
742Kb / 13P
   Dual Regulator - Standard Buck PWM and Linear Power Controller
More results

Similar Description - ISL6528CBZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6528 INTERSIL-ISL6528 Datasheet
390Kb / 13P
   Dual Regulator - Standard Buck PWM and Linear Power Controller
logo
Renesas Technology Corp
ISL6528 RENESAS-ISL6528 Datasheet
742Kb / 13P
   Dual Regulator - Standard Buck PWM and Linear Power Controller
logo
Richtek Technology Corp...
RT9204 RICHTEK-RT9204 Datasheet
282Kb / 14P
   Dual Regulator - Standard Buck PWM DC-DC and Linear Power Controller
RT9204 RICHTEK-RT9204_07 Datasheet
186Kb / 14P
   Dual Regulators - Standard Buck PWM DC-DC and Linear Controller
logo
Intersil Corporation
ISL6529A INTERSIL-ISL6529A Datasheet
376Kb / 15P
   Dual Regulator.Synchronous Rectified Buck PWM and Linear Power Controller
logo
ON Semiconductor
NCP5220A ONSEMI-NCP5220A Datasheet
172Kb / 18P
   3?뭝n?? PWM Dual Buck and Linear Power Controller
December, 2005 ??Rev. 4
logo
Intersil Corporation
ISL6529 INTERSIL-ISL6529 Datasheet
623Kb / 19P
   Dual Regulator.Synchronous Rectified Buck PWM and Linear Power Controller
logo
ON Semiconductor
NCP5220 ONSEMI-NCP5220 Datasheet
174Kb / 18P
   3?뭝n?? PWM Dual Buck and Linear Power Controller
November, 2004 ??Rev. 4
logo
Silicon Standard Corp.
SS7529 SSC-SS7529 Datasheet
587Kb / 8P
   Synchronous Buck PWM and Linear Power Controller
logo
uPI Group Inc.
UP6161 UPI-UP6161 Datasheet
500Kb / 15P
   Single 12V Input Supply Dual Regulator - Synchronous-Buck-PWM and Linear-Regulator Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com