Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6528CBZ-T Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL6528CBZ-T
Description  Dual Regulator - Standard Buck PWM and Linear Power Controller
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6528CBZ-T Datasheet(HTML) 4 Page - Intersil Corporation

  ISL6528CBZ-T Datasheet HTML 1Page - Intersil Corporation ISL6528CBZ-T Datasheet HTML 2Page - Intersil Corporation ISL6528CBZ-T Datasheet HTML 3Page - Intersil Corporation ISL6528CBZ-T Datasheet HTML 4Page - Intersil Corporation ISL6528CBZ-T Datasheet HTML 5Page - Intersil Corporation ISL6528CBZ-T Datasheet HTML 6Page - Intersil Corporation ISL6528CBZ-T Datasheet HTML 7Page - Intersil Corporation ISL6528CBZ-T Datasheet HTML 8Page - Intersil Corporation ISL6528CBZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
FN9038.4
March 9, 2006
Absolute Maximum Ratings
Thermal Information
UGATE, BOOT. . . . . . . . . . . . . . . . . . . . . . . . . . GND -0.3V to +10V
VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . GND -0.3V to +7V
FB, DRIVE2, FB2, COMP, . . . . . . . . . . . GND -0.3V to VCC +0.3V
ESD Classification . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Class 2
Operating Conditions
Supply Voltage on VCC . . . . . . . . . . . . . . . . . . . . . . . . . . +5V ±10%
Supply Voltage to drain of upper MOSFET . . . . . . . . . +3.3V ±10%
Ambient Temperature Range . . . . . . . . . . . . . . . . . . . . . 0°C to 70°C
Junction Temperature Range. . . . . . . . . . . . . . . . . . . . 0°C to 125°C
Thermal Resistance (Typical, Note 1)
θJA (°C/W)
SOIC Package . . . . . . . . . . . . . . . . . . . . . . . . . . . .
110
Maximum Junction Temperature (Plastic Package) . . . . . . . 150°C
Maximum Storage Temperature Range . . . . . . . . . . -65°C to 150°C
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . 300°C
(SOIC - Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1.
θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
Electrical Specifications
Recommended Operating Conditions, Unless Otherwise Noted. Refer to Block and Simplified Power System
Diagrams, and Typical Application Schematic
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
VCC SUPPLY CURRENT
Nominal Supply Current
ICC
UGATE and DRIVE2 Open
2
3.7
6.5
mA
POWER-ON RESET
Rising VCC Threshold
4.25
4.4
4.50
V
Falling VCC Threshold
3.75
3.8
4.00
V
OSCILLATOR AND SOFT-START
Free Running Frequency
FOSC
550
600
650
kHz
Ramp Amplitude
∆VOSC
-1.5
-
VP-P
Soft-Start Interval
TSS
3.10
3.42
3.75
ms
REFERENCE VOLTAGE
Reference Voltage
VREF
.784
0.800
.816
V
System Accuracy
-2.00
-
+2.00
%
PWM CONTROLLER ERROR AMPLIFIER
DC Gain
-80-
dB
Gain-Bandwidth Product
GBWP
-
15
-
MHz
Slew Rate
SR
-
6
-
V/
µs
Undervoltage Level (VFB/VREF)VUV
48.13
52.5
56.88
%
PWM CONTROLLER GATE DRIVER
UGATE Source Impedance
RUGATE
VCC = 5V, VUGATE = 2.5V
-
2.75
5.0
UGATE Sink Impedance
RUGATE
VUGATE-PHASE = 2.5V
-
3.0
5.0
LINEAR REGULATOR ERROR AMPLIFIER
Output Drive Current
VCC > 4.5V
100
120
-
mA
Overvoltage Level (VFB2/VREF)VOV
150.0
160.0
175.0
%
Undervoltage Level (VFB2/VREF)VUV
48.13
52.5
56.88
%
ISL6528


Similar Part No. - ISL6528CBZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6528CBZ-T INTERSIL-ISL6528CBZ-T Datasheet
390Kb / 13P
   Dual Regulator - Standard Buck PWM and Linear Power Controller
logo
Renesas Technology Corp
ISL6528CBZ-T RENESAS-ISL6528CBZ-T Datasheet
742Kb / 13P
   Dual Regulator - Standard Buck PWM and Linear Power Controller
More results

Similar Description - ISL6528CBZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6528 INTERSIL-ISL6528 Datasheet
390Kb / 13P
   Dual Regulator - Standard Buck PWM and Linear Power Controller
logo
Renesas Technology Corp
ISL6528 RENESAS-ISL6528 Datasheet
742Kb / 13P
   Dual Regulator - Standard Buck PWM and Linear Power Controller
logo
Richtek Technology Corp...
RT9204 RICHTEK-RT9204 Datasheet
282Kb / 14P
   Dual Regulator - Standard Buck PWM DC-DC and Linear Power Controller
RT9204 RICHTEK-RT9204_07 Datasheet
186Kb / 14P
   Dual Regulators - Standard Buck PWM DC-DC and Linear Controller
logo
Intersil Corporation
ISL6529A INTERSIL-ISL6529A Datasheet
376Kb / 15P
   Dual Regulator.Synchronous Rectified Buck PWM and Linear Power Controller
logo
ON Semiconductor
NCP5220A ONSEMI-NCP5220A Datasheet
172Kb / 18P
   3?뭝n?? PWM Dual Buck and Linear Power Controller
December, 2005 ??Rev. 4
logo
Intersil Corporation
ISL6529 INTERSIL-ISL6529 Datasheet
623Kb / 19P
   Dual Regulator.Synchronous Rectified Buck PWM and Linear Power Controller
logo
ON Semiconductor
NCP5220 ONSEMI-NCP5220 Datasheet
174Kb / 18P
   3?뭝n?? PWM Dual Buck and Linear Power Controller
November, 2004 ??Rev. 4
logo
Silicon Standard Corp.
SS7529 SSC-SS7529 Datasheet
587Kb / 8P
   Synchronous Buck PWM and Linear Power Controller
logo
uPI Group Inc.
UP6161 UPI-UP6161 Datasheet
500Kb / 15P
   Single 12V Input Supply Dual Regulator - Synchronous-Buck-PWM and Linear-Regulator Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com