Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ISL6123 Datasheet(PDF) 2 Page - Intersil Corporation

Part No. ISL6123
Description  Power Sequencing Controllers
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6123 Datasheet(HTML) 2 Page - Intersil Corporation

  ISL6123_07 Datasheet HTML 1Page - Intersil Corporation ISL6123_07 Datasheet HTML 2Page - Intersil Corporation ISL6123_07 Datasheet HTML 3Page - Intersil Corporation ISL6123_07 Datasheet HTML 4Page - Intersil Corporation ISL6123_07 Datasheet HTML 5Page - Intersil Corporation ISL6123_07 Datasheet HTML 6Page - Intersil Corporation ISL6123_07 Datasheet HTML 7Page - Intersil Corporation ISL6123_07 Datasheet HTML 8Page - Intersil Corporation ISL6123_07 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
2
FN9005.8
February 5, 2007
Ordering Information
PART NUMBER*
PART MARKING
TEMP.
RANGE (°C)
PACKAGE
PKG.
DWG. #
ISL6123IR
ISL6123IR
-40 to +85
24 Ld 4x4 QFN
L24.4x4
ISL6124IR
ISL6124IR
-40 to +85
24 Ld 4x4 QFN
L24.4x4
ISL6125IR
ISL6125IR
-40 to +85
24 Ld 4x4 QFN
L24.4x4
ISL6126IR
ISL6126IR
-40 to +85
24 Ld 4x4 QFN
L24.4x4
ISL6127IR
ISL6127IR
-40 to +85
24 Ld 4x4 QFN
L24.4x4
ISL6128IR
ISL6128IR
-40 to +85
24 Ld 4x4 QFN
L24.4x4
ISL6123IRZA (Note)
6123IRZ
-40 to +85
24 Ld 4x4 QFN (Pb-free)
L24.4x4
ISL6124IRZA (Note)
6124IRZ
-40 to +85
24 Ld 4x4 QFN (Pb-free)
L24.4x4
ISL6125IRZA (Note)
6125IRZ
-40 to +85
24 Ld 4x4 QFN (Pb-free)
L24.4x4
ISL6126IRZA (Note)
6126IRZ
-40 to +85
24 Ld 4x4 QFN (Pb-free)
L24.4x4
ISL6127IRZA (Note)
6127IRZ
-40 to +85
24 Ld 4x4 QFN (Pb-free)
L24.4x4
ISL6128IRZA (Note)
6128IRZ
-40 to +85
24 Ld 4x4 QFN (Pb-free)
L24.4x4
ISL6130IRZA (Note)
6130IRZ
-40 to +85
24 Ld 4x4 QFN (Pb-free)
L24.4x4
ISL612XSEQEVAL1
ISL612X Evaluation Platform
ISL6125EVAL1
ISL6125 Evaluation Platform
*Add “-T” suffix for tape and reel.
NOTE: Intersil Pb-free plus anneal products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate termination finish, which
are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that
meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
FIGURE 1. TYPICAL ISL6123 APPLICATION
USAGE
ISL6123 Block Diagram (1/4)
AOUT
AIN
BIN
CIN
DIN
BOUT
COUT
DOUT
UVLO_B
UVLO_A
UVLO_D
UVLO_C
ENABLE
SYSRST#
GROUND
RESET#
VDD
EN
SYSRST
UVLOX
0.633V
RESET#
DLY_ONX
1.26V
DLY_OFFX
1.26V
GATEX
LOGIC
1µA
BIAS
LOCK OUT
VDD
RISING DELAY
VDD+5V
Q-PUMP
1µA
1µA
-1µA
30µs
FILTER
150ms
RISING DELAY
10ms
ISL6123, ISL6124, ISL6125, ISL6126, ISL6127, ISL6128, ISL6130


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
UC1861-1868 Resonant-Mode Power Supply Controllers 1  2  3  4  5  More List of Unclassifed Manufacturers
TPS2070_07 FOUR-PORT USB HUB POWER CONTROLLERS 1  2  3  4  5  More Texas Instruments
MAX5953A IEEE 802.3af PD Interface and PWM Controllers with Integrated Power MOSFETs 1  2  3  4  5  More Maxim Integrated Products
MC34261 Power Factor Controllers 1  2  3  4  5  More ON Semiconductor
HIP1015_03 Power Distribution Controllers 1  2  3  4  5  More Intersil Corporation
MC34262_05 Power Factor Controllers 1  2  3  4  5  More ON Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn