Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL96017 Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL96017
Description  128-Tap DCP, 16kbit EEPROM, and I2C Serial Interface
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL96017 Datasheet(HTML) 5 Page - Intersil Corporation

  ISL96017 Datasheet HTML 1Page - Intersil Corporation ISL96017 Datasheet HTML 2Page - Intersil Corporation ISL96017 Datasheet HTML 3Page - Intersil Corporation ISL96017 Datasheet HTML 4Page - Intersil Corporation ISL96017 Datasheet HTML 5Page - Intersil Corporation ISL96017 Datasheet HTML 6Page - Intersil Corporation ISL96017 Datasheet HTML 7Page - Intersil Corporation ISL96017 Datasheet HTML 8Page - Intersil Corporation ISL96017 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
FN8243.1
April 17, 2006
I2C Timing Diagram
tHD:STO
STOP Condition Hold Time
From SDA rising edge to SCL falling edge. Both
crossing 70% of VDD
600
ns
tDH
Output Data Hold Time
From SCL falling edge crossing 30% of VDD,
until SDA enters the 30% to 70% of VDD
window
0ns
tR
SDA and SCL Rise Time
From 30% to 70% of VDD
20+
0.1*Cb
250
ns
tF
SDA and SCL Fall Time
From 70% to 30% of VDD
20+
0.1*Cb
250
ns
Cb
Capacitive Loading of SDA or SCL
Total on-chip and off-chip
10
400
pF
Rpu
SDA and SCL Bus Pull-Up Resistor
Off-Chip
Maximum is determined by tR and tF
For Cb = 400pF, max is about 2~2.5k
For Cb = 40pF, max is about 15~20k
1k
tSU:WP
WP Setup Time
Before START condition
600
ns
tHD:WP
WP Hold Time
After STOP condition
600
ns
NOTES:
2. Typical values are for TA = 25°C and VDD = 3.3V.
3. LSB = (V(RW)127 – V(RW)0)/127. V(RW)127 and V(RW)0 are the voltage at pin RW for the DCP Register set to 7F hex and 00 hex respectively.
4. FSerror = (V(RW)127 – VDD)/LSB
5. ZSerror = V(RW)0/LSB
6. DNL = [(V(RW) i – V(RW) i-1)/LSB] – 1, for i from 1 to 127. i is the DCP Register setting.
7. INL = [V(RW) i – i * LSB – V(RW)0]/LSB, for I = 1 to 127.
8.
for i = 16 to 111, and T = -40°C to 85°C
9. MI = (R0 – R127)/127. MI is minimum increment. R0 and R127 are the resistances between RH and RW with the DCP Register set to 00 hex and
7F hex, respectively.
10. RDNL = (R i – R i-1)/MI – 1, for i from 1 to 111. i is the DCP Register setting.
11. RINL = [R i – (MI * i) – R127]/MI, for i from 1 to 111.
12.
; for i = 1 to 111, and T = -40°C to 85°C
13. tWC is the minimum cycle time to be allowed for any non-volatile Write by the user, unless Acknowledge Polling is used. It is the time from a
valid STOP condition at the end of a Write sequence of a I2C serial interface Write operation, to the end of the self-timed internal non-volatile
write cycle.
14. Parameter is not 100% tested.
Electrical Specifications Over recommended operating conditions unless otherwise stated. All voltages with respect to GND. (Continued)
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
(Note 1)
MAX
UNIT
TC
V
Max V RW
()i
() Min V RW
()i
()
[]
Max V RW
()i
() Min V RW
()i
()
+
() 2
-----------------------------------------------------------------------------------------------
10
6
125
°C
-----------------
×
=
TC
R
Max Ri
() Min Ri
()
[]
Max Ri
() Min Ri
()
+
[] 2
----------------------------------------------------------------
110
6
×
125
°C
-------------------
×
=
tSU:STO
tDH
tHIGH
tSU:STA
tHD:STA
tHD:DAT
tSU:DAT
SCL
SDA
(INPUT TIMING)
SDA
(OUTPUT TIMING)
tF
tLOW
tBUF
tAA
tR
ISL96017


Similar Part No. - ISL96017

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL96017 INTERSIL-ISL96017 Datasheet
1Mb / 8P
   DIGITAL POTENTIOMETERS
logo
Renesas Technology Corp
ISL96017 RENESAS-ISL96017 Datasheet
722Kb / 13P
   128-Tap DCP, 16kbit EEPROM, and I2C Serial Interface
ISL96017UIRT8Z RENESAS-ISL96017UIRT8Z Datasheet
722Kb / 13P
   128-Tap DCP, 16kbit EEPROM, and I2C Serial Interface
ISL96017WIRT8Z RENESAS-ISL96017WIRT8Z Datasheet
722Kb / 13P
   128-Tap DCP, 16kbit EEPROM, and I2C Serial Interface
logo
Intersil Corporation
ISL96017 INTERSIL-ISL96017_12 Datasheet
1Mb / 8P
   DIGITAL POTENTIOMETERS
More results

Similar Description - ISL96017

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL96017 RENESAS-ISL96017 Datasheet
722Kb / 13P
   128-Tap DCP, 16kbit EEPROM, and I2C Serial Interface
logo
Asahi Kasei Microsystem...
AK6004A AKM-AK6004A_02 Datasheet
164Kb / 16P
   I2C bus 4K / 16Kbit Serial CMOS EEPROM
logo
ON Semiconductor
CAV24C128 ONSEMI-CAV24C128_18 Datasheet
269Kb / 16P
   EEPROM Serial 128-Kb I2C
May, 2018 ??Rev. 1
logo
STMicroelectronics
M24C02-R STMICROELECTRONICS-M24C02-R Datasheet
208Kb / 29P
   16Kbit, 8Kbit, 4Kbit, 2Kbit and 1Kbit Serial I2C Bus EEPROM
M24128-DFDW6TP STMICROELECTRONICS-M24128-DFDW6TP Datasheet
1Mb / 40P
   128-Kbit serial I2C bus EEPROM
logo
ON Semiconductor
CAT24C128 ONSEMI-CAT24C128 Datasheet
166Kb / 14P
   128 kb I2C CMOS Serial EEPROM
September, 2009 ??Rev. 11
logo
Microchip Technology
24LC00-I-SN MICROCHIP-24LC00-I-SN Datasheet
380Kb / 24P
   128-Bit I2C??Bus Serial EEPROM
2007
24AA00 MICROCHIP-24AA00_11 Datasheet
788Kb / 34P
   128-Bit I2C??Bus Serial EEPROM
08/02/11
24LC00T MICROCHIP-24LC00T Datasheet
312Kb / 24P
   128-Bit I2C Bus Serial EEPROM
12/08/06
logo
Asahi Kasei Microsystem...
AK6416C AKM-AK6416C Datasheet
139Kb / 14P
   16Kbit Serial CMOS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com