Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL95711WIU10Z Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL95711WIU10Z
Description  Digitally Controlled Potentiometer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL95711WIU10Z Datasheet(HTML) 2 Page - Intersil Corporation

  ISL95711WIU10Z Datasheet HTML 1Page - Intersil Corporation ISL95711WIU10Z Datasheet HTML 2Page - Intersil Corporation ISL95711WIU10Z Datasheet HTML 3Page - Intersil Corporation ISL95711WIU10Z Datasheet HTML 4Page - Intersil Corporation ISL95711WIU10Z Datasheet HTML 5Page - Intersil Corporation ISL95711WIU10Z Datasheet HTML 6Page - Intersil Corporation ISL95711WIU10Z Datasheet HTML 7Page - Intersil Corporation ISL95711WIU10Z Datasheet HTML 8Page - Intersil Corporation ISL95711WIU10Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
FN8241.3
September 5, 2006
Block Diagram
7-BIT
WIPER
REGISTER
7-BIT
NONVOLATILE
MEMORY
STORE AND
RECALL
CONTROL
CIRCUITRY
ONE
OF
128
DECODER
RESISTOR
ARRAY
RH
SDA
SCL
TRANSFER
GATES
RL
RW
CONTROL
AND
MEMORY
V-
RH
RW
RL
SIMPLE BLOCK DIAGRAM
DETAILED BLOCK DIAGRAM
0
1
2
124
125
126
127
VCC
(VOLATILE)
SLAVE
ADDRESS
DECODE
A1
A0
SDA
SCL
A1
A0
GND
Pin Descriptions
PIN NUMBER
SYMBOL
DESCRIPTION
1
SDA
Open drain Data I/O for I2C serial interface
2
V-
Negative supply voltage for the potentiometer wiper control
3
GND
Ground
4
A1
A1 and A0 are address select pins used to set the slave address for the I2C serial interface
5
A0
A1 and A0 are address select pins used to set the slave address for the I2C serial interface
6RH
A fixed terminal for one end of the potentiometer resistor.
7RW
The wiper terminal which is equivalent to the movable terminal of a potentiometer.
8RL
A fixed terminal for one end of the potentiometer resistor.
9VCC
Positive logic supply voltage
10
SCL
Clock input for the I2C serial interface
ISL95711


Similar Part No. - ISL95711WIU10Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL95711WIU10Z INTERSIL-ISL95711WIU10Z Datasheet
333Kb / 12P
   Terminal Voltage 3V or 5V, 128 Taps I2C Serial Interface
logo
Renesas Technology Corp
ISL95711WIU10Z RENESAS-ISL95711WIU10Z Datasheet
871Kb / 14P
   Digitally Controlled Potentiometer (XDCP??, Terminal Voltage 짹2.7V or 짹5V, 128 Taps I2C Serial Interface
logo
Intersil Corporation
ISL95711WIU10Z-T INTERSIL-ISL95711WIU10Z-T Datasheet
333Kb / 12P
   Terminal Voltage 3V or 5V, 128 Taps I2C Serial Interface
More results

Similar Description - ISL95711WIU10Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9C104SIZT1 INTERSIL-X9C104SIZT1 Datasheet
240Kb / 10P
   Digitally Controlled Potentiometer
X9319 INTERSIL-X9319_06 Datasheet
232Kb / 10P
   Digitally Controlled Potentiometer
X9319 INTERSIL-X9319 Datasheet
244Kb / 10P
   Digitally Controlled Potentiometer
X9116WM8Z INTERSIL-X9116WM8Z Datasheet
361Kb / 9P
   Digitally Controlled Potentiometer
February 3, 2011
X9319WS8Z INTERSIL-X9319WS8Z Datasheet
333Kb / 8P
   Digitally Controlled Potentiometer
July 31, 2014
X9C102P INTERSIL-X9C102P Datasheet
237Kb / 10P
   Digitally Controlled Potentiometer
July 20, 2009
logo
Xicor Inc.
X9015 XICOR-X9015 Datasheet
69Kb / 11P
   Digitally-Controlled Potentiometer
logo
Intersil Corporation
X9318WP8 INTERSIL-X9318WP8 Datasheet
246Kb / 10P
   Digitally Controlled Potentiometer
September 14, 2005
X93156 INTERSIL-X93156 Datasheet
262Kb / 8P
   Digitally Controlled Potentiometer
X9315WMZ INTERSIL-X9315WMZ Datasheet
344Kb / 16P
   Digitally Controlled Potentiometer
December 21, 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com