Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL95711 Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL95711
Description  Digitally Controlled Potentiometer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL95711 Datasheet(HTML) 4 Page - Intersil Corporation

  ISL95711_06 Datasheet HTML 1Page - Intersil Corporation ISL95711_06 Datasheet HTML 2Page - Intersil Corporation ISL95711_06 Datasheet HTML 3Page - Intersil Corporation ISL95711_06 Datasheet HTML 4Page - Intersil Corporation ISL95711_06 Datasheet HTML 5Page - Intersil Corporation ISL95711_06 Datasheet HTML 6Page - Intersil Corporation ISL95711_06 Datasheet HTML 7Page - Intersil Corporation ISL95711_06 Datasheet HTML 8Page - Intersil Corporation ISL95711_06 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
FN8241.3
September 5, 2006
Operating Specifications Over the recommended operating conditions unless otherwise specified.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
(Note 1)
MAX
UNITS
ICC1
VCC supply current, volatile write/read fSCL = 400kHz;SDA = Open; (for I
2C, Active,
Read and Volatile Write States only)
200
µA
IV-1
V- supply current, volatile write/read
fSCL = 400kHz;SDA = Open; (for I
2C, Active,
Read and Volatile Write States only)
-100
µA
ICC2
VCC supply current, non volatile write
fSCL = 400kHz; SDA = Open; (for I
2C, Active,
Nonvolatile Write State only)
200
µA
IV-2
V- supply current, nonvolatile write
fSCL = 400kHz; SDA = Open; (for I
2C, Active,
Nonvolatile Write State only)
-3
mA
ICCSB
VCC current (standby)
VCC = +5.5V, I
2C Interface in Standby State
1
µA
VCC = +3.6V, I
2C Interface in Standby State
1
µA
IV-SB
V- current (standby)
V- = -5.5V, I2C Interface in Standby State
-5
µA
V- = -3.6V, I2C Interface in Standby State
-2
µA
ILkgDig
Leakage current, at pins SDA, SCL,
A0, and A1
Voltage at pin from GND to VCC
-10
10
µA
tDCP
(Note 13)
DCP wiper response time
SCL falling edge of last bit of DCP Data Byte to
wiper change
1µs
Vpor
Power-on recall for both V- and VCC
V-
-2.5
V
VCC
2.5
V
V-Ramp
V- ramp rate
0.2
V/ms
tD
(Note 13)
Power-up delay
VCC above Vpor, to DCP Initial Value Register
recall completed, and I2C Interface in standby
state
3ms
EEPROM SPECS
EEPROM Endurance
200,000
Cycles
EEPROM Retention
Temperature
≤ +75°C
50
Years
SERIAL INTERFACE SPECS
VIL
A0, A1, SDA, and SCL input buffer
LOW voltage
-0.3
0.3*VCC
V
VIH
A0, A1, SDA, and SCL input buffer
HIGH voltage
0.7*VCC
VCC+
0.3
V
Hysteresis
SDA and SCL input buffer hysteresis
0.05*
VCC
V
VOL
SDA output buffer LOW voltage,
sinking 4mA
00.4
V
Cpin
(Note 15)
A0, A1, SDA, and SCL pin capacitance
10
pF
fSCL
SCL frequency
400
kHz
tIN
Pulse width suppression time at SDA
and SCL inputs
Any pulse narrower than the max spec is
suppressed.
50
ns
tAA
SCL falling edge to SDA output data
valid
SCL falling edge crossing 30% of VCC, until SDA
exits the 30% to 70% of VCC window.
900
ns
tBUF
Time the bus must be free before the
start of a new transmission
SDA crossing 70% of VCC during a STOP
condition, to SDA crossing 70% of VCC during
the following START condition.
1300
ns
tLOW
Clock LOW time
Measured at the 30% of VCC crossing.
1300
ns
tHIGH
Clock HIGH time
Measured at the 70% of VCC crossing.
600
ns
tSU:STA
START condition setup time
SCL rising edge to SDA falling edge. Both
crossing 70% of VCC.
600
ns
ISL95711


Similar Part No. - ISL95711_06

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL95711UIU10Z INTERSIL-ISL95711UIU10Z Datasheet
333Kb / 12P
   Terminal Voltage 3V or 5V, 128 Taps I2C Serial Interface
logo
Renesas Technology Corp
ISL95711UIU10Z RENESAS-ISL95711UIU10Z Datasheet
871Kb / 14P
   Digitally Controlled Potentiometer (XDCP??, Terminal Voltage 짹2.7V or 짹5V, 128 Taps I2C Serial Interface
logo
Intersil Corporation
ISL95711UIU10Z-T INTERSIL-ISL95711UIU10Z-T Datasheet
333Kb / 12P
   Terminal Voltage 3V or 5V, 128 Taps I2C Serial Interface
ISL95711WIU10Z INTERSIL-ISL95711WIU10Z Datasheet
333Kb / 12P
   Terminal Voltage 3V or 5V, 128 Taps I2C Serial Interface
logo
Renesas Technology Corp
ISL95711WIU10Z RENESAS-ISL95711WIU10Z Datasheet
871Kb / 14P
   Digitally Controlled Potentiometer (XDCP??, Terminal Voltage 짹2.7V or 짹5V, 128 Taps I2C Serial Interface
More results

Similar Description - ISL95711_06

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9C104SIZT1 INTERSIL-X9C104SIZT1 Datasheet
240Kb / 10P
   Digitally Controlled Potentiometer
X9319 INTERSIL-X9319_06 Datasheet
232Kb / 10P
   Digitally Controlled Potentiometer
X9319 INTERSIL-X9319 Datasheet
244Kb / 10P
   Digitally Controlled Potentiometer
X9116WM8Z INTERSIL-X9116WM8Z Datasheet
361Kb / 9P
   Digitally Controlled Potentiometer
February 3, 2011
X9319WS8Z INTERSIL-X9319WS8Z Datasheet
333Kb / 8P
   Digitally Controlled Potentiometer
July 31, 2014
X9C102P INTERSIL-X9C102P Datasheet
237Kb / 10P
   Digitally Controlled Potentiometer
July 20, 2009
logo
Xicor Inc.
X9015 XICOR-X9015 Datasheet
69Kb / 11P
   Digitally-Controlled Potentiometer
logo
Intersil Corporation
X9318WP8 INTERSIL-X9318WP8 Datasheet
246Kb / 10P
   Digitally Controlled Potentiometer
September 14, 2005
X93156 INTERSIL-X93156 Datasheet
262Kb / 8P
   Digitally Controlled Potentiometer
X9315WMZ INTERSIL-X9315WMZ Datasheet
344Kb / 16P
   Digitally Controlled Potentiometer
December 21, 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com