Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FIN1028MPX Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # FIN1028MPX
Description  3.3V LVDS 2-Bit High Speed Differential Receiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FIN1028MPX Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button FIN1028MPX Datasheet HTML 2Page - Fairchild Semiconductor FIN1028MPX Datasheet HTML 3Page - Fairchild Semiconductor FIN1028MPX Datasheet HTML 4Page - Fairchild Semiconductor FIN1028MPX Datasheet HTML 5Page - Fairchild Semiconductor FIN1028MPX Datasheet HTML 6Page - Fairchild Semiconductor FIN1028MPX Datasheet HTML 7Page - Fairchild Semiconductor FIN1028MPX Datasheet HTML 8Page - Fairchild Semiconductor FIN1028MPX Datasheet HTML 9Page - Fairchild Semiconductor FIN1028MPX Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
www.fairchildsemi.com
Tape and Reel Specification
TAPE FORMAT for MLP
MLP Embossed Tape Dimensions (Dimensions are in millimeters)
REEL DIMENSIONS (millimeters)
Package
Ao
Bo
D
D1
EF
Ko
P1
Po
P2
TTC
WWc
±0.10 ±0.10 ±0.05
Min
±0.1
±0.1
±0.1
TYP
TYP
±0/05
TYP
±0.005 ±0.3
TYP
2 x 2
2.30
2.30
1.55
1.0
1.75
3.5
1.0
8.0
4.0
2.0
0.3
0.06
8.0
5.3
Tape Width
Dia A
Dim B
Dia C
Dia D
Dim N
Dim W1
Dim W2
Dim W3
Max
Min
+0.5/−0.2
Min
Min
+2/−0Max
(LSL - USL)
8 mm
330
1.5
13
20.2
178
8.4
14.4
7.9
∼ 10.4


Similar Part No. - FIN1028MPX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FIN1028MPX FAIRCHILD-FIN1028MPX Datasheet
1Mb / 9P
   3.3V LVDS 2-Bit High Speed Differential Receiver
More results

Similar Description - FIN1028MPX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FIN1026 FAIRCHILD-FIN1026 Datasheet
226Kb / 5P
   3.3V LVDS 2-Bit High Speed Differential Receiver
FIN1028 FAIRCHILD-FIN1028 Datasheet
1Mb / 9P
   3.3V LVDS 2-Bit High Speed Differential Receiver
logo
ON Semiconductor
FIN1028 ONSEMI-FIN1028 Datasheet
750Kb / 12P
   3.3V LVDS 2-Bit High-Speed Differential Receiver
August 2008 Rev. 1.0.2
logo
Fairchild Semiconductor
FIN1018 FAIRCHILD-FIN1018 Datasheet
1Mb / 8P
   3.3V LVDS 1-Bit High Speed Differential Receiver
FIN1032 FAIRCHILD-FIN1032 Datasheet
246Kb / 6P
   3.3V LVDS 4-Bit High Speed Differential Receiver
logo
ON Semiconductor
FIN1032 ONSEMI-FIN1032 Datasheet
340Kb / 8P
   3.3V LVDS 4-Bit High Speed Differential Receiver
Revised December 2001
FIN1018 ONSEMI-FIN1018 Datasheet
1Mb / 10P
   3.3V LVDS 1-Bit High Speed Differential Receiver
Revised April 2002
logo
Fairchild Semiconductor
FIN1027 FAIRCHILD-FIN1027 Datasheet
946Kb / 12P
   3.3V LVDS 2-Bit High Speed Differential Driver
FIN1025 FAIRCHILD-FIN1025 Datasheet
264Kb / 7P
   3.3V LVDS 2-Bit High Speed Differential Driver
logo
ON Semiconductor
FIN1027A ONSEMI-FIN1027A Datasheet
752Kb / 13P
   3.3V LVDS, 2-Bit, High-Speed, Differential Driver
April 2009 Rev. 1.0.3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com