Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FIN24C Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FIN24C
Description  uSerDes?줝ow-Voltage 24-Bit Bi-Directional Serializer/Deserializer
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FIN24C Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FIN24C Datasheet HTML 1Page - Fairchild Semiconductor FIN24C Datasheet HTML 2Page - Fairchild Semiconductor FIN24C Datasheet HTML 3Page - Fairchild Semiconductor FIN24C Datasheet HTML 4Page - Fairchild Semiconductor FIN24C Datasheet HTML 5Page - Fairchild Semiconductor FIN24C Datasheet HTML 6Page - Fairchild Semiconductor FIN24C Datasheet HTML 7Page - Fairchild Semiconductor FIN24C Datasheet HTML 8Page - Fairchild Semiconductor FIN24C Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
©2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FIN24C Rev. 1.0.2
5
Control Logic Circuitry
The FIN24C has four signals that are selectable as two
unidirectional inputs and two unidirectional outputs, or as
four unidirectional inputs or four unidirectional outputs.
These are often used by applications for control signals.
The mode signals S1 and S2 determine the direction of
the DP[21:24] data signals. The 00 state provides for a
power-down state where all functionality of the device is
disabled or reset. The DIRI terminal controls the direc-
tion of the device in Modes 1 and 3. When in Mode 2, the
direction is controlled by both the DIRI and STROBE sig-
nals. Table 1 provides a complete description of the vari-
ous modes of operation. For unidirectional operation, the
DIRI terminal should be hardwired to a valid logic level
and the DIRO terminal should be left floating. For bi-
directional operation, the DIRO of the master device
should be connected to the DIRI of the slave device.
When operating in a bi-directional mode, the turn-around
functionality is dependent on the mode of the device. For
Modes 1 and 3, the device asynchronously passes and
inverts the DIRI signal through the device to the DIRO
signal. Care must be taken during design to ensure that
no contention occurs between the deserializer outputs
and the other devices on this port. Optimally the periph-
eral device driving the serializer should be in a HIGH-
impedance state prior to the DIRI signal being asserted.
When a device with dedicated data outputs turns from a
deserializer to a serializer, the dedicated outputs remain
at the last logical value asserted. This value only
changes if the device is once again turned around into a
deserializer and the values are overwritten.
When the device is in Mode 2 (S2 = 1, S1 = 0), the direc-
tion of operation is dependent upon both the STROBE
signal and the DIRI signal. At power-up, the mode select
signals are both LOW and the DIRO signal is the inver-
sion of the DIRI signal. After power-up, the DIRI and
STROBE signal should initially both be HIGH. When
STROBE goes LOW the device is configured as a serial-
izer and DIRO will be forced LOW. The device remains
a serializer until the DIRI signal goes LOW. When DIRI
goes LOW, the device is re-configured as a deserializer
and the DIRO signal is asserted HIGH.
When operating the SerDes in pairs, not all operating
modes are compatible. Regardless of the mode of oper-
ation, the serializer is always sending 24 bits of data and
two word boundary bits. The deserializer is always
receiving 24 bits of data and two word boundary bits. For
some modes of operation, not all of the data bits are
valid because some pins are dedicated inputs or outputs.
A value of “0” is sent in the serial stream for all invalid
data bits.
Table 1. Control Logic Circuitry
Mode
Number
Inputs
Output
Device
State
Description
S2
S1
STROBE
DIRI
DIRO
0
0
0
x
0
1
na
Power-Down State. The device is
powered down and disabled
regardless of all other signals.
x1
0
na
1
0
1
x
0
1
Des
4-Bit Unidirectional Control Mode
DP[21:24] are outputs
x1
0
Ser
2
1
0
0
0
1
Des
4-Bit Unidirectional Control Mode
DP[21:24] are inputs
STROBE and DIRI operate as an
RS-Latch to change the state of
operation.
In general, DIRI and Strobe should
not be LOW at the same time.
01
0
Ser
10
1
Des
1
1
DIRO (n-1)
Previous
3
1
1
x
0
1
Des
2-Bit Unidirectional Control Mode
DP[21:22] are Inputs
DP[23:24] Outputs
1
1
x
1
0
Ser
2-Bit Unidirectional Control Mode
DP[21:22] are Inputs
DP[23:24] Outputs


Similar Part No. - FIN24C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FIN24C FAIRCHILD-FIN24C Datasheet
758Kb / 22P
   uSerDes Low Voltage 24-Bit Bi-Directional Serializer/Deserializer
FIN24CGFX FAIRCHILD-FIN24CGFX Datasheet
758Kb / 22P
   uSerDes Low Voltage 24-Bit Bi-Directional Serializer/Deserializer
FIN24CMLX FAIRCHILD-FIN24CMLX Datasheet
758Kb / 22P
   uSerDes Low Voltage 24-Bit Bi-Directional Serializer/Deserializer
More results

Similar Description - FIN24C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FIN24C FAIRCHILD-FIN24C Datasheet
758Kb / 22P
   uSerDes Low Voltage 24-Bit Bi-Directional Serializer/Deserializer
FIN224AC FAIRCHILD-FIN224AC Datasheet
539Kb / 23P
   USerDes 22-Bit Bi-Directional Serializer/Deserializer
FIN224AC_0611 FAIRCHILD-FIN224AC_0611 Datasheet
497Kb / 23P
   uSerDes 22-Bit Bi-Directional Serializer/Deserializer
FIN12AC FAIRCHILD-FIN12AC_06 Datasheet
514Kb / 24P
   uSerDes Low-Voltage 12-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges
FIN24AC FAIRCHILD-FIN24AC_07 Datasheet
389Kb / 25P
   22-Bit Bi-Directional Serializer/Deserializer
FIN224AC FAIRCHILD-FIN224AC_08 Datasheet
1Mb / 19P
   22-Bit Bi-Directional Serializer/Deserializer
FIN224AC FAIRCHILD-FIN224AC_11 Datasheet
1Mb / 19P
   22-Bit Bi-Directional Serializer/Deserializer
FIN24AC FAIRCHILD-FIN24AC Datasheet
708Kb / 21P
   USerDesTM 22-Bit Bi-Directional Serializer/Deserializer
FIN24A FAIRCHILD-FIN24A Datasheet
1Mb / 20P
   Low Voltage 24-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges (Preliminary)
FIN12AC FAIRCHILD-FIN12AC_08 Datasheet
642Kb / 21P
   Low-Voltage 12-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com