Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FIN24C Datasheet(PDF) 23 Page - Fairchild Semiconductor

Part # FIN24C
Description  uSerDes?줝ow-Voltage 24-Bit Bi-Directional Serializer/Deserializer
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FIN24C Datasheet(HTML) 23 Page - Fairchild Semiconductor

Back Button FIN24C Datasheet HTML 17Page - Fairchild Semiconductor FIN24C Datasheet HTML 18Page - Fairchild Semiconductor FIN24C Datasheet HTML 19Page - Fairchild Semiconductor FIN24C Datasheet HTML 20Page - Fairchild Semiconductor FIN24C Datasheet HTML 21Page - Fairchild Semiconductor FIN24C Datasheet HTML 22Page - Fairchild Semiconductor FIN24C Datasheet HTML 23Page - Fairchild Semiconductor FIN24C Datasheet HTML 24Page - Fairchild Semiconductor FIN24C Datasheet HTML 25Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 23 / 25 page
background image
©2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FIN24C Rev. 1.0.2
23
Physical Dimensions
Dimensions are in millimeters unless otherwise noted.
Figure 31. Pb-Free, 42-Ball, Ultra Small Scale Ball Grid Array (USS-BGA), JEDEC MO-195, 3.5mm Wide
BOTTOM VIEW
3.50
4.50
0.5
0.5
3.0
2.5
Ø0.3±0.05
SEATING PLANE
0.23±0.05
0.45±0.05
(0.75)
(0.5)
(0.35)
(0.6)
0.08 C
0.10 C
0.10 C
0.89±0.082
1.00 MAX
0.21±0.04
(QA CONTROL VALUE)
0.10 C
C
0.15
C A B
0.05
C
X42
TERMINAL
A1 CORNER
INDEX AREA
2X
2X
0.2
+0.1
-0.0
LAND PATTERN
RECOMMENDATION


Similar Part No. - FIN24C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FIN24C FAIRCHILD-FIN24C Datasheet
758Kb / 22P
   uSerDes Low Voltage 24-Bit Bi-Directional Serializer/Deserializer
FIN24CGFX FAIRCHILD-FIN24CGFX Datasheet
758Kb / 22P
   uSerDes Low Voltage 24-Bit Bi-Directional Serializer/Deserializer
FIN24CMLX FAIRCHILD-FIN24CMLX Datasheet
758Kb / 22P
   uSerDes Low Voltage 24-Bit Bi-Directional Serializer/Deserializer
More results

Similar Description - FIN24C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FIN24C FAIRCHILD-FIN24C Datasheet
758Kb / 22P
   uSerDes Low Voltage 24-Bit Bi-Directional Serializer/Deserializer
FIN224AC FAIRCHILD-FIN224AC Datasheet
539Kb / 23P
   USerDes 22-Bit Bi-Directional Serializer/Deserializer
FIN224AC_0611 FAIRCHILD-FIN224AC_0611 Datasheet
497Kb / 23P
   uSerDes 22-Bit Bi-Directional Serializer/Deserializer
FIN12AC FAIRCHILD-FIN12AC_06 Datasheet
514Kb / 24P
   uSerDes Low-Voltage 12-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges
FIN24AC FAIRCHILD-FIN24AC_07 Datasheet
389Kb / 25P
   22-Bit Bi-Directional Serializer/Deserializer
FIN224AC FAIRCHILD-FIN224AC_08 Datasheet
1Mb / 19P
   22-Bit Bi-Directional Serializer/Deserializer
FIN224AC FAIRCHILD-FIN224AC_11 Datasheet
1Mb / 19P
   22-Bit Bi-Directional Serializer/Deserializer
FIN24AC FAIRCHILD-FIN24AC Datasheet
708Kb / 21P
   USerDesTM 22-Bit Bi-Directional Serializer/Deserializer
FIN24A FAIRCHILD-FIN24A Datasheet
1Mb / 20P
   Low Voltage 24-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges (Preliminary)
FIN12AC FAIRCHILD-FIN12AC_08 Datasheet
642Kb / 21P
   Low-Voltage 12-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com