Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FMB3904 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FMB3904
Description  NPN Multi-Chip General Purpose Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FMB3904 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FMB3904 Datasheet HTML 1Page - Fairchild Semiconductor FMB3904 Datasheet HTML 2Page - Fairchild Semiconductor FMB3904 Datasheet HTML 3Page - Fairchild Semiconductor FMB3904 Datasheet HTML 4Page - Fairchild Semiconductor FMB3904 Datasheet HTML 5Page - Fairchild Semiconductor FMB3904 Datasheet HTML 6Page - Fairchild Semiconductor FMB3904 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
4
Typical Characteristics
Base-Emitter ON Voltage vs
Collector Current
0.1
1
10
100
0.2
0.4
0.6
0.8
1
I
- COLLECTOR CURRENT (mA)
C
V
= 5V
CE
25 °C
125 °C
- 40 °C
Base-Emitter Saturation
Voltage vs Collector Current
0.1
1
10
100
0.4
0.6
0.8
1
I
- COLLECTOR CURRENT (mA)
C
β = 10
25 °C
125 °C
- 40 °C
Collector-Emitter Saturation
Voltage vs Collector Current
0.1
1
10
100
0.05
0.1
0.15
I
- COLLECTOR CURRENT (mA)
25 °C
C
β = 10
125 °C
- 40 °C
Collector-Cutoff Current
vs Ambient Temperature
25
50
75
100
125
150
0.1
1
10
100
500
T - AMBIENT TEMPERATURE ( C)
A
V
= 30V
CB
°
Capacitance vs
Reverse Bias Voltage
0.1
1
10
100
1
2
3
4
5
10
REVERSE BIAS VOLTAGE (V)
C obo
C ibo
f = 1.0 MHz
Typical Pulsed Current Gain
vs Collector Current
0.1
1
10
100
0
100
200
300
400
500
I
- COLLECTOR CURRENT (mA)
- 40 °C
25 °C
C
V
= 5V
CE
125 °C
NPN Multi-Chip General Purpose Amplifier
(continued)


Similar Part No. - FMB3904

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMB3904 FAIRCHILD-FMB3904 Datasheet
77Kb / 5P
   NPN General Purpose Amplifier
More results

Similar Description - FMB3904

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMB100 FAIRCHILD-FMB100 Datasheet
44Kb / 3P
   NPN Multi-Chip General Purpose Amplifier
logo
ON Semiconductor
FMBA06 ONSEMI-FMBA06 Datasheet
161Kb / 7P
   NPN Multi-Chip General Purpose Amplifier
1998
logo
Fairchild Semiconductor
BC847BS FAIRCHILD-BC847BS Datasheet
199Kb / 3P
   NPN Multi-chip General Purpose Amplifier
FFB2222A FAIRCHILD-FFB2222A_1 Datasheet
88Kb / 7P
   NPN Multi-Chip General Purpose Amplifier
BC847S FAIRCHILD-BC847S Datasheet
51Kb / 5P
   NPN Multi-Chip General Purpose Amplifier
FFB2222A FAIRCHILD-FFB2222A Datasheet
61Kb / 5P
   NPN Multi-Chip General Purpose Amplifier
FMBA06 FAIRCHILD-FMBA06 Datasheet
53Kb / 4P
   NPN Multi-Chip General Purpose Amplifier
logo
Guangdong Kexin Industr...
KC847S KEXIN-KC847S Datasheet
42Kb / 1P
   NPN Multi-Chip General Purpose Amplifier
logo
Fairchild Semiconductor
FMB200 FAIRCHILD-FMB200 Datasheet
50Kb / 4P
   PNP Multi-Chip General Purpose Amplifier
FFB2907A FAIRCHILD-FFB2907A_1 Datasheet
90Kb / 7P
   PNP Multi-Chip General Purpose Amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com