Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FFB2222A Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part No. FFB2222A
Description  NPN Multi-Chip General Purpose Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

FFB2222A Datasheet(HTML) 2 Page - Fairchild Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Electrical Characteristics
T
A
= 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Min
Typ
Max Units
OFF CHARACTERISTICS
ON CHARACTERISTICS
V(BR)CEO
Collector-Emitter Breakdown
Voltage*
IC = 10 mA, IB = 0
40
V
V(BR)CBO
Collector-Base Breakdown Voltage
IC = 10
µA, IE = 0
75
V
V(BR)EBO
Emitter-Base Breakdown Voltage
IE = 10
µA, IC = 0
5.0
V
ICBO
Collector Cutoff Current
VCB = 60 V, IE = 0
10
nA
IEBO
Emitter Cutoff Current
VEB = 3.0 V, IC = 0
10
nA
hFE
DC Current Gain
IC = 0.1 mA, VCE = 10 V
IC = 1.0 mA, VCE = 10 V
IC = 10 mA, VCE = 10 V
IC = 150 mA, VCE = 10 V*
IC = 150 mA, VCE = 1.0 V*
IC = 500 mA, VCE = 10 V*
35
50
75
100
50
40
300
VCE(sat)
Collector-Emitter Saturation Voltage*
IC = 150 mA, IB = 15 mA
IC = 500 mA, IB = 50 mA
0.3
1.0
V
V
VBE(sat)
Base-Emitter Saturation Voltage*
IC = 150 mA, IB = 15 mA
IC = 500 mA, IB = 50 mA
1.2
2.0
V
V
NPN Multi-Chip General Purpose Amplifier
(continued)
Spice Model
NPN (Is=14.34f Xti=3 Eg=1.11 Vaf=74.03 Bf=255.9 Ne=1.307 Ise=14.34f Ikf=.2847 Xtb=1.5 Br=6.092 Nc=2 Isc=0
Ikr=0 Rc=1 Cjc=7.306p Mjc=.3416 Vjc=.75 Fc=.5 Cje=22.01p Mje=.377 Vje=.75 Tr=46.91n Tf=411.1p Itf=.6
Vtf=1.7 Xtf=3 Rb=10)
SMALL SIGNAL CHARACTERISTICS
fT
Current Gain - Bandwidth Product
IC = 20 mA, VCE = 20 V,
f = 100 MHz
300
MHz
Cobo
Output Capacitance
VCB = 10 V, IE = 0, f = 100 kHz
4.0
pF
Cibo
Input Capacitance
VEB = 0.5 V, IC = 0, f = 100 kHz
20
pF
NF
Noise Figure
IC = 100
µA, VCE = 10 V,
RS = 1.0 k
Ω, f = 1.0 kHz
2.0
dB
SWITCHING CHARACTERISTICS
*Pulse Test: Pulse Width ≤ 300 µs, Duty Cycle ≤ 2.0%
td
Delay Time
VCC = 30 V, VBE(OFF) = 0.5 V,
8
ns
tr
Rise Time
IC = 150 mA, IB1 = 15 mA
20
ns
ts
Storage Time
VCC = 30 V, IC = 150 mA,
180
ns
tf
Fall Time
IB1 = IB2 = 15 mA
40
ns


Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
2N3704_02NPN General Purpose Amplifier 1 2 3 Fairchild Semiconductor
2N5172_01NPN General Purpose Amplifier 1 2 3 4 5 MoreFairchild Semiconductor
2N5962_01NPN General Purpose Amplifier 1 2 3 4 5 MoreFairchild Semiconductor
2N3859A_02NPN General Purpose Amplifier 1 2 3 Fairchild Semiconductor
2N5307_02NPN General Purpose Amplifier 1 2 3 4 Fairchild Semiconductor
BCP54_00NPN General Purpose Amplifier 1 2 3 4 5 MoreFairchild Semiconductor
2N5551NPN General Purpose Amplifier 1 2 3 4 5 Fairchild Semiconductor
2N3903_01NPN General Purpose Amplifier 1 2 3 4 5 MoreFairchild Semiconductor
2N3904NPN GENERAL PURPOSE AMPLIFIER 1 2 3 Unisonic Technologies
MMBT5088NPN GENERAL PURPOSE AMPLIFIER 1 2 3 4 5 MoreUnisonic Technologies

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn