Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FFB2222A Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part No. FFB2222A
Description  NPN Multi-Chip General Purpose Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

FFB2222A Datasheet(HTML) 1 Page - Fairchild Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
4
NPN Multi-Chip General Purpose Amplifier
Absolute Maximum Ratings*
T
A
= 25°C unless otherwise noted
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
NOTES:
1) These ratings are based on a maximum junction temperature of 150 degrees C.
2) These are steady state limits. The factory should be consulted on applications involving pulsed or low duty cycle operations.
Symbol
Parameter
Value
Units
VCEO
Collector-Emitter Voltage
40
V
VCBO
Collector-Base Voltage
75
V
VEBO
Emitter-Base Voltage
5.0
V
IC
Collector Current - Continuous
500
mA
TJ, Tstg
Operating and Storage Junction Temperature Range
-55 to +150
°C
 1998 Fairchild Semiconductor Corporation
Thermal Characteristics
T
A
= 25°C unless otherwise noted
Symbol
Characteristic
Max
Units
FFB2222A
FMB2222A
MMPQ2222A
PD
Total Device Dissipation
Derate above 25
°C
300
2.4
700
5.6
1,000
8.0
mW
mW/
°C
RθJA
Thermal Resistance, Junction to Ambient
Effective 4 Die
Each Die
415
180
125
240
°C/W
°C/W
°C/W
FFB2222A
FMB2222A
SuperSOT
-6
Mark: .1P
Dot denotes pin #1
C1
E1
C2
B1
E2
B2
pin #1
This device is for use as a medium power amplifier and switch requiring collector
currents up to 500 mA. Sourced from Process 19.
MMPQ2222A
SOIC-16
Mark:
MMPQ2222A
C1
C1
C2
C2
C3
C3
C4
C4
E1
B1
E2
B2
E3
B3
E4
B4
pin #1
NOTE: The pinouts are symmetrical; pin 1 and pin
4 are interchangeable. Units inside the carrier can
be of either orientation and will not affect the
functionality of the device.
C1
B2
E2
E1
B1
C2
pin #1
SC70-6
Mark: .1P


Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
2N3704_02NPN General Purpose Amplifier 1 2 3 Fairchild Semiconductor
2N5172_01NPN General Purpose Amplifier 1 2 3 4 5 MoreFairchild Semiconductor
2N5962_01NPN General Purpose Amplifier 1 2 3 4 5 MoreFairchild Semiconductor
2N3859A_02NPN General Purpose Amplifier 1 2 3 Fairchild Semiconductor
2N5307_02NPN General Purpose Amplifier 1 2 3 4 Fairchild Semiconductor
BCP54_00NPN General Purpose Amplifier 1 2 3 4 5 MoreFairchild Semiconductor
2N5551NPN General Purpose Amplifier 1 2 3 4 5 Fairchild Semiconductor
2N3903_01NPN General Purpose Amplifier 1 2 3 4 5 MoreFairchild Semiconductor
2N3904NPN GENERAL PURPOSE AMPLIFIER 1 2 3 Unisonic Technologies
MMBT5088NPN GENERAL PURPOSE AMPLIFIER 1 2 3 4 5 MoreUnisonic Technologies

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn