Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9C103PI Datasheet(PDF) 5 Page - Intersil Corporation

Part # X9C103PI
Description  Digitally Controlled Potentiometer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9C103PI Datasheet(HTML) 5 Page - Intersil Corporation

  X9C103PI Datasheet HTML 1Page - Intersil Corporation X9C103PI Datasheet HTML 2Page - Intersil Corporation X9C103PI Datasheet HTML 3Page - Intersil Corporation X9C103PI Datasheet HTML 4Page - Intersil Corporation X9C103PI Datasheet HTML 5Page - Intersil Corporation X9C103PI Datasheet HTML 6Page - Intersil Corporation X9C103PI Datasheet HTML 7Page - Intersil Corporation X9C103PI Datasheet HTML 8Page - Intersil Corporation X9C103PI Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
FN8222.1
December 20, 2006
D.C. OPERATING CHARACTERISTICS (Over recommended operating conditions unless otherwise specified.)
ENDURANCE AND DATA RETENTION
A.C. CONDITIONS OF TEST
Symbol
Parameter
Limits
Unit
Test Conditions
Min. Typ.(4)
Max.
ICC
VCC active current
1
3
mA
CS = VIL, U/D = VIL or VIH and
INC = 0.4V to 2.4V @ max. tCYC
ISB
Standby supply current
200
750
µA
CS = VCC - 0.3V, U/D and INC = VSS
or VCC -0.3V
ILI
CS, INC, U/D input leakage
current
±10
µA
VIN = VSS to VCC
VIH
CS, INC, U/D input HIGH
voltage
2V
VIL
CS, INC, U/D input LOW
voltage
0.8
V
CIN(5)
CS, INC, U/D input
capacitance
10
pF
VCC = 5V, VIN = VSS, TA = 25°C, f = 1MHz
Parameter
Min.
Unit
Minimum endurance
100,000
Data changes per bit per register
Data retention
100
years
Input pulse levels
0V to 3V
Input rise and fall times
10ns
Input reference levels
1.5V
Test Circuit #1
Test Circuit #2
Test Circuit #3
Test Point
VW/RW
VR/RH
VS
VL/RL
Force
Current
VH/RH
Test Point
VW/RW
VL/RL
RH
CH
10pF
CW
RL
CL
RW
RTOTAL
25pF
10pF
Macro Model
X9C102, X9C103, X9C104, X9C503


Similar Part No. - X9C103PI

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9C103PI XICOR-X9C103PI Datasheet
83Kb / 15P
   E2POT??Nonvolatile Digital Potentiometer
logo
Intersil Corporation
X9C103PI INTERSIL-X9C103PI Datasheet
257Kb / 11P
   Digitally Controlled Pot (XDCP)
X9C103PI INTERSIL-X9C103PI Datasheet
240Kb / 10P
   Wiper Position Stored in Non-volatile Memory and Recalled on Power-up
X9C103PI INTERSIL-X9C103PI Datasheet
240Kb / 10P
   Wiper Position Stored in Non-volatile Memory and Recalled on Power-up
X9C103PI INTERSIL-X9C103PI Datasheet
240Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
More results

Similar Description - X9C103PI

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9C104SIZT1 INTERSIL-X9C104SIZT1 Datasheet
240Kb / 10P
   Digitally Controlled Potentiometer
X9319 INTERSIL-X9319_06 Datasheet
232Kb / 10P
   Digitally Controlled Potentiometer
ISL95711 INTERSIL-ISL95711_06 Datasheet
534Kb / 13P
   Digitally Controlled Potentiometer
X9319 INTERSIL-X9319 Datasheet
244Kb / 10P
   Digitally Controlled Potentiometer
X9116WM8Z INTERSIL-X9116WM8Z Datasheet
361Kb / 9P
   Digitally Controlled Potentiometer
February 3, 2011
X9319WS8Z INTERSIL-X9319WS8Z Datasheet
333Kb / 8P
   Digitally Controlled Potentiometer
July 31, 2014
X9C102P INTERSIL-X9C102P Datasheet
237Kb / 10P
   Digitally Controlled Potentiometer
July 20, 2009
logo
Xicor Inc.
X9015 XICOR-X9015 Datasheet
69Kb / 11P
   Digitally-Controlled Potentiometer
logo
Intersil Corporation
X9318WP8 INTERSIL-X9318WP8 Datasheet
246Kb / 10P
   Digitally Controlled Potentiometer
September 14, 2005
X93156 INTERSIL-X93156 Datasheet
262Kb / 8P
   Digitally Controlled Potentiometer
X9315WMZ INTERSIL-X9315WMZ Datasheet
344Kb / 16P
   Digitally Controlled Potentiometer
December 21, 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com