Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDS9933 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FDS9933
Description  Dual P-Channel 2.5V Specified PowerTrench MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS9933 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FDS9933_06 Datasheet HTML 1Page - Fairchild Semiconductor FDS9933_06 Datasheet HTML 2Page - Fairchild Semiconductor FDS9933_06 Datasheet HTML 3Page - Fairchild Semiconductor FDS9933_06 Datasheet HTML 4Page - Fairchild Semiconductor FDS9933_06 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
FDS9933 Rev C
Electrical Characteristics
T
A
= 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
Off Characteristics
BVDSS
Drain–Source Breakdown Voltage
VGS = 0 V, ID = –250
µA
–20
V
∆BVDSS
∆T
J
Breakdown Voltage Temperature
Coefficient
ID = –250
µA, Referenced to 25°C
–12
mV/
°C
IDSS
Zero Gate Voltage Drain Current
VDS = –16 V,
VGS = 0 V
–1
µA
IGSS
Gate–Body Leakage
VGS = ±12 V,
VDS = 0 V
±100
nA
On Characteristics
(Note 2)
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = –250
µA
–0.6
–0.8
–1.2
V
∆VGS(th)
∆T
J
Gate Threshold Voltage
Temperature Coefficient
ID = –250
µA, Referenced to 25°C
3
mV/
°C
RDS(on)
Static Drain–Source
On–Resistance
VGS = –4.5 V,
ID = –3.2 A
VGS = –2.5 V,
ID = –1.0 A
44
72
55
90
m
ID(on)
On–State Drain Current
VGS = –4.5 V,
VDS = –5 V
–16
A
gFS
Forward Transconductance
VDS = –9 V,
ID = –3.4 A
8
S
Dynamic Characteristics
Ciss
Input Capacitance
825
pF
Coss
Output Capacitance
420
pF
Crss
Reverse Transfer Capacitance
VDS = –10 V,
V GS = 0 V,
f = 1.0 MHz
150
pF
Switching Characteristics (Note 2)
td(on)
Turn–On Delay Time
16
40
ns
tr
Turn–On Rise Time
46
80
ns
td(off)
Turn–Off Delay Time
40
70
ns
tf
Turn–Off Fall Time
VDD = –10 V,
ID = –1 A,
VGS = –4.5 V,
RGEN = 6
25
40
ns
Qg
Total Gate Charge
10
20
nC
Qgs
Gate–Source Charge
2.1
nC
Qgd
Gate–Drain Charge
VDS = –6 V,
ID = –3.2A,
VGS = –4.5 V
3.3
nC
Drain–Source Diode Characteristics and Maximum Ratings
IS
Maximum Continuous Drain–Source Diode Forward Current
–2.0
A
VSD
Drain–Source Diode Forward
Voltage
VGS = 0 V,
IS = –2.0 A (Note 2)
–0.7
–1.2
V
Notes:
1. RθJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the solder mounting surface of
the drain pins. RθJC is guaranteed by design while RθCA is determined by the user's board design.
a)
78°C/W when
mounted on a
0.5in
2 pad of 2
oz copper
b)
125°C/W when
mounted on a
0.02 in
2 pad of
2 oz copper
c)
135°C/W when
mounted on a
minimum pad.
Scale 1 : 1 on letter size paper
2. Pulse Test: Pulse Width < 300
µs, Duty Cycle < 2.0%


Similar Part No. - FDS9933_06

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
FDS9933-NL VBSEMI-FDS9933-NL Datasheet
1Mb / 9P
   Dual P-Channel 30-V (D-S) MOSFET
logo
Fairchild Semiconductor
FDS9933A FAIRCHILD-FDS9933A Datasheet
191Kb / 8P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
logo
VBsemi Electronics Co.,...
FDS9933A-NL VBSEMI-FDS9933A-NL Datasheet
1Mb / 9P
   Dual P-Channel 30-V (D-S) MOSFET
logo
Fairchild Semiconductor
FDS9933BZ FAIRCHILD-FDS9933BZ Datasheet
292Kb / 6P
   Dual P-Channel 2.5V Specified PowerTrench짰 MOSFET
More results

Similar Description - FDS9933_06

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDC6306P FAIRCHILD-FDC6306P Datasheet
235Kb / 8P
   Dual P-Channel 2.5V Specified PowerTrench??MOSFET
USB10H FAIRCHILD-USB10H Datasheet
241Kb / 8P
   Dual P-Channel 2.5V Specified PowerTrench MOSFET
FDW2502P FAIRCHILD-FDW2502P_03 Datasheet
145Kb / 5P
   Dual P-Channel 2.5V Specified PowerTrench MOSFET
FDW2504P FAIRCHILD-FDW2504P_02 Datasheet
121Kb / 5P
   Dual P-Channel 2.5V Specified PowerTrench MOSFET
SI9934DY FAIRCHILD-SI9934DY Datasheet
52Kb / 3P
   Dual P-Channel 2.5V Specified PowerTrench MOSFET
FDW2502PZ FAIRCHILD-FDW2502PZ Datasheet
87Kb / 6P
   Dual P-Channel 2.5V Specified PowerTrench MOSFET
FDS9933 FAIRCHILD-FDS9933 Datasheet
94Kb / 3P
   Dual P-Channel 2.5V Specified PowerTrench MOSFET
logo
Guangdong Kexin Industr...
KDW2504P KEXIN-KDW2504P Datasheet
63Kb / 2P
   Dual P-Channel 2.5V Specified PowerTrench MOSFET
logo
Fairchild Semiconductor
FDS6815 FAIRCHILD-FDS6815 Datasheet
231Kb / 6P
   Dual P-Channel 2.5V Specified PowerTrench??MOSFET
FDW2506P FAIRCHILD-FDW2506P Datasheet
93Kb / 5P
   Dual P-Channel 2.5V Specified PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com