Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL88021IU8FCZ Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL88021IU8FCZ
Description  Triple Voltage Monitor with Adjustable Power-On-Reset and Undervoltage/ Overvoltage Monitoring Capability
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL88021IU8FCZ Datasheet(HTML) 2 Page - Intersil Corporation

  ISL88021IU8FCZ Datasheet HTML 1Page - Intersil Corporation ISL88021IU8FCZ Datasheet HTML 2Page - Intersil Corporation ISL88021IU8FCZ Datasheet HTML 3Page - Intersil Corporation ISL88021IU8FCZ Datasheet HTML 4Page - Intersil Corporation ISL88021IU8FCZ Datasheet HTML 5Page - Intersil Corporation ISL88021IU8FCZ Datasheet HTML 6Page - Intersil Corporation ISL88021IU8FCZ Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
FN8226.1
September 18, 2006
Block Diagrams
Ordering Information (See Notes)
PART
NUMBER
PART
MARKING
VDD
VTRIP1
V2MO
VTRIP2
V3MON
TYPE
PACKAGE
ISL88021IU8FAZ ANM
3.09V
1.69V
UV
8 Ld MSOP
ISL88021IU8FCZ ANL
3.09V
2.32V
UV
8 Ld MSOP
ISL88021IU8FEZ
3.09V
2.92V
UV
8 Ld MSOP
ISL88021IU8FFZ
3.09V
3.09V
UV
8 Ld MSOP
ISL88021IU8HAZ
4.64V
1.69V
UV
8 Ld MSOP
ISL88021IU8HCZ
4.64V
2.32V
UV
8 Ld MSOP
ISL88021IU8HEZ ANK
4.64V
2.92V
UV
8 Ld MSOP
ISL88021IU8HFZ ANJ
4.64V
3.09V
UV
8 Ld MSOP
ISL88022IU8FAZ ANQ
3.09V
1.69V
OV
8 Ld MSOP
ISL88022IU8FCZ ANP
3.09V
2.32V
OV
8 Ld MSOP
ISL88022IU8FEZ
3.09V
2.92V
OV
8 Ld MSOP
ISL88022IU8FFZ
3.09V
3.09V
OV
8 Ld MSOP
ISL88022IU8HAZ
4.64V
1.69V
OV
8 Ld MSOP
ISL88022IU8HCZ
4.64V
2.32V
OV
8 Ld MSOP
ISL88022IU8HEZ ANO
4.64V
2.92V
OV
8 Ld MSOP
ISL88022IU8HFZ ANN
4.64V
3.09V
OV
8 Ld MSOP
NOTES:
1. Standard versions are shown in bold. For non-standard versions,
please contact factory for availability.
2. Add “-TK” suffix for Tape and Reel.
3. Intersil Pb-free plus anneal products employ special Pb-free
material sets; molding compounds/die attach materials and 100%
matte tin plate termination finish, which are RoHS compliant and
compatible with both SnPb and Pb-free soldering operations.
Intersil Pb-free products are MSL classified at Pb-free peak reflow
temperatures that meet or exceed the Pb-free requirements of
IPC/JEDEC J STD-020.
Ordering Information (See Notes) (Continued)
PART
NUMBER
PART
MARKING
VDD
VTRIP1
V2MO
VTRIP2
V3MON
TYPE
PACKAGE
VDD
CPOR
POR
MR
PB
RST
GND
VREF
±
V2MON
V3MON
ISL88022
ISL88021
RST
VDD
CPOR
POR
MR
PB
GND
VREF
±
V2MON
V3MON
RST
RST
Pin Descriptions
ISL88021
ISL88022
NAME
FUNCTION
11
MR
Active-Low Open Drain Manual Reset Input
22
VDD
Power Supply Input
3
3
V2MON
Second Undervoltage Monitor Input
4
4
GND
Ground
5
V3MON
Undervoltage Monitor Input
5
V3MON
Overvoltage Monitor Input
66
CPOR
Set Power-On-Reset Timeout Delay
77
RST
Active-Low Open Drain Reset Output
8
8
RST
Active-High Push-Pull Reset Output
ISL88021, ISL88022


Similar Part No. - ISL88021IU8FCZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL88021IU8FCZ RENESAS-ISL88021IU8FCZ Datasheet
454Kb / 8P
   Triple Voltage Monitor with Adjustable Power-On-Reset and Undervoltage/Overvoltage Monitoring Capability
More results

Similar Description - ISL88021IU8FCZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL88021 RENESAS-ISL88021 Datasheet
454Kb / 8P
   Triple Voltage Monitor with Adjustable Power-On-Reset and Undervoltage/Overvoltage Monitoring Capability
logo
Maxim Integrated Produc...
MAX16126EVKIT MAXIM-MAX16126EVKIT Datasheet
462Kb / 10P
   Adjustable Undervoltage and Overvoltage Thresholds
Rev 1; 7/16
logo
Intersil Corporation
ISL88011 INTERSIL-ISL88011 Datasheet
224Kb / 12P
   5 Ld Voltage Supervisors with Adjustable Power-On Reset, Dual Voltage Monitoring or Watchdog Timer Capability
ISL88011_0602 INTERSIL-ISL88011_0602 Datasheet
270Kb / 11P
   5-Pin Voltage Supervisors with Adjustable Power-On Reset, Dual Voltage Monitoring or Watchdog Timer Capability
logo
Renesas Technology Corp
ISL88011 RENESAS-ISL88011 Datasheet
708Kb / 15P
   5 Ld Voltage Supervisors with Adjustable Power-On Reset, Dual Voltage Monitoring or Watchdog Timer Capability
logo
Texas Instruments
TPS3702 TI1-TPS3702 Datasheet
1Mb / 28P
[Old version datasheet]   High-Accuracy, Overvoltage and Undervoltage Monitor
TPS3702-Q1 TI1-TPS3702-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   High-Accuracy, Overvoltage and Undervoltage Monitor
TPS3703-Q1 TI1-TPS3703-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   Overvoltage and Undervoltage Reset IC With Time Delay and Manual Reset
TPS3703-Q1 TI1-TPS3703-Q1_19 Datasheet
1Mb / 27P
[Old version datasheet]   Overvoltage and Undervoltage Reset IC With Time Delay and Manual Reset
TPS3703-Q1 TI-TPS3703-Q1_V03 Datasheet
2Mb / 37P
[Old version datasheet]   Overvoltage and Undervoltage Reset IC With Time Delay and Manual Reset
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com