Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9C102PIZ Datasheet(PDF) 1 Page - Intersil Corporation

Part # X9C102PIZ
Description  Digitally Controlled Potentiometer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9C102PIZ Datasheet(HTML) 1 Page - Intersil Corporation

  X9C102PIZ Datasheet HTML 1Page - Intersil Corporation X9C102PIZ Datasheet HTML 2Page - Intersil Corporation X9C102PIZ Datasheet HTML 3Page - Intersil Corporation X9C102PIZ Datasheet HTML 4Page - Intersil Corporation X9C102PIZ Datasheet HTML 5Page - Intersil Corporation X9C102PIZ Datasheet HTML 6Page - Intersil Corporation X9C102PIZ Datasheet HTML 7Page - Intersil Corporation X9C102PIZ Datasheet HTML 8Page - Intersil Corporation X9C102PIZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
®
FN8222.1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
XDCP is a trademark of Intersil Americas Inc. Copyright Intersil Americas Inc. 2005, 2006. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
X9C102, X9C103, X9C104, X9C503
Digitally Controlled Potentiometer
(XDCP™)
FEATURES
• Solid-state potentiometer
• 3-wire serial interface
• 100 wiper tap points
—Wiper position stored in nonvolatile memory
and recalled on power-up
• 99 resistive elements
—Temperature compensated
—End to end resistance, ±20%
—Terminal voltages, ±5V
• Low power CMOS
—VCC = 5V
—Active current, 3mA max.
—Standby current, 750µA max.
• High reliability
—Endurance, 100,000 data changes per bit
—Register data retention, 100 years
• X9C102 = 1k
Ω
• X9C103 = 10k
Ω
• X9C503 = 50k
Ω
• X9C104 = 100k
Ω
• Packages
—8 Ld SOIC and 8 Ld PDIP
• Pb-free plus anneal available (RoHS compliant)
DESCRIPTION
The X9Cxxx are Intersil digitally controlled (XDCP)
potentiometers. The device consists of a resistor
array, wiper switches, a control section, and nonvola-
tile memory. The wiper position is controlled by a
three-wire interface.
The potentiometer is implemented by a resistor array
composed of 99 resistive elements and a wiper switch-
ing network. Between each element and at either end
are tap points accessible to the wiper terminal. The
position of the wiper element is controlled by the CS,
U/D, and INC inputs. The position of the wiper can be
stored in nonvolatile memory and then be recalled
upon a subsequent power-up operation.
The device can be used as a three-terminal potentiom-
eter or as a two-terminal variable resistor in a wide
variety of applications including:
– control
– parameter adjustments
– signal processing
BLOCK DIAGRAM
Up/Down
(INC)
Increment
Device
(U/D)
(CS)
VCC (Supply Voltage)
VSS (Ground)
7-Bit
Up/Down
Counter
7-Bit
Nonvolatile
Memory
Store and
Recall
Control
Circuitry
One
of
Hundred
Decoder
Resistor
Array
U/D
INC
CS
Transfer
VCC
GND
One-
Gates
99
98
97
96
2
1
0
Control
and
Memory
General
Detailed
RL/VL
RW/VW
RH/VH
VH/RH
RW/VW
VL/RL
Select
Data Sheet
December 20, 2006


Similar Part No. - X9C102PIZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9C102PIZ INTERSIL-X9C102PIZ Datasheet
257Kb / 11P
   Digitally Controlled Pot (XDCP)
X9C102PIZ INTERSIL-X9C102PIZ Datasheet
240Kb / 10P
   Wiper Position Stored in Non-volatile Memory and Recalled on Power-up
X9C102PIZ INTERSIL-X9C102PIZ Datasheet
240Kb / 10P
   Wiper Position Stored in Non-volatile Memory and Recalled on Power-up
X9C102PIZ INTERSIL-X9C102PIZ Datasheet
240Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
X9C102PIZ INTERSIL-X9C102PIZ Datasheet
237Kb / 10P
   Digitally Controlled Potentiometer
July 20, 2009
More results

Similar Description - X9C102PIZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9C104SIZT1 INTERSIL-X9C104SIZT1 Datasheet
240Kb / 10P
   Digitally Controlled Potentiometer
X9319 INTERSIL-X9319_06 Datasheet
232Kb / 10P
   Digitally Controlled Potentiometer
ISL95711 INTERSIL-ISL95711_06 Datasheet
534Kb / 13P
   Digitally Controlled Potentiometer
X9319 INTERSIL-X9319 Datasheet
244Kb / 10P
   Digitally Controlled Potentiometer
X9116WM8Z INTERSIL-X9116WM8Z Datasheet
361Kb / 9P
   Digitally Controlled Potentiometer
February 3, 2011
X9319WS8Z INTERSIL-X9319WS8Z Datasheet
333Kb / 8P
   Digitally Controlled Potentiometer
July 31, 2014
X9C102P INTERSIL-X9C102P Datasheet
237Kb / 10P
   Digitally Controlled Potentiometer
July 20, 2009
logo
Xicor Inc.
X9015 XICOR-X9015 Datasheet
69Kb / 11P
   Digitally-Controlled Potentiometer
logo
Intersil Corporation
X9318WP8 INTERSIL-X9318WP8 Datasheet
246Kb / 10P
   Digitally Controlled Potentiometer
September 14, 2005
X93156 INTERSIL-X93156 Datasheet
262Kb / 8P
   Digitally Controlled Potentiometer
X9315WMZ INTERSIL-X9315WMZ Datasheet
344Kb / 16P
   Digitally Controlled Potentiometer
December 21, 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com