Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PBSS5350D Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PBSS5350D
Description  PNP transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PBSS5350D Datasheet(HTML) 7 Page - NXP Semiconductors

  PBSS5350D Datasheet HTML 1Page - NXP Semiconductors PBSS5350D Datasheet HTML 2Page - NXP Semiconductors PBSS5350D Datasheet HTML 3Page - NXP Semiconductors PBSS5350D Datasheet HTML 4Page - NXP Semiconductors PBSS5350D Datasheet HTML 5Page - NXP Semiconductors PBSS5350D Datasheet HTML 6Page - NXP Semiconductors PBSS5350D Datasheet HTML 7Page - NXP Semiconductors PBSS5350D Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
2000 Mar 08
7
Philips Semiconductors
Product specification
PNP transistor
PBSS5350D
DEFINITIONS
LIFE SUPPORT APPLICATIONS
These products are not designed for use in life support appliances, devices, or systems where malfunction of these
products can reasonably be expected to result in personal injury. Philips customers using or selling these products for
use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such
improper use or sale.
Data sheet status
Objective specification
This data sheet contains target or goal specifications for product development.
Preliminary specification
This data sheet contains preliminary data; supplementary data may be published later.
Product specification
This data sheet contains final product specifications.
Limiting values
Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 60134). Stress above one or
more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation
of the device at these or at any other conditions above those given in the Characteristics sections of the specification
is not implied. Exposure to limiting values for extended periods may affect device reliability.
Application information
Where application information is given, it is advisory and does not form part of the specification.


Similar Part No. - PBSS5350D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS5350D PHILIPS-PBSS5350D Datasheet
948Kb / 12P
   Low VCEsat (BISS) transistors
May 2006
PBSS5350D NXP-PBSS5350D Datasheet
153Kb / 9P
   50 V low VCEsat PNP transistor
2001 Nov 13
logo
Nexperia B.V. All right...
PBSS5350D NEXPERIA-PBSS5350D Datasheet
999Kb / 9P
   50 V, 3 A PNP low VCEsat transistor
1 January 2023
PBSS5350D-Q NEXPERIA-PBSS5350D-Q Datasheet
219Kb / 9P
   50 V, 3 A PNP low VCEsat transistor
10 May 2022
logo
NXP Semiconductors
PBSS5350D PHILIPS-PBSS5350D_15 Datasheet
262Kb / 12P
   50 V, 3 A PNP low VCEsat (BISS) transistor
Rev. 6-28 June 2011
More results

Similar Description - PBSS5350D

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
BC807U JIANGSU-BC807U Datasheet
1Mb / 3P
   DUAL TRANSISTOR (PNPPNP)
BC856S JIANGSU-BC856S Datasheet
288Kb / 4P
   DUAL TRANSISTOR (PNPPNP)
MMDT2907A JIANGSU-MMDT2907A Datasheet
1Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
MMDT5401 JIANGSU-MMDT5401 Datasheet
4Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
BC857S JIANGSU-BC857S Datasheet
1Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
UMT2N JIANGSU-UMT2N Datasheet
1Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
logo
Shenzhen Jin Yu Semicon...
EMB3 HTSEMI-EMB3 Datasheet
551Kb / 1P
   DIGITAL TRANSISTOR (PNP PNP)
logo
Jiangsu Changjiang Elec...
BC857BV JIANGSU-BC857BV Datasheet
828Kb / 4P
   DUAL TRANSISTOR (PNPPNP)
EMZ8 JIANGSU-EMZ8 Datasheet
4Mb / 3P
   DUAL TRANSISTOR (PNPPNP)
2SA1873 JIANGSU-2SA1873 Datasheet
934Kb / 3P
   DUAL TRANSISTOR (PNPPNP)
MMDT3906 JIANGSU-MMDT3906 Datasheet
3Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com