Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X98024 Datasheet(PDF) 7 Page - Intersil Corporation

Part # X98024
Description  240MHz Triple Video Digitizer with Digital PLL
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X98024 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button X98024_06 Datasheet HTML 3Page - Intersil Corporation X98024_06 Datasheet HTML 4Page - Intersil Corporation X98024_06 Datasheet HTML 5Page - Intersil Corporation X98024_06 Datasheet HTML 6Page - Intersil Corporation X98024_06 Datasheet HTML 7Page - Intersil Corporation X98024_06 Datasheet HTML 8Page - Intersil Corporation X98024_06 Datasheet HTML 9Page - Intersil Corporation X98024_06 Datasheet HTML 10Page - Intersil Corporation X98024_06 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
7
FN8220.3
March 8, 2006
t
HSYNCin-to-HSout = 7.5ns + (PHASE/64 +10.5)*tPIXEL
D
1
D
3
Programmable
Width and Polarity
Analog
Video In
P
1
P
2
P
3
P
4
P
5
P
6
P
7
P
8
P
0
P
9
D
0
R
P/GP/BP[7:0]
HS
OUT
P
10
P
11
P
12
D
2
The HSYNC edge (programmable leading or trailing) that the DPLL is locked to.
The sampling phase setting determines its relative position to the rest of the AFE’s output signals
DATACLK
R
S/GS/BS[7:0]
HSYNC
IN
The HSYNC edge (programmable leading or trailing) that the DPLL is locked to.
HSYNC
FIGURE 5. 48 BIT OUTPUT MODE
Programmable
Width and Polarity
Analog
Video In
P
1
P
2
P
3
P
4
P
5
P
6
P
7
P
8
P
0
P
9
HS
OUT
P
10
P
11
The HSYNC edge (programmable leading or trailing) that the DPLL is locked to.
The sampling phase setting determines its relative position to the rest of the AFE’s output signals
DATACLK
HSYNC
IN
D
0
R
P/GP/BP[7:0]
D
2
D
1
R
S/GS/BS[7:0]
t
HSYNCin-to-HSout = 7.5ns + (PHASE/64 +8.5)*tPIXEL
FIGURE 6. 48 BIT OUTPUT MODE, INTERLEAVED TIMING
X98024


Similar Part No. - X98024_06

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X98024L128-3.3 INTERSIL-X98024L128-3.3 Datasheet
295Kb / 29P
   240MHz Triple Video Digitizer with Digital PLL
logo
Renesas Technology Corp
X98024L128-3.3 RENESAS-X98024L128-3.3 Datasheet
1Mb / 29P
   240MHz Triple Video Digitizer with Digital PLL
logo
Intersil Corporation
X98024L128-3.3-Z INTERSIL-X98024L128-3.3-Z Datasheet
295Kb / 29P
   240MHz Triple Video Digitizer with Digital PLL
logo
Renesas Technology Corp
X98024L128-3.3-Z RENESAS-X98024L128-3.3-Z Datasheet
1Mb / 29P
   240MHz Triple Video Digitizer with Digital PLL
More results

Similar Description - X98024_06

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X98024 RENESAS-X98024 Datasheet
1Mb / 29P
   240MHz Triple Video Digitizer with Digital PLL
logo
Intersil Corporation
X98024 INTERSIL-X98024 Datasheet
295Kb / 29P
   240MHz Triple Video Digitizer with Digital PLL
ISL98001 INTERSIL-ISL98001_07 Datasheet
370Kb / 31P
   Triple Video Digitizer with Digital PLL
ISL98001 INTERSIL-ISL98001 Datasheet
474Kb / 31P
   Triple Video Digitizer with Digital PLL
logo
Renesas Technology Corp
ISL98001 RENESAS-ISL98001 Datasheet
1Mb / 31P
   Triple Video Digitizer with Digital PLL
ISL98002 RENESAS-ISL98002 Datasheet
1Mb / 28P
   Triple Video Digitizer with Digital PLL
logo
Intersil Corporation
ISL98001IQZ-140 INTERSIL-ISL98001IQZ-140 Datasheet
470Kb / 31P
   Triple Video Digitizer with Digital PLL
September 21, 2010
ISL98001 INTERSIL-ISL98001_06 Datasheet
488Kb / 31P
   Triple Video Digitizer with Digital PLL
ISL98002 INTERSIL-ISL98002 Datasheet
510Kb / 28P
   Triple Video Digitizer with Digital PLL
ISL98002CRZ-140 INTERSIL-ISL98002CRZ-140 Datasheet
513Kb / 28P
   Triple Video Digitizer with Digital PLL
March 26, 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com