Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDS8670 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FDS8670
Description  30V N-Channel PowerTrench MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS8670 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FDS8670 Datasheet HTML 1Page - Fairchild Semiconductor FDS8670 Datasheet HTML 2Page - Fairchild Semiconductor FDS8670 Datasheet HTML 3Page - Fairchild Semiconductor FDS8670 Datasheet HTML 4Page - Fairchild Semiconductor FDS8670 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
©
2005 Fairchild Semiconductor Corporation
FDS8670 Rev C (W)
FDS8670
30V N-Channel PowerTrench® MOSFET
General Description
This device has been designed specifically to improve
the efficiency of DC-DC converters. Using new
techniques in MOSFET construction, the various
components of gate charge and capacitance have been
optimized to reduce switching losses. Low gate
resistance and very low Miller charge enable excellent
performance with both adaptive and fixed dead time
gate drive circuits. Very low Rds(on) has been
maintained to provide an extremely versatile device.
Applications
High Efficiency DC-DC Converters:
Notebook Vcore Power Supply
Telecom Brick Synchronous Rectifier
Multi purpose Point Of Load
Features
21 A, 30 V
Max RDS(ON) = 3.7 mΩ @ VGS = 10 V
Max RDS(ON) = 5.0 mΩ @ VGS = 4.5 V
High performance trench technology for extremely low
RDS(ON) and gate charge
Minimal Qgd (5.5 nC typical)
100% RG tested (0.9 Ω typical)
RoHS Compliant
S
D
S
S
SO-8
D
D
D
G
4
3
2
1
5
6
7
8
Absolute Maximum Ratings T
A=25
oC unless otherwise noted
Symbol
Parameter
Ratings
Units
VDSS
Drain-Source Voltage
30
V
VGSS
Gate-Source Voltage
±20
V
Drain Current – Continuous
(Note 1a)
21
ID
– Pulsed
105
A
Power Dissipation
(Note 1a)
2.5
(Note 1b)
1.2
PD
(Note 1c)
1
W
TJ, TSTG
Operating and Storage Junction Temperature Range
–55 to +150
°
C
Thermal Characteristics
RθJA
Thermal Resistance, Junction-to-Ambient
(Note 1a)
50
°
C/W
RθJC
Thermal Resistance, Junction-to-Case
(Note 1)
25
Package Marking and Ordering Information
Device Marking
Device
Reel Size
Tape width
Quantity
FDS8670
FDS8670
13’’
12mm
2500 units
tm
August 2006


Similar Part No. - FDS8670

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS8670 FAIRCHILD-FDS8670 Datasheet
118Kb / 5P
   30V N-Channel PowerTrench MOSFET
FDS8670 FAIRCHILD-FDS8670 Datasheet
1Mb / 5P
   30V N-Channel PowerTrench MOSFET
FDS8670 FAIRCHILD-FDS8670_08 Datasheet
1Mb / 5P
   30V N-Channel PowerTrench MOSFET
More results

Similar Description - FDS8670

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDD6692 FAIRCHILD-FDD6692 Datasheet
84Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDS6672A FAIRCHILD-FDS6672A Datasheet
205Kb / 8P
   30V N-Channel PowerTrench MOSFET
FDS6692 FAIRCHILD-FDS6692 Datasheet
62Kb / 4P
   30V N-Channel PowerTrench MOSFET
FDD6670AL FAIRCHILD-FDD6670AL Datasheet
149Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDD6688 FAIRCHILD-FDD6688 Datasheet
120Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDS7296N3 FAIRCHILD-FDS7296N3 Datasheet
122Kb / 7P
   30V N-Channel PowerTrench MOSFET
FDD6672A FAIRCHILD-FDD6672A Datasheet
425Kb / 8P
   30V N-Channel PowerTrench MOSFET
FDD6676 FAIRCHILD-FDD6676 Datasheet
85Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDD6672A FAIRCHILD-FDD6672A_01 Datasheet
80Kb / 5P
   30V N-Channel PowerTrench MOSFET
FDD6612A FAIRCHILD-FDD6612A Datasheet
122Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDS7064N7 FAIRCHILD-FDS7064N7 Datasheet
175Kb / 6P
   30V N-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com