Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

50H2D821JB7 Datasheet(PDF) 1 Page - RUBYCON CORPORATION

Part # 50H2D821JB7
Description  POLYPHENYLENE SULFIDE FILM CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

50H2D821JB7 Datasheet(HTML) 1 Page - RUBYCON CORPORATION

  50H2D821JB7 Datasheet HTML 1Page - RUBYCON CORPORATION 50H2D821JB7 Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Symbol
50
100
UR
50VDC
100VDC
Symbol
G
H
J
Tolerance
2%
3%
5%
OUTLINE
(mm)
SPECIFICATIONS
UR×200% 60s
30000MΩmin
JIS C 5101-1
50VDC,100VDC
Rated voltage (UR)
Category temperature
Voltage proof
Insulation resistance
Reference standard
Capacitance tolerance
PART NUMBER
Rated Voltage
H2D
Series
Sub mark
Suffix
Rated capacitance
Tolerance
Blank
B7
Style A
Style S
• It is a film capacitor with a polyphenylene sulfide film
used for the rated temperature of 125°C.
• It has excellent temperature characteristics.
• RoHS compliance.
POLYPHENYLENE SULFIDE FILM CAPACITORS
H2D
SERIES
H2D
Symbol
Blank
B7
TV
TS
Lead style
Long lead type
Lead forming cut
LS=5.0
Style A, Ammo pack
P=12.7 Po=12.7 LS=5.0
Style S, Ammo pack
P=12.7 Po=12.7
FEATURES
2%(G),
3%(H),
5%(J)
tan
δ
-55°C∼+125°C
+
-
+
-
+
-
0.33
0.003max
0.33
0.005max
at 1kHz
µF
µF
=
> :
:
<
+
-
+
-
+
-


Similar Part No. - 50H2D821JB7

ManufacturerPart #DatasheetDescription
logo
Endress+Hauser Group Se...
50H EH-50H Datasheet
315Kb / 4P
   Promag 50H
logo
JFW Industries, Inc.
50HB-XX JFW-50HB-XX Datasheet
27Kb / 1P
   FIXED ATTENUATOR
50HF-003 JFW-50HF-003 Datasheet
26Kb / 1P
   FIXED ATTENUATOR KIT
50HF-003 JFW-50HF-003 Datasheet
27Kb / 1P
   FIXED ATTENUATOR KIT
50HF-006 JFW-50HF-006 Datasheet
26Kb / 1P
   FIXED ATTENUATOR KIT
More results

Similar Description - 50H2D821JB7

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
H2D RUBYCON-H2D_15 Datasheet
187Kb / 2P
   POLYPHENYLENE SULFIDE FILM CAPACITORS
logo
Suntan Capacitors
TS05M SUNTAN-TS05M_17 Datasheet
220Kb / 1P
   METALLIZED POLYPHENYLENE SULFIDE FILM CAPACITOR-STACKED SMD
TS05M SUNTAN-TS05M Datasheet
72Kb / 1P
   METALLIZED POLYPHENYLENE SULFIDE FILM CAPACITOR-STACKED SMD
logo
Kemet Corporation
SMR5104K50J01L4BULK KEMET-SMR5104K50J01L4BULK Datasheet
1Mb / 25P
   SMR Series Metallized Polyphenylene Sulfide Film, 150C, 5.0 ??27.5 mm Lead Spacing, 50 ??400 VDC
logo
Illinois Capacitor, Inc...
104MLR100K ILLINOISCAPACITOR-104MLR100K Datasheet
388Kb / 2P
   Epoxy Dipped Radial Lead Metallized Polyphenylene Sulphide Film Capacitors
logo
Figaro Engineering Inc.
FECS50-100 FIGARO-FECS50-100 Datasheet
382Kb / 2P
   Detection of Hydrogen Sulfide
logo
Honeywell Solid State E...
104662B HONEYWELL-104662B Datasheet
53Kb / 2P
   LEAD SULFIDE CELL
Rev. 6-89
logo
Zhengzhou Winsen Electr...
ME4-H2S WINSEN-ME4-H2S Datasheet
638Kb / 6P
   Hydrogen Sulfide Gas Sensor
logo
NXP Semiconductors
ORP90 NXP-ORP90 Datasheet
422Kb / 11P
   CADMIUM SULFIDE PHOTOCONDUCTIVE CELL
6.6.1958
logo
Zhengzhou Winsen Electr...
MQ136 WINSEN-MQ136 Datasheet
558Kb / 6P
   Hydrogen Sulfide Gas Sensor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com