Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDS6982AS Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FDS6982AS
Description  Dual Notebook Power Supply N-Channel PowerTrench SyncFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS6982AS Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button FDS6982AS Datasheet HTML 2Page - Fairchild Semiconductor FDS6982AS Datasheet HTML 3Page - Fairchild Semiconductor FDS6982AS Datasheet HTML 4Page - Fairchild Semiconductor FDS6982AS Datasheet HTML 5Page - Fairchild Semiconductor FDS6982AS Datasheet HTML 6Page - Fairchild Semiconductor FDS6982AS Datasheet HTML 7Page - Fairchild Semiconductor FDS6982AS Datasheet HTML 8Page - Fairchild Semiconductor FDS6982AS Datasheet HTML 9Page - Fairchild Semiconductor FDS6982AS Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
FDS6982AS Rev B
Typical Characteristics Q1
0
4
8
12
16
20
01
2
VDS, DRAIN-SOURCE VOLTAGE (V)
3.5V
3.0V
VGS = 10V
4.0V
4.5V
6.0V
0.6
1
1.4
1.8
2.2
2.6
0
5
10
15
20
ID, DRAIN CURRENT (A)
VGS = 3.0V
4.5V
4.0V
6.0V
10V
3.5V
Figure 12. On-Region Characteristics.
Figure 13. On-Resistance Variation with
Drain Current and Gate Voltage.
0.6
0.8
1
1.2
1.4
1.6
-50
-25
0
25
50
75
100
125
150
TJ, JUNCTION TEMPERATURE (
oC)
ID = 6.3A
VGS = 10V
0
0.02
0.04
0.06
0.08
0.1
2468
10
VGS, GATE TO SOURCE VOLTAGE (V)
ID = 3.15 A
TA = 125
oC
TA = 25
oC
Figure 14. On-Resistance Variation with
Temperature.
Figure 15. On-Resistance Variation with
Gate-to-Source Voltage.
0
5
10
15
20
11.5
22.5
33.5
VGS, GATE TO SOURCE VOLTAGE (V)
TA = 125
oC
-55
oC
VDS = 5V
25
oC
0.0001
0.001
0.01
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
1.2
1.4
VSD, BODY DIODE FORWARD VOLTAGE (V)
TA = 125
oC
25
oC
-55
oC
VGS = 0V
Figure 16. Transfer Characteristics.
Figure 17. Body Diode Forward Voltage Variation
with Source Current and Temperature.


Similar Part No. - FDS6982AS

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS6982AS FAIRCHILD-FDS6982AS Datasheet
168Kb / 10P
   Dual Notebook Power Supply N-Channel PowerTrench SyncFET
FDS6982AS FAIRCHILD-FDS6982AS Datasheet
440Kb / 10P
   Dual Notebook Power Supply N-Channel PowerTrench짰 SyncFET?
logo
ON Semiconductor
FDS6982AS ONSEMI-FDS6982AS Datasheet
611Kb / 11P
   Dual Notebook Power Supply N-Channel PowerTrench짰 SyncFET?
October-2017, Rev. 2
logo
Fairchild Semiconductor
FDS6982AS FAIRCHILD-FDS6982AS_08 Datasheet
440Kb / 10P
   Dual Notebook Power Supply N-Channel PowerTrench짰 SyncFET?
FDS6982AS_NL FAIRCHILD-FDS6982AS_NL Datasheet
168Kb / 10P
   Dual Notebook Power Supply N-Channel PowerTrench SyncFET
More results

Similar Description - FDS6982AS

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS6984AS FAIRCHILD-FDS6984AS Datasheet
150Kb / 9P
   Dual Notebook Power Supply N-Channel PowerTrench SyncFET
FDS6994S FAIRCHILD-FDS6994S Datasheet
299Kb / 9P
   Dual Notebook Power Supply N-Channel PowerTrench SyncFET
FDS6986AS FAIRCHILD-FDS6986AS Datasheet
177Kb / 10P
   Dual Notebook Power Supply N-Channel PowerTrench SyncFET
FDS6982S FAIRCHILD-FDS6982S Datasheet
256Kb / 12P
   Dual Notebook Power Supply N-Channel PowerTrench SyncFet?
FDS6982AS FAIRCHILD-FDS6982AS Datasheet
168Kb / 10P
   Dual Notebook Power Supply N-Channel PowerTrench SyncFET
FDS6984S FAIRCHILD-FDS6984S Datasheet
552Kb / 9P
   Dual Notebook Power Supply N-Channel PowerTrench SyncFET?
FDS6986S FAIRCHILD-FDS6986S Datasheet
200Kb / 9P
   Dual Notebook Power Supply N-Channel PowerTrench SyncFET?
FDS6984AS FAIRCHILD-FDS6984AS_08 Datasheet
443Kb / 9P
   Dual Notebook Power Supply N-Channel PowerTrench SyncFET
logo
ON Semiconductor
FDS6982AS ONSEMI-FDS6982AS Datasheet
611Kb / 11P
   Dual Notebook Power Supply N-Channel PowerTrench짰 SyncFET?
October-2017, Rev. 2
logo
Fairchild Semiconductor
FDS6982AS FAIRCHILD-FDS6982AS_08 Datasheet
440Kb / 10P
   Dual Notebook Power Supply N-Channel PowerTrench짰 SyncFET?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com