Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

11_SMA-50-3-64-19_N Datasheet(PDF) 2 Page - Huber+Suhner, Inc.

Part # 11_SMA-50-3-64-19_N
Description  COAXIAL CONNECTOR, SMA-26.5GHz, 50 Ohm, Straight cable plug (male)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUBERSUHNER [Huber+Suhner, Inc.]
Direct Link  https://www.hubersuhner.com
Logo HUBERSUHNER - Huber+Suhner, Inc.

11_SMA-50-3-64-19_N Datasheet(HTML) 2 Page - Huber+Suhner, Inc.

  11_SMA-50-3-64-19_N Datasheet HTML 1Page - Huber+Suhner, Inc. 11_SMA-50-3-64-19_N Datasheet HTML 2Page - Huber+Suhner, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2/2
DATA SHEET
COAXIAL CONNECTOR, SMA-26.5GHz, 50 Ohm, Straight cable plug (male)
11_SMA-50-3-64/-19_N
Suitable cables
Cable group
Y5 - 3 mm / 50 Ohm
Additional Information
Only as assembly
No
HUBER+SUHNER is certified by ISO 9001, ISO 14001, ISO 45001, IATF 16949, AS/
EN 9100 and ISO/TS 22163-IRIS. Waiver: Facts and figures herein are for
information only and do not represent any warranty of any kind.
DOCUMENT PIM-P3451 / Date of publication: 25.11.2023 / uncontrolled copy
hubersuhner.com


Similar Part No. - 11_SMA-50-3-64-19_N

ManufacturerPart #DatasheetDescription
logo
Huber+Suhner, Inc.
11_SMA-50-3-6-111_N HUBERSUHNER-11_SMA-50-3-6-111_N Datasheet
795Kb / 1P
   Coaxial Cable Connector
11_SMA-50-3-6111_N HUBERSUHNER-11_SMA-50-3-6111_N Datasheet
159Kb / 2P
   COAXIAL CONNECTOR, SMA, 50 Ohm, Straight cable plug (male)
11_SMA-50-3-65119_N HUBERSUHNER-11_SMA-50-3-65119_N Datasheet
211Kb / 2P
   COAXIAL CONNECTOR, SMA, 50 Ohm, Straight cable plug (male)
11_SMA-50-3-65119_NE HUBERSUHNER-11_SMA-50-3-65119_NE Datasheet
793Kb / 1P
   Coaxial Cable Connector
11_SMA-50-3-66-19_N HUBERSUHNER-11_SMA-50-3-66-19_N Datasheet
224Kb / 2P
   COAXIAL CONNECTOR, SMA-26.5GHz, 50 Ohm, Straight cable plug (male)
More results

Similar Description - 11_SMA-50-3-64-19_N

ManufacturerPart #DatasheetDescription
logo
Huber+Suhner, Inc.
11_SMA-50-2-100111_N HUBERSUHNER-11_SMA-50-2-100111_N Datasheet
158Kb / 2P
   COAXIAL CONNECTOR, SMA-26.5GHz, 50 Ohm, Straight cable plug (male)
11_SMA-50-3-66-19_N HUBERSUHNER-11_SMA-50-3-66-19_N Datasheet
224Kb / 2P
   COAXIAL CONNECTOR, SMA-26.5GHz, 50 Ohm, Straight cable plug (male)
11_SMA-50-3-14-11_N HUBERSUHNER-11_SMA-50-3-14-11_N Datasheet
210Kb / 2P
   COAXIAL CONNECTOR, SMA-26.5GHz, 50 Ohm, Straight cable plug (male)
11_SMA-50-3-69-19_N HUBERSUHNER-11_SMA-50-3-69-19_N Datasheet
175Kb / 2P
   COAXIAL CONNECTOR, SMA-26.5GHz, 50 Ohm, Straight cable plug (male)
11_SMA-50-2-20119_N HUBERSUHNER-11_SMA-50-2-20119_N Datasheet
177Kb / 2P
   COAXIAL CONNECTOR, SMA-26.5GHz, 50 Ohm, Straight cable plug (male)
11_SMA-50-3-16-11_N HUBERSUHNER-11_SMA-50-3-16-11_N Datasheet
224Kb / 2P
   COAXIAL CONNECTOR, SMA-26.5GHz, 50 Ohm, Straight cable plug (male)
11_SMA-50-3-42-33_N HUBERSUHNER-11_SMA-50-3-42-33_N Datasheet
161Kb / 2P
   COAXIAL CONNECTOR, SMA-26.5GHz, 50 Ohm, Straight cable plug (male)
16_SMA-50-3-100199_N HUBERSUHNER-16_SMA-50-3-100199_N Datasheet
182Kb / 2P
   COAXIAL CONNECTOR, SMA-26.5GHz, 50 Ohm, Right angle cable plug (male)
32_SMA-50-0-100111_N HUBERSUHNER-32_SMA-50-0-100111_N Datasheet
610Kb / 2P
   COAXIAL ADAPTER, SMA-26.5GHz, 50 Ohm, plug / plug (male / male)
16_SMA-50-2-100199_N HUBERSUHNER-16_SMA-50-2-100199_N Datasheet
237Kb / 2P
   COAXIAL CONNECTOR, SMA-26.5GHz, 50 Ohm, Right angle cable plug (male)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com