Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

11_SMA-50-2-100111_N Datasheet(PDF) 1 Page - Huber+Suhner, Inc.

Part # 11_SMA-50-2-100111_N
Description  COAXIAL CONNECTOR, SMA-26.5GHz, 50 Ohm, Straight cable plug (male)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUBERSUHNER [Huber+Suhner, Inc.]
Direct Link  https://www.hubersuhner.com
Logo HUBERSUHNER - Huber+Suhner, Inc.

11_SMA-50-2-100111_N Datasheet(HTML) 1 Page - Huber+Suhner, Inc.

  11_SMA-50-2-100111_N Datasheet HTML 1Page - Huber+Suhner, Inc. 11_SMA-50-2-100111_N Datasheet HTML 2Page - Huber+Suhner, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1/2
DATA SHEET
COAXIAL CONNECTOR, SMA-26.5GHz, 50 Ohm, Straight cable plug
(male)
11_SMA-50-2-100/111_N
Properties
• Excellent return loss
• Intermateable with PC3.5
and SK
• Applicable in frequencies
up to 18 GHz
Product configuration
Inte ace type
Gender
Standard
SMA-26.5GHz
plug
HUBER+SUHNER-SMA-26.5GHz
Inte ace and material data
Piece parts
Material
Plating
Centre contact
Copper Beryllium Alloy
Gold Plating (Nickel underplated)
Outer conductor
Copper Beryllium Alloy
Gold Plating (Nickel underplated)
Body
Copper Beryllium Alloy
Gold Plating (Nickel underplated)
Insulator
PTFE (Polytetrafluoroethylene)
Coupling nut
Bronze
Gold Plating (Nickel underplated)
Gasket
VMQ (Silicone rubber)
Electrical data
Impedance
50
Inte ace frequency
26.5 GHz
Mechanical data
Weight
0.0031 kg
Mating cycles
500
Cable entry centre contact
soldered
Cable entry outer contact
soldered
Environmental data
Operation temperature
-65 °C ... 165°C
hubersuhner.com


Similar Part No. - 11_SMA-50-2-100111_N

ManufacturerPart #DatasheetDescription
logo
Huber+Suhner, Inc.
11_SMA-50-2-110133_N HUBERSUHNER-11_SMA-50-2-110133_N Datasheet
5Mb / 2P
   COAXIAL CONNECTOR, SMA, 50 Ohm, Straight cable plug (male)
11_SMA-50-2-111133_N HUBERSUHNER-11_SMA-50-2-111133_N Datasheet
4Mb / 2P
   COAXIAL CONNECTOR, SMA, 50 Ohm, Straight cable plug (male)
11_SMA-50-2-112133_N HUBERSUHNER-11_SMA-50-2-112133_N Datasheet
5Mb / 2P
   COAXIAL CONNECTOR, SMA, 50 Ohm, Straight cable plug (male)
11_SMA-50-2-15111_N HUBERSUHNER-11_SMA-50-2-15111_N Datasheet
798Kb / 1P
   Coaxial Cable Connector
11_SMA-50-2-15111_NE HUBERSUHNER-11_SMA-50-2-15111_NE Datasheet
798Kb / 1P
   Coaxial Cable Connector
More results

Similar Description - 11_SMA-50-2-100111_N

ManufacturerPart #DatasheetDescription
logo
Huber+Suhner, Inc.
11_SMA-50-3-64-19_N HUBERSUHNER-11_SMA-50-3-64-19_N Datasheet
263Kb / 2P
   COAXIAL CONNECTOR, SMA-26.5GHz, 50 Ohm, Straight cable plug (male)
11_SMA-50-3-66-19_N HUBERSUHNER-11_SMA-50-3-66-19_N Datasheet
224Kb / 2P
   COAXIAL CONNECTOR, SMA-26.5GHz, 50 Ohm, Straight cable plug (male)
11_SMA-50-3-14-11_N HUBERSUHNER-11_SMA-50-3-14-11_N Datasheet
210Kb / 2P
   COAXIAL CONNECTOR, SMA-26.5GHz, 50 Ohm, Straight cable plug (male)
11_SMA-50-3-69-19_N HUBERSUHNER-11_SMA-50-3-69-19_N Datasheet
175Kb / 2P
   COAXIAL CONNECTOR, SMA-26.5GHz, 50 Ohm, Straight cable plug (male)
11_SMA-50-2-20119_N HUBERSUHNER-11_SMA-50-2-20119_N Datasheet
177Kb / 2P
   COAXIAL CONNECTOR, SMA-26.5GHz, 50 Ohm, Straight cable plug (male)
11_SMA-50-3-16-11_N HUBERSUHNER-11_SMA-50-3-16-11_N Datasheet
224Kb / 2P
   COAXIAL CONNECTOR, SMA-26.5GHz, 50 Ohm, Straight cable plug (male)
11_SMA-50-3-42-33_N HUBERSUHNER-11_SMA-50-3-42-33_N Datasheet
161Kb / 2P
   COAXIAL CONNECTOR, SMA-26.5GHz, 50 Ohm, Straight cable plug (male)
16_SMA-50-3-100199_N HUBERSUHNER-16_SMA-50-3-100199_N Datasheet
182Kb / 2P
   COAXIAL CONNECTOR, SMA-26.5GHz, 50 Ohm, Right angle cable plug (male)
32_SMA-50-0-100111_N HUBERSUHNER-32_SMA-50-0-100111_N Datasheet
610Kb / 2P
   COAXIAL ADAPTER, SMA-26.5GHz, 50 Ohm, plug / plug (male / male)
16_SMA-50-2-100199_N HUBERSUHNER-16_SMA-50-2-100199_N Datasheet
237Kb / 2P
   COAXIAL CONNECTOR, SMA-26.5GHz, 50 Ohm, Right angle cable plug (male)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com