Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X98017 Datasheet(PDF) 1 Page - Intersil Corporation

Part # X98017
Description  170MHz Triple Video Digitizer with Digital PLL
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X98017 Datasheet(HTML) 1 Page - Intersil Corporation

  X98017_06 Datasheet HTML 1Page - Intersil Corporation X98017_06 Datasheet HTML 2Page - Intersil Corporation X98017_06 Datasheet HTML 3Page - Intersil Corporation X98017_06 Datasheet HTML 4Page - Intersil Corporation X98017_06 Datasheet HTML 5Page - Intersil Corporation X98017_06 Datasheet HTML 6Page - Intersil Corporation X98017_06 Datasheet HTML 7Page - Intersil Corporation X98017_06 Datasheet HTML 8Page - Intersil Corporation X98017_06 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
1
®
FN8218.3
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2005, 2006. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
X98017
170MHz Triple Video Digitizer with
Digital PLL
The X98017 3-channel, 8-bit Analog Front End (AFE)
contains all the components necessary to digitize analog
RGB or YUV graphics signals from personal computers,
workstations and video set-top boxes. The fully differential
analog design provides high PSRR and dynamic
performance to meet the stringent requirements of the
graphics display industry. The AFE’s 170MSPS conversion
rate supports resolutions up to UXGA at 60Hz refresh rate,
while the front end's high input bandwidth ensures sharp
images at the highest resolutions.
To minimize noise, the X98017's analog section features 2
sets of pseudo-differential RGB inputs with programmable
input bandwidth, as well as internal DC restore clamping
(including mid-scale clamping for YUV signals). This is
followed by the programmable gain/offset stage and the
three 170MSPS Analog-to-Digital Converters (ADCs).
Automatic Black Level Compensation (ABLC™
) eliminates
part-to-part offset variation, ensuring perfect black level
performance in every application.
The X98017's digital PLL generates a pixel clock from the
analog source's HSYNC or SOG (Sync-On-Green) signals.
Pixel clock output frequencies range from 10MHz to 170MHz
with sampling clock jitter of 250ps peak to peak.
Features
• 170MSPS maximum conversion rate
• Low PLL clock jitter (250ps p-p @ 170MSPS)
• 64 interpixel sampling positions
• 0.35Vp-p to 1.4Vp-p video input range
• Programmable bandwidth (100MHz to 780MHz)
• 2 channel input multiplexer
• RGB and YUV 4:2:2 output formats
• 5 embedded voltage regulators allow operation from
single 3.3V supply and enhance performance, isolation
• Completely independent 8 bit gain/10 bit offset control
• CSYNC and SOG support
• Trilevel sync detection
• 1.05W typical PD @ 170MSPS
• Pb-free plus anneal available (RoHS compliant)
Applications
• LCD Monitors and Projectors
• Digital TVs
• Plasma Display Panels
• RGB Graphics Processing
• Scan Converters
Simplified Block Diagram
RGB/YPbPrIN 1
PGA
8 bit ADC
Offset
DAC
ABLC™
8 or 16
x3
SOGIN1/2
HSYNCIN1/2
VSYNCIN1/2
Sync
Processing
Digital PLL
Voltage
Clamp
RGB/YPbPrIN 2
3
3
RGB/YUVOUT
PIXELCLKOUT
HSOUT
HSYNCOUT
AFE Configuration and Control
VSYNCOUT
+
Data Sheet
March 8, 2006
NOT
REC
OMM
END
ED F
OR
NEW
DES
IGN
S -
THE
ISL9
8001
-170
IS A
100%
COM
PAT
IBLE
IMP
ROV
ED A
LTE
RNA
TIVE


Similar Part No. - X98017_06

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X98017L128-3.3 INTERSIL-X98017L128-3.3 Datasheet
295Kb / 29P
   170MHz Triple Video Digitizer with Digital PLL
logo
Renesas Technology Corp
X98017L128-3.3 RENESAS-X98017L128-3.3 Datasheet
1Mb / 29P
   170MHz Triple Video Digitizer with Digital PLL
logo
Intersil Corporation
X98017L128-3.3 INTERSIL-X98017L128-3.3 Datasheet
443Kb / 29P
   170MHz Triple Video Digitizer with Digital PLL
March 8, 2006
X98017L128-3.3-Z INTERSIL-X98017L128-3.3-Z Datasheet
295Kb / 29P
   170MHz Triple Video Digitizer with Digital PLL
logo
Renesas Technology Corp
X98017L128-3.3-Z RENESAS-X98017L128-3.3-Z Datasheet
1Mb / 29P
   170MHz Triple Video Digitizer with Digital PLL
More results

Similar Description - X98017_06

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X98017 INTERSIL-X98017 Datasheet
295Kb / 29P
   170MHz Triple Video Digitizer with Digital PLL
logo
Renesas Technology Corp
X98017 RENESAS-X98017 Datasheet
1Mb / 29P
   170MHz Triple Video Digitizer with Digital PLL
logo
Intersil Corporation
X98017 INTERSIL-X98017_14 Datasheet
443Kb / 29P
   170MHz Triple Video Digitizer with Digital PLL
March 8, 2006
ISL98001 INTERSIL-ISL98001_07 Datasheet
370Kb / 31P
   Triple Video Digitizer with Digital PLL
ISL98001 INTERSIL-ISL98001 Datasheet
474Kb / 31P
   Triple Video Digitizer with Digital PLL
logo
Renesas Technology Corp
ISL98001 RENESAS-ISL98001 Datasheet
1Mb / 31P
   Triple Video Digitizer with Digital PLL
ISL98002 RENESAS-ISL98002 Datasheet
1Mb / 28P
   Triple Video Digitizer with Digital PLL
logo
Intersil Corporation
ISL98001IQZ-140 INTERSIL-ISL98001IQZ-140 Datasheet
470Kb / 31P
   Triple Video Digitizer with Digital PLL
September 21, 2010
ISL98001 INTERSIL-ISL98001_06 Datasheet
488Kb / 31P
   Triple Video Digitizer with Digital PLL
ISL98002 INTERSIL-ISL98002 Datasheet
510Kb / 28P
   Triple Video Digitizer with Digital PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com