Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDS2570 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FDS2570
Description  150V N-Channel PowerTrench MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS2570 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FDS2570 Datasheet HTML 1Page - Fairchild Semiconductor FDS2570 Datasheet HTML 2Page - Fairchild Semiconductor FDS2570 Datasheet HTML 3Page - Fairchild Semiconductor FDS2570 Datasheet HTML 4Page - Fairchild Semiconductor FDS2570 Datasheet HTML 5Page - Fairchild Semiconductor FDS2570 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
FDS2570 Rev C(W)
Typical Characteristics
0
5
10
15
20
25
30
012
345
VDS, DRAIN-SOURCE VOLTAGE (V)
5.0V
3.5V
VGS = 10V
4.0V
4.5V
0.8
1
1.2
1.4
1.6
0
5
10
15
20
25
30
ID, DRAIN CURRENT (A)
VGS = 4.0V
5.0V
4.5V
10V
Figure 1. On-Region Characteristics.
Figure 2. On-Resistance Variation with
Drain Current and Gate Voltage.
0.2
0.6
1
1.4
1.8
2.2
2.6
-50
-25
0
25
50
75
100
125
150
TJ, JUNCTION TEMPERATURE (
o
C)
ID = 4.3 A
VGS = 10 V
0.04
0.08
0.12
0.16
0.2
345
67
89
10
VGS, GATE TO SOURCE VOLTAGE (V)
ID = 2.2 A
TA = 25
oC
TA = 125
oC
Figure 3. On-Resistance Variation with
Temperature.
Figure 4. On-Resistance Variation with
Gate-to-Source Voltage.
0
5
10
15
22.5
33.5
44.5
VGS, GATE TO SOURCE VOLTAGE (V)
25
oC
VDS = 10 V
TA = 125
oC
-55
oC
0.0001
0.001
0.01
0.1
1
10
0
0.2
0.4
0.6
0.8
1
VSD, BODY DIODE FORWARD VOLTAGE (V)
25
oC
VGS = 0V
TA = 125
oC
-55
oC
Figure 5. Transfer Characteristics.
Figure 6. Body Diode Forward Voltage Variation
with Source Current and Temperature.


Similar Part No. - FDS2570

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS2570 FAIRCHILD-FDS2570 Datasheet
232Kb / 8P
   150V N-Channel PowerTrench MOSFET
FDS2570 FAIRCHILD-FDS2570 Datasheet
85Kb / 12P
   Power Converter Topology and MOSFET Selection for 48-V Telecom
More results

Similar Description - FDS2570

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
KDB2570 KEXIN-KDB2570 Datasheet
51Kb / 2P
   150V N-Channel PowerTrench MOSFET
logo
Fairchild Semiconductor
FDP2570 FAIRCHILD-FDP2570 Datasheet
81Kb / 5P
   150V N-Channel PowerTrench MOSFET
FDC2512 FAIRCHILD-FDC2512 Datasheet
176Kb / 5P
   150V N-Channel PowerTrench MOSFET
FDS2070N7 FAIRCHILD-FDS2070N7 Datasheet
200Kb / 6P
   150V N-Channel PowerTrench MOSFET
FDD2512 FAIRCHILD-FDD2512 Datasheet
86Kb / 5P
   150V N-Channel PowerTrench MOSFET
FDS2070N3 FAIRCHILD-FDS2070N3 Datasheet
192Kb / 6P
   150V N-Channel PowerTrench MOSFET
FDS2570 FAIRCHILD-FDS2570 Datasheet
232Kb / 8P
   150V N-Channel PowerTrench MOSFET
FDD2570 FAIRCHILD-FDD2570 Datasheet
99Kb / 5P
   150V N-Channel PowerTrench MOSFET
FDD2572 FAIRCHILD-FDD2572 Datasheet
247Kb / 11P
   N-Channel PowerTrench MOSFET 150V, 29A, 54m?
FDB2532 FAIRCHILD-FDB2532 Datasheet
275Kb / 11P
   N-Channel PowerTrench MOSFET 150V, 79A, 16m?
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com