Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9428WS16I-2.7 Datasheet(PDF) 4 Page - Intersil Corporation

Part # X9428WS16I-2.7
Description  Single Digitally Controlled Potentiometer
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9428WS16I-2.7 Datasheet(HTML) 4 Page - Intersil Corporation

  X9428WS16I-2.7 Datasheet HTML 1Page - Intersil Corporation X9428WS16I-2.7 Datasheet HTML 2Page - Intersil Corporation X9428WS16I-2.7 Datasheet HTML 3Page - Intersil Corporation X9428WS16I-2.7 Datasheet HTML 4Page - Intersil Corporation X9428WS16I-2.7 Datasheet HTML 5Page - Intersil Corporation X9428WS16I-2.7 Datasheet HTML 6Page - Intersil Corporation X9428WS16I-2.7 Datasheet HTML 7Page - Intersil Corporation X9428WS16I-2.7 Datasheet HTML 8Page - Intersil Corporation X9428WS16I-2.7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
4
FN8197.1
April 26, 2006
PIN DESCRIPTIONS
Host Interface Pins
Serial Clock (SCL)
The SCL input is used to clock data into and out of the
X9428.
Serial Data (SDA)
SDA is a bidirectional pin used to transfer data into
and out of the device. It is an open drain output and
may be wire-ORed with any number of open drain or
open collector outputs. An open drain output requires
the use of a pull-up resistor. For selecting typical
values, refer to the guidelines for calculating typical
values on the bus pull-up resistors graph.
Device Address (A0, A2, A3)
The Address inputs are used to set the least
significant 3 bits of the 8-bit slave address. A match in
the slave address serial data stream must be made
with
the
Address
input
in
order
to
initiate
communication with the X9428. A maximum of 8
devices may occupy the 2-wire serial bus.
Potentiometer Pins
RH/VH, RL/VL
The RH/VH and RL/VL inputs are equivalent to the
terminal connections on either end of a mechanical
potentiometer.
RW/VW
The wiper outputs are equivalent to the wiper output of
a mechanical potentiometer.
Hardware Write Protect Input WP
The WP pin when low prevents nonvolatile writes to
the Data Registers.
Analog Supply V+, V-
The Analog Supply V+, V- are the supply voltages for
the XDCP analog section.
PIN CONFIGURATION
PIN NAMES
Symbol
Description
SCL
Serial clock
SDA
Serial data
A0, A2, A3
Device address
RH/VH, VL/RH Potentiometer Pins
(terminal equivalent)
RW/VW
Potentiometer Pin (wiper equivalent)
WP
Hardware write protection
V+,V-
Analog and voltage follower
VCC
System supply voltage
VSS
System ground
NC
No connection
VCC
A2
RL/VL
SDA
WP
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
V+
NC
A0
NC
A3
SCL
NC
V-
DIP/SOIC
X9428
VSS
RH/VH
RW/VW
1
2
3
4
5
6
7
14
13
12
11
10
9
8
TSSOP
X9428
A2
RL
SDA
WP
VSS
RH
RW
VCC
V+
A0
NC
A3
SCL
V-
X9428


Similar Part No. - X9428WS16I-2.7

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X9428WS16I-2.7 RENESAS-X9428WS16I-2.7 Datasheet
830Kb / 21P
   Single Digitally Controlled Potentiometer (XDCP??
More results

Similar Description - X9428WS16I-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9428 INTERSIL-X9428 Datasheet
349Kb / 20P
   Single Digitally Controlled Potentiometer
logo
Xicor Inc.
X9111 XICOR-X9111 Datasheet
156Kb / 21P
   Single Digitally-Controlled Potentiometer
logo
Intersil Corporation
X9110TV14 INTERSIL-X9110TV14 Datasheet
309Kb / 18P
   Single Digitally-Controlled Potentiometer
February 13, 2008
X9119TV14I INTERSIL-X9119TV14I Datasheet
284Kb / 17P
   Single Digitally-Controlled Potentiometer
July 9, 2008
X9429WS16 INTERSIL-X9429WS16 Datasheet
320Kb / 20P
   Single Digitally Controlled Potentiometer
October 13, 2008
X9015 INTERSIL-X9015_06 Datasheet
244Kb / 11P
   Single Digitally Controlled Potentiometer
X9118TV14IZ INTERSIL-X9118TV14IZ Datasheet
400Kb / 17P
   Single Digitally-Controlled Potentiometer
April 9, 2014
X9271UV14IZ INTERSIL-X9271UV14IZ Datasheet
523Kb / 18P
   Single, Digitally Controlled Potentiometer
July 18, 2014
X9314WSIZ INTERSIL-X9314WSIZ Datasheet
222Kb / 8P
   Single Digitally Controlled Potentiometer
July 24, 2014
logo
Xicor Inc.
X9428 XICOR-X9428 Datasheet
580Kb / 20P
   Single Digitally Controlled Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com