Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RSC-300DWF Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # RSC-300DWF
Description  Speech Recognition Microcontroller
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RSC-300DWF Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  RSC-300DWF Datasheet HTML 1Page - List of Unclassifed Manufacturers RSC-300DWF Datasheet HTML 2Page - List of Unclassifed Manufacturers RSC-300DWF Datasheet HTML 3Page - List of Unclassifed Manufacturers RSC-300DWF Datasheet HTML 4Page - List of Unclassifed Manufacturers RSC-300DWF Datasheet HTML 5Page - List of Unclassifed Manufacturers RSC-300DWF Datasheet HTML 6Page - List of Unclassifed Manufacturers RSC-300DWF Datasheet HTML 7Page - List of Unclassifed Manufacturers RSC-300DWF Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
RSC-300/364
DATA SHEET
6
From the Interactive Speech™ Line of Products
DC CHARACTERISTICS
(TO = 0°C to +70°C, VDD = 2.4V – 5.25V )
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
TEST CONDITIONS
VIL
Input Low Voltage
-0.1
0.75
V
VIH(Vcc<3.6)
Input High Voltage
0.8*Vdd
Vdd+0.3
V
VIH(Vcc>3.6)
Input High Voltage
3.0
Vdd+0.3
V
VOL
Output Low Voltage
0.3
0.1*Vdd
V
IOL= 2 mA
VOH
Output High Voltage (I/O Pins)
0.8*Vdd
0.9*Vdd
V
IOL= -2 mA
IIL
Logical 0 Input Current
<1
10
uA
Vss<Vpin<Vdd
IDD1
Supply Current, Active
10
20
mA
Hi-Z Outputs
IDD3
Supply Current, Powerdown
1
10
uA
Hi-Z Outputs
Rpu
Pull-up resistance P0.0-P1.7
I/O Pins
/XML,/XMH
5,80,
Hi-Z
4.5,200,
Hi-Z
200
k
k
Selected with software
Fixed
A.C. CHARACTERISTICS (EXTERNAL MEMORY ACCESSES)
(TO = 0°C to +70°C, VDD = 5V; load capacitance for outputs = 80 pF; Osc=14.32 MHz)
SYMBOL
PARAMETER
CPU=osc/1, 1 WS
MIN
MAX
CPU=osc/2, 0WS
MIN
MAX
UNITS
1/TCL1
Processor Clock frequency
14.32
7.16
MHz
TRLRH
-RDC (-RDD) Pulse Width
140
140
ns
TRLAV
-RDC (-RDD) Low to Address valid
5
5
ns
TALRAX
Address hold after -RDC (-RDD)
0
0
ns
TRAVDV
Address valid to Valid Data In
135
135
ns
TRHDX
Data Hold after -RDC (-RDD)
0
0
ns
TWLWH
-WRC (-WRD) Pulse Width
140
140
ns
TAVWL
Address Valid to -WRC (-WRD)
35
70
ns
TALWAX
Address Hold after -WRC (-WRD)
35
70
ns
TWDVAV
Write Data Valid to Address Valid
5
5
ns
TWHQX
Data Hold after -WRC (-WRD)
35
70
ns


Similar Part No. - RSC-300DWF

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
RSC-1000 RIEDON-RSC-1000 Datasheet
585Kb / 4P
   Precision Current / DC Current Shunts
RSC-1000 RIEDON-RSC-1000 Datasheet
585Kb / 4P
   Precision Current / DC Current Shunts
RSC-1000 RIEDON-RSC-1000 Datasheet
585Kb / 4P
   Precision Current / DC Current Shunts
RSC-1000 RIEDON-RSC-1000 Datasheet
585Kb / 4P
   Precision Current / DC Current Shunts
RSC-1000 RIEDON-RSC-1000 Datasheet
585Kb / 4P
   Precision Current / DC Current Shunts
More results

Similar Description - RSC-300DWF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HM2007 ETC1-HM2007 Datasheet
1Mb / 21P
   SPEECH RECOGNITION
80-0206-R ETC1-80-0206-R Datasheet
511Kb / 49P
   Speech Recognition Processor
RSC4128 ETC-RSC4128 Datasheet
690Kb / 49P
   Speech Recognition Processor
RSC-464 ETC1-RSC-464 Datasheet
400Kb / 41P
   Speech Recognition Processor
RSC-164I ETC1-RSC-164I Datasheet
60Kb / 5P
   General Purpose Microcontroller Featuring Speech Recognition, Speaker Verification, and Speech Synthesis.
RSC-164 ETC1-RSC-164 Datasheet
129Kb / 10P
   General Purpose Microcontroller Featuring Speech Recognition, Speech & Music Synthesis, Speaker Verification and Audio Record/Playback
80-0274-E ETC1-80-0274-E Datasheet
84Kb / 5P
   VR Stamp??With Serial EEPROM Speech Recognition Module
N584HP300 ETC2-N584HP300 Datasheet
562Kb / 11P
   4-bit microcontroller-based speech synthesizer
N584HXXX ETC2-N584HXXX Datasheet
590Kb / 11P
   4-bit microcontroller-based speech synthesizer
logo
OSRAM GmbH
SFH4060 OSRAM-SFH4060 Datasheet
975Kb / 17P
   Gesture Recognition
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com