Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9241AYSZ Datasheet(PDF) 11 Page - Intersil Corporation

Part # X9241AYSZ
Description  Quad Digital Controlled Potentionmeters (XDCP??
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9241AYSZ Datasheet(HTML) 11 Page - Intersil Corporation

Back Button X9241AYSZ Datasheet HTML 7Page - Intersil Corporation X9241AYSZ Datasheet HTML 8Page - Intersil Corporation X9241AYSZ Datasheet HTML 9Page - Intersil Corporation X9241AYSZ Datasheet HTML 10Page - Intersil Corporation X9241AYSZ Datasheet HTML 11Page - Intersil Corporation X9241AYSZ Datasheet HTML 12Page - Intersil Corporation X9241AYSZ Datasheet HTML 13Page - Intersil Corporation X9241AYSZ Datasheet HTML 14Page - Intersil Corporation X9241AYSZ Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
FN8164.5
December 14, 2006
Power-up Requirements (Power Up sequencing can affect correct recall of the wiper registers)
The preferred power-on sequence is as follows: First VCC, then the potentiometer pins. It is suggested that Vcc reach 90% of its
final value before power is applied to the potentiometer pins. The VCC ramp rate specification should be met, and any glitches or
slope changes in the VCC line should be held to <100mV if possible. Also, VCC should not reverse polarity by more than 0.5V.
Notes: (5) This parameter is not 100% tested.
(6) tPUR and tPUW are the delays required from the time VCC is stable until the specified operation can be initiated. These parameters are
guaranteed by design.
(7) This parameter is guaranteed by design.
(8) Maximum Wiper Current is derated over temperature. See the Wiper Current Derating Curve.
(9) Ti value denotes the maximum noise glitch pulse width that the device will ignore on either SCL or SDA pins. Any noise glitch pulse
width that is greater than this maximum value will be considered as a valid clock or data pulse and may cause communication failure to
the device.
Symbol Table
Equivalent AC Test Circuit
Circuit #3 SPICE Macro Model
Endurance and Data Retention
PARAMETER
MIN
UNIT
Minimum endurance
100,000
Data changes per bit per register
Data retention
100
Years
Capacitance
SYMBOL
PARAMETER
TEST CONDITION
TYP
UNIT
CI/O (Note 5)
Input/output capacitance (SDA)
VI/O = 0V
19
pF
CIN (Note 5)
Input capacitance (A0, A1, A2, A3 and SCL)
VIN = 0V
12
pF
Power-up Timing
SYMBOL
PARAMETER
MIN
TYP
MAX
UNIT
tPUR (Note 6)
Power-up to initiation of read operation
1
ms
tPUW (Note 6)
Power-up to initiation of write operation
5
ms
tRVCC
VCC Power up ramp rate
0.2
50
V/ms
AC Conditions of Test
Input pulse levels
VCC x 0.1 to VCC x 0.9
Input rise and fall times
10ns
Input and output timing levels
VCC x 0.5
WAVEFORM
INPUTS
OUTPUTS
Must be
steady
Will be
steady
May change
from LOW
to HIGH
Will change
from LOW
to HIGH
May change
from HIGH
to LOW
Will change
from HIGH
to LOW
Don’t Care:
Changes
Allowed
Changing:
State Not
Known
N/A
Center Line
is High
Impedance
5V
1533
Ω
100pF
SDA Output
RH
CH
15pF
CW
RL
CL
RW
RTOTAL
25pF
15pF
Macro Model
X9241A


Similar Part No. - X9241AYSZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9241AYSZ INTERSIL-X9241AYSZ Datasheet
315Kb / 16P
   Low Powr/2-Wire Serial Bus
X9241AYSZ INTERSIL-X9241AYSZ Datasheet
362Kb / 17P
   Non-Volatile/Low Power/2-Wire/64 Taps
August 17, 2015
logo
Renesas Technology Corp
X9241AYSZ RENESAS-X9241AYSZ Datasheet
722Kb / 17P
   Quad Digital Controlled Potentionmeters (XDCP?? Non-Volatile/Low Power/2-Wire/64 Taps
More results

Similar Description - X9241AYSZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9241A INTERSIL-X9241A_07 Datasheet
285Kb / 16P
   Quad Digital Controlled Potentionmeters (XDCP??
logo
Renesas Technology Corp
X9241A RENESAS-X9241A Datasheet
722Kb / 17P
   Quad Digital Controlled Potentionmeters (XDCP?? Non-Volatile/Low Power/2-Wire/64 Taps
logo
Intersil Corporation
ISL90843 INTERSIL-ISL90843 Datasheet
750Kb / 10P
   Quad Digital Controlled Potentiometers (XDCP??
X9258 INTERSIL-X9258_11 Datasheet
634Kb / 20P
   Quad Digital Controlled Potentiometers(XDCP??
logo
Xicor Inc.
X9258 XICOR-X9258 Datasheet
413Kb / 22P
   Quad Digital Controlled Potentiometers (XDCP)
logo
Renesas Technology Corp
ISL90843 RENESAS-ISL90843 Datasheet
1Mb / 20P
   Quad Digital Controlled Potentiometers (XDCP™)
March 29, 2006
logo
Intersil Corporation
ISL22444 INTERSIL-ISL22444 Datasheet
724Kb / 19P
   Quad Digitally Controlled Potentiometer XDCP
logo
Xicor Inc.
X9400 XICOR-X9400 Datasheet
150Kb / 22P
   Quad Digitally Controlled Potentiometers (XDCP)
X9252 XICOR-X9252 Datasheet
126Kb / 21P
   Quad Digitally-Controlled (XDCP) potentiometer
logo
Intersil Corporation
X9250TS24I INTERSIL-X9250TS24I Datasheet
360Kb / 20P
   Quad Digitally Controlled Potentiometers (XDCP
August 29, 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com