Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X95840 Datasheet(PDF) 4 Page - Intersil Corporation

Part # X95840
Description  Quad Digital Controlled Potentiometers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X95840 Datasheet(HTML) 4 Page - Intersil Corporation

  X95840 Datasheet HTML 1Page - Intersil Corporation X95840 Datasheet HTML 2Page - Intersil Corporation X95840 Datasheet HTML 3Page - Intersil Corporation X95840 Datasheet HTML 4Page - Intersil Corporation X95840 Datasheet HTML 5Page - Intersil Corporation X95840 Datasheet HTML 6Page - Intersil Corporation X95840 Datasheet HTML 7Page - Intersil Corporation X95840 Datasheet HTML 8Page - Intersil Corporation X95840 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
FN8213.2
July 5, 2006
Operating Specifications Over the recommended operating conditions unless otherwise specified.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
(Note 1)
MAX
UNITS
ICC1
VCC Supply Current
(Volatile write/read)
fSCL = 400kHz; SDA = Open; (for I
2C,
Active, Read and Volatile Write States only)
1mA
ICC2
VCC Supply Current
(nonvolatile write)
fSCL = 400kHz; SDA = Open; (for I
2C,
Active, Nonvolatile Write State only)
3mA
ISB
VCC Current (standby)
VCC = +5.5V, I
2C Interface in Standby State
5
µA
VCC = +3.6V, I
2C Interface in Standby State
2
µA
ILkgDig
Leakage Current, at
Pins A0, A1, A2, SDA, SCL,
and WP Pins
Voltage at pin from GND to VCC
-10
10
µA
tDCP
(Note 15)
DCP Wiper Response Time
SCL falling edge of last bit of DCP Data Byte to wiper
change
1µs
Vpor
Power-on Recall Voltage
Minimum VCC at which memory recall occurs
1.8
2.6
V
VccRamp
VCC Ramp Rate
0.2
V/ms
tD (Note 15)
Power-up Delay
VCC above Vpor, to DCP Initial Value Register recall
completed, and
I2C Interface in standby state
3ms
EEPROM SPECS
EEPROM Endurance
150,000
Cycles
EEPROM Retention
Temperature
75°C
50
Years
SERIAL INTERFACE SPECS
VIL
WP, A2, A1, A0, SDA, and
SCL Input Buffer LOW
Voltage
-0.3
0.3*VCC
V
VIH
WP, A2, A1, A0, SDA, and
SCL Input Buffer HIGH
Voltage
0.7*VCC
VCC+0.3
V
Hysteresis
(Note 15)
SDA and SCL Input Buffer
Hysteresis
0.05*
VCC
V
VOL (Note 15) SDA outPut Buffer LOW
Voltage, Sinking 4mA
00.4
V
Cpin
(Note 15)
WP, A2, A1, A0, SDA, and
SCL Pin Capacitance
10
pF
fSCL
SCL frEquency
400
kHz
tIN (Note 15) Pulse Width Suppression
Time at SDA and SCL Inputs
Any pulse narrower than the max spec is suppressed.
50
ns
tAA (Note 15) SCL Falling Edge to SDA
Output Data Valid
SCL falling edge crossing 30% of VCC, until SDA exits
the 30% to 70% of VCC window.
900
ns
tBUF
(Note 15)
Time the Bus Must be Free
Before the Start of a New
Transmission
SDA crossing 70% of VCC during a STOP condition, to
SDA crossing 70% of VCC during the following START
condition.
1300
ns
tLOW
Clock LOW Time
Measured at the 30% of VCC crossing.
1300
ns
tHIGH
Clock HIGH Time
Measured at the 70% of VCC crossing.
600
ns
tSU:STA
START Condition Setup
Time
SCL rising edge to SDA falling edge. Both crossing
70% of VCC.
600
ns
tHD:STA
START Condition Hold Time
From SDA falling edge crossing 30% of VCC to SCL
falling edge crossing 70% of VCC.
600
ns
X95840


Similar Part No. - X95840

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X95840 INTERSIL-X95840 Datasheet
1Mb / 13P
   Quad Digital Controlled Potentiometers
X95840 INTERSIL-X95840 Datasheet
1Mb / 8P
   DIGITAL POTENTIOMETERS
logo
Renesas Technology Corp
X95840 RENESAS-X95840 Datasheet
1Mb / 13P
   Quad Digital Controlled Potentiometers (XDCP?? Low Noise/Low Power/I2C Bus/256 Taps
logo
Intersil Corporation
X95840UV20I-2.7 INTERSIL-X95840UV20I-2.7 Datasheet
1Mb / 13P
   Quad Digital Controlled Potentiometers
logo
Renesas Technology Corp
X95840UV20I-2.7 RENESAS-X95840UV20I-2.7 Datasheet
1Mb / 13P
   Quad Digital Controlled Potentiometers (XDCP?? Low Noise/Low Power/I2C Bus/256 Taps
More results

Similar Description - X95840

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9258US24Z INTERSIL-X9258US24Z Datasheet
488Kb / 19P
   Quad Digital Controlled Potentiometers
December 15, 2011
X95840 INTERSIL-X95840 Datasheet
1Mb / 13P
   Quad Digital Controlled Potentiometers
X9258US24 INTERSIL-X9258US24 Datasheet
329Kb / 20P
   Quad Digital Controlled Potentiometers
ISL90843 INTERSIL-ISL90843 Datasheet
750Kb / 10P
   Quad Digital Controlled Potentiometers (XDCP??
X9258 INTERSIL-X9258_11 Datasheet
634Kb / 20P
   Quad Digital Controlled Potentiometers(XDCP??
logo
Xicor Inc.
X9258 XICOR-X9258 Datasheet
413Kb / 22P
   Quad Digital Controlled Potentiometers (XDCP)
logo
Renesas Technology Corp
ISL90843 RENESAS-ISL90843 Datasheet
1Mb / 20P
   Quad Digital Controlled Potentiometers (XDCP™)
March 29, 2006
logo
Copal Electronics
DP7259 COPAL-DP7259 Datasheet
174Kb / 16P
   Quad Digital Potentiometers
DP7401 COPAL-DP7401 Datasheet
164Kb / 15P
   Quad Digital Potentiometers
DP7409 COPAL-DP7409 Datasheet
173Kb / 16P
   Quad Digital Potentiometers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com