Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9525V20I Datasheet(PDF) 7 Page - Intersil Corporation

Part # X9525V20I
Description  Dual DCP, EEPROM Memory
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9525V20I Datasheet(HTML) 7 Page - Intersil Corporation

Back Button X9525V20I Datasheet HTML 3Page - Intersil Corporation X9525V20I Datasheet HTML 4Page - Intersil Corporation X9525V20I Datasheet HTML 5Page - Intersil Corporation X9525V20I Datasheet HTML 6Page - Intersil Corporation X9525V20I Datasheet HTML 7Page - Intersil Corporation X9525V20I Datasheet HTML 8Page - Intersil Corporation X9525V20I Datasheet HTML 9Page - Intersil Corporation X9525V20I Datasheet HTML 10Page - Intersil Corporation X9525V20I Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
7
FN8210.1
January 3, 2006
the associated NVM register remains unchanged. There-
fore, when Vcc to the device is powered down then back
up, the “wiper position” reverts to that last written to the
DCP using a nonvolatile write operation.
DCP Write Operation
A write to DCPx (x = 1,2) can be performed using the
three byte command sequence shown in Figure 9.
In order to perform a write operation on a particular DCP,
the Write Enable Latch (WEL) bit of the CONSTAT Reg-
ister must first be set (See “BL1, BL0: Block Lock protec-
tion bits - (Nonvolatile)” on page 12.)
The Slave Address Byte 1010A0110 specifies that a
Write to a DCP is to be conducted. An ACKNOWLEDGE
is returned by the X9525 after the Slave Address, if it has
been received correctly.
Next, an Instruction Byte is issued on SDA. Bits P1 and
P0 of the Instruction Byte determine which WCR is to
be written, while the WT bit determines if the Write is to
be volatile or nonvolatile. If the Instruction Byte format is
valid, another ACKNOWLEDGE is then returned by the
X9525.
Following the Instruction Byte, a Data Byte is issued to
the X9525 over SDA. The Data Byte contents is latched
into the WCR of the DCP on the first rising edge of the
clock signal, after the LSB of the Data Byte (D0) has
been issued on SDA (See Figure 27).
The Data Byte determines the “wiper position” (which
FET switch of the DCP resistive array is switched ON) of
the DCP. The maximum value for the Data Byte depends
upon which DCP is being addressed (see Table below).
Using a Data Byte larger than the values specified above
results in the “wiper terminal” being set to the highest tap
position. The “wiper position” does NOT roll-over to the
lowest tap position.
For DCP2 (256 Tap), the Data Byte maps one to one to
the “wiper position” of the DCP “wiper terminal”. There-
fore, the Data Byte 00001111 (1510) corresponds to set-
ting the “wiper terminal” to tap position 15. Similarly, the
Data Byte 00011100 (2810) corresponds to setting the
“wiper terminal” to tap position 28. The mapping of the
Data Byte to “wiper position” data for DCP1 (100 Tap), is
shown in “APPENDIX 1” . An example of a simple C lan-
guage function which “translates” between the tap posi-
tion (decimal) and the Data Byte (binary) for DCP1, is
given in “APPENDIX 2” .
WT
Description
0
Select a Volatile Write operation to be performed
on the DCP pointed to by bits P1 and P0
1
Select a Nonvolatile Write operation to be per-
formed on the DCP pointed to by bits P1 and P0
0
0
WT
0
0
0
P1
P0
WRITE TYPE
DCP SELECT
This bit has no effect when a Read operation is being performed.
I5
I6
I7
I4
I3
I2
I1
I0
Figure 8.
Instruction Byte Format
P1-P0
DCPx
# Taps
Max. Data Byte
00
Reserved
0
1
x = 1
100
Refer to APPENDIX 1
1
0
x = 2
256
FFh
11
Reserved
S
T
A
R
T
101
0
1
A0
10
A
C
K
WT
0
0
0
0
0
P1 P0 A
C
K
S
T
O
P
A
C
K
D7 D6 D5 D4 D3 D2 D1 D0
SLAVE ADDRESS BYTE
INSTRUCTION BYTE
DATA BYTE
Figure 9.
DCP Write Command Sequence
X9525


Similar Part No. - X9525V20I

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9525V20I INTERSIL-X9525V20I Datasheet
578Kb / 26P
   Fiber Channel/Gigabit Etherner Laser Diode Control for Fiber Optic Modules
logo
Renesas Technology Corp
X9525V20I RENESAS-X9525V20I Datasheet
1,013Kb / 26P
   Fiber Channel/Gigabit Ethernet Laser Diode Control for Fiber Optic Modules Dual DCP, EEPROM Memory
X9525V20IZ RENESAS-X9525V20IZ Datasheet
1,013Kb / 26P
   Fiber Channel/Gigabit Ethernet Laser Diode Control for Fiber Optic Modules Dual DCP, EEPROM Memory
More results

Similar Description - X9525V20I

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9521 XICOR-X9521 Datasheet
434Kb / 26P
   Dual DCP, EEPROM Memory
logo
Intersil Corporation
X9521 INTERSIL-X9521_06 Datasheet
360Kb / 24P
   Dual DCP, EEPROM Memory
X9520 INTERSIL-X9520 Datasheet
561Kb / 33P
   Triple DCP, POR,2kbit EEPROM Memory, Dual Voltage Monitors
X9520 INTERSIL-X9520_06 Datasheet
576Kb / 30P
   Triple DCP, POR, 2kbit EEPROM Memory, Dual Voltage Monitors
X9520 INTERSIL-X9520_07 Datasheet
465Kb / 29P
   Triple DCP, POR, 2kbit EEPROM Memory, Dual Voltage Monitors
X40231 INTERSIL-X40231 Datasheet
541Kb / 36P
   Triple Voltage Monitors, POR, 2 kbit EEPROM MEMORY, and Single/Dual DCP
logo
Renesas Technology Corp
X9525 RENESAS-X9525 Datasheet
1,013Kb / 26P
   Fiber Channel/Gigabit Ethernet Laser Diode Control for Fiber Optic Modules Dual DCP, EEPROM Memory
X9521 RENESAS-X9521 Datasheet
935Kb / 24P
   Dual DCP, EEPROM Memory Fiber Channel/Gigabit Ethernet Laser Diode Control for Fiber Optic Modules
X40231 RENESAS-X40231 Datasheet
1Mb / 36P
   Integrated System Management IC Triple Voltage Monitors, POR, 2 kbit EEPROM Memory, and Single/Dual DCP
April 11, 2005
logo
Maxim Integrated Produc...
MAX20047 MAXIM-MAX20047 Datasheet
898Kb / 29P
   Dual 3A USB DCP Charger
2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com