Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9525 Datasheet(PDF) 4 Page - Intersil Corporation

Part # X9525
Description  Dual DCP, EEPROM Memory
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9525 Datasheet(HTML) 4 Page - Intersil Corporation

  X9525_06 Datasheet HTML 1Page - Intersil Corporation X9525_06 Datasheet HTML 2Page - Intersil Corporation X9525_06 Datasheet HTML 3Page - Intersil Corporation X9525_06 Datasheet HTML 4Page - Intersil Corporation X9525_06 Datasheet HTML 5Page - Intersil Corporation X9525_06 Datasheet HTML 6Page - Intersil Corporation X9525_06 Datasheet HTML 7Page - Intersil Corporation X9525_06 Datasheet HTML 8Page - Intersil Corporation X9525_06 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
4
FN8210.1
January 3, 2006
minate further data transmissions if an ACKNOWLEDGE
is not detected. The master must then issue a STOP
condition to place the device into a known state.
DEVICE INTERNAL ADDRESSING
Addressing Protocol Overview
The user addressable internal components of the X9525
can be split up into three main parts:
—Two Digitally Controlled Potentiometers (DCPs)
—EEPROM array
—Control and Status (CONSTAT) Register
Depending upon the operation to be performed on
each of these individual parts, a 1, 2 or 3 Byte proto-
col is used. All operations however must begin with
the Slave Address Byte being issued on the SDA pin.
The Slave address selects the part of the X9525 to
be addressed, and specifies if a Read or Write opera-
tion is to be performed.
It should be noted that in order to perform a write opera-
tion to either a DCP or the EEPROM array, the Write
Enable Latch (WEL) bit must first be set (See “BL1, BL0:
Block Lock protection bits - (Nonvolatile)” on page 12.)
Slave Address Byte
Following a START condition, the master must output a
Slave Address Byte (Refer to Figure 4.). This byte con-
sists of four parts:
—The Device Type Identifier which consists of the most
significant four bits of the Slave Address (SA7 - SA4).
The Device Type Identifier must always be set to 1010
in order to select the X9525.
—SA3 is the Physical Device Address bit, whose logic
level must match that of the corresponding A0 pin in
order to enable communication to the X9525.
—The next two bits (SA2 - SA1) are the Internal Device
Address bits. Setting these bits to 00 internally selects
the EEPROM array, while setting these bits to 11
selects the DCP structures in the X9525. The CON-
STAT Register may be selected using the Internal
Device Address 10.
—The Least Significant Bit of the Slave Address (SA0)
Byte is the R/W bit. This bit defines the operation to be
performed on the device being addressed (as defined
in the bits SA2 - SA1). When the R/W bit is “1”, then a
READ operation is selected. A “0” selects a WRITE
operation (Refer to Figure 4.)
SCL
from
Master
Data Output
from
Transmitter
Data Output
from
Receiver
8
1
9
Start
Acknowledge
Figure 3.
Acknowledge Response From Receiver
SCL
from
Master
SA6
SA7
SA5
SA3 SA2
SA1
SA0
DEVICE TYPE
IDENTIFIER
READ /
SA4
Internal Address
(SA2 - SA1)
Internally Addressed
Device
00
EEPROM Array
10
CONSTAT Register
11
DCP
Bit SA0
Operation
0WRITE
1
READ
R/
W
Figure 4.
Slave Address Format
101 0
WRITE
ADDRESS
INTERNAL
DEVICE
A0
ADDRESS
PHYSICAL
DEVICE
X9525


Similar Part No. - X9525_06

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9525B20I INTERSIL-X9525B20I Datasheet
578Kb / 26P
   Fiber Channel/Gigabit Etherner Laser Diode Control for Fiber Optic Modules
X9525V20I INTERSIL-X9525V20I Datasheet
578Kb / 26P
   Fiber Channel/Gigabit Etherner Laser Diode Control for Fiber Optic Modules
logo
Renesas Technology Corp
X9525V20I RENESAS-X9525V20I Datasheet
1,013Kb / 26P
   Fiber Channel/Gigabit Ethernet Laser Diode Control for Fiber Optic Modules Dual DCP, EEPROM Memory
X9525V20IZ RENESAS-X9525V20IZ Datasheet
1,013Kb / 26P
   Fiber Channel/Gigabit Ethernet Laser Diode Control for Fiber Optic Modules Dual DCP, EEPROM Memory
More results

Similar Description - X9525_06

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9521 XICOR-X9521 Datasheet
434Kb / 26P
   Dual DCP, EEPROM Memory
logo
Intersil Corporation
X9521 INTERSIL-X9521_06 Datasheet
360Kb / 24P
   Dual DCP, EEPROM Memory
X9520 INTERSIL-X9520 Datasheet
561Kb / 33P
   Triple DCP, POR,2kbit EEPROM Memory, Dual Voltage Monitors
X9520 INTERSIL-X9520_06 Datasheet
576Kb / 30P
   Triple DCP, POR, 2kbit EEPROM Memory, Dual Voltage Monitors
X9520 INTERSIL-X9520_07 Datasheet
465Kb / 29P
   Triple DCP, POR, 2kbit EEPROM Memory, Dual Voltage Monitors
X40231 INTERSIL-X40231 Datasheet
541Kb / 36P
   Triple Voltage Monitors, POR, 2 kbit EEPROM MEMORY, and Single/Dual DCP
logo
Renesas Technology Corp
X9525 RENESAS-X9525 Datasheet
1,013Kb / 26P
   Fiber Channel/Gigabit Ethernet Laser Diode Control for Fiber Optic Modules Dual DCP, EEPROM Memory
X9521 RENESAS-X9521 Datasheet
935Kb / 24P
   Dual DCP, EEPROM Memory Fiber Channel/Gigabit Ethernet Laser Diode Control for Fiber Optic Modules
X40231 RENESAS-X40231 Datasheet
1Mb / 36P
   Integrated System Management IC Triple Voltage Monitors, POR, 2 kbit EEPROM Memory, and Single/Dual DCP
April 11, 2005
logo
Maxim Integrated Produc...
MAX20047 MAXIM-MAX20047 Datasheet
898Kb / 29P
   Dual 3A USB DCP Charger
2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com