Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9521V20IZ-A Datasheet(PDF) 7 Page - Intersil Corporation

Part # X9521V20IZ-A
Description  Dual DCP, EEPROM Memory
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9521V20IZ-A Datasheet(HTML) 7 Page - Intersil Corporation

Back Button X9521V20IZ-A Datasheet HTML 3Page - Intersil Corporation X9521V20IZ-A Datasheet HTML 4Page - Intersil Corporation X9521V20IZ-A Datasheet HTML 5Page - Intersil Corporation X9521V20IZ-A Datasheet HTML 6Page - Intersil Corporation X9521V20IZ-A Datasheet HTML 7Page - Intersil Corporation X9521V20IZ-A Datasheet HTML 8Page - Intersil Corporation X9521V20IZ-A Datasheet HTML 9Page - Intersil Corporation X9521V20IZ-A Datasheet HTML 10Page - Intersil Corporation X9521V20IZ-A Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
7
FN8207.1
January 3, 2006
If WT is “0” then a DCP Volatile Write is performed. This
operation changes the DCP “wiper position” by writing
new data to the associated WCR only. The contents of
the associated NVM register remains unchanged. There-
fore, when Vcc to the device is powered down then back
up, the “wiper position” reverts to that last written to the
DCP using a nonvolatile write operation.
DCP Write Operation
A write to DCPx (x = 1,2) can be performed using the
three byte command sequence shown in Figure 9.
In order to perform a write operation on a particular DCP,
the Write Enable Latch (WEL) bit of the CONSTAT Reg-
ister must first be set (See “BL1, BL0: Block Lock protec-
tion bits - (Nonvolatile)” on page 12.)
The Slave Address Byte 10101110 specifies that a Write
to a DCP is to be conducted. An ACKNOWLEDGE is
returned by the X9521 after the Slave Address, if it has
been received correctly.
Next, an Instruction Byte is issued on SDA. Bits P1 and
P0 of the Instruction Byte determine which WCR is to be
written, while the WT bit determines if the Write is to be
volatile or nonvolatile. If the Instruction Byte format is
valid, another ACKNOWLEDGE is then returned by the
X9521.
Following the Instruction Byte, a Data Byte is issued to
the X9521 over SDA. The Data Byte contents is latched
into the WCR of the DCP on the first rising edge of the
clock signal, after the LSB of the Data Byte (D0) has
been issued on SDA (See Figure 25).
The Data Byte determines the “wiper position” (which
FET switch of the DCP resistive array is switched ON) of
the DCP. The maximum value for the Data Byte depends
upon which DCP is being addressed (see Table below).
Using a Data Byte larger than the values specified above
results in the “wiper terminal” being set to the highest tap
position. The “wiper position” does NOT roll-over to the
lowest tap position.
For DCP2 (256 Tap), the Data Byte maps one to one to
the “wiper position” of the DCP “wiper terminal”. There-
fore, the Data Byte 00001111 (1510) corresponds to set-
ting the “wiper terminal” to tap position 15. Similarly, the
Data Byte 00011100 (2810) corresponds to setting the
“wiper terminal” to tap position 28. The mapping of the
Data Byte to “wiper position” data for DCP1 (100 Tap), is
shown in “APPENDIX 1” . An example of a simple C lan-
guage function which “translates” between the tap posi-
tion (decimal) and the Data Byte (binary) for DCP1, is
given in “APPENDIX 2” .
It should be noted that all writes to any DCP of the X9521
are random in nature. Therefore, the Data Byte of con-
secutive write operations to any DCP can differ by an
arbitrary number of bits. Also, setting the bits (P1 = 0,
WT
Description
0
Select a Volatile Write operation to be performed
on the DCP pointed to by bits P1 and P0
1
Select a Nonvolatile Write operation to be per-
formed on the DCP pointed to by bits P1 and P0
0
0
WT
0
0
0
P1
P0
WRITE TYPE
DCP SELECT
This bit has no effect when a Read operation is being performed.
I5
I6
I7
I4
I3
I2
I1
I0
Figure 8.
Instruction Byte Format
S
T
A
R
T
101
01110
A
C
K
WT
0
0
0
0
0
P1 P0 A
C
K
S
T
O
P
A
C
K
D7 D6 D5 D4 D3 D2 D1 D0
SLAVE ADDRESS BYTE
INSTRUCTION BYTE
DATA BYTE
Figure 9.
DCP Write Command Sequence
P1 - P0
DCPx
# Taps
Max. Data Byte
00
Reserved
0
1
x = 1
100
Refer to Appendix 1
1
0
x = 2
256
FFh
11
Reserved
X9521


Similar Part No. - X9521V20IZ-A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X9521V20IZ-A RENESAS-X9521V20IZ-A Datasheet
935Kb / 24P
   Dual DCP, EEPROM Memory Fiber Channel/Gigabit Ethernet Laser Diode Control for Fiber Optic Modules
More results

Similar Description - X9521V20IZ-A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9525 INTERSIL-X9525_06 Datasheet
366Kb / 24P
   Dual DCP, EEPROM Memory
logo
Xicor Inc.
X9521 XICOR-X9521 Datasheet
434Kb / 26P
   Dual DCP, EEPROM Memory
logo
Intersil Corporation
X9520 INTERSIL-X9520 Datasheet
561Kb / 33P
   Triple DCP, POR,2kbit EEPROM Memory, Dual Voltage Monitors
X9520 INTERSIL-X9520_06 Datasheet
576Kb / 30P
   Triple DCP, POR, 2kbit EEPROM Memory, Dual Voltage Monitors
X9520 INTERSIL-X9520_07 Datasheet
465Kb / 29P
   Triple DCP, POR, 2kbit EEPROM Memory, Dual Voltage Monitors
X40231 INTERSIL-X40231 Datasheet
541Kb / 36P
   Triple Voltage Monitors, POR, 2 kbit EEPROM MEMORY, and Single/Dual DCP
logo
Renesas Technology Corp
X9525 RENESAS-X9525 Datasheet
1,013Kb / 26P
   Fiber Channel/Gigabit Ethernet Laser Diode Control for Fiber Optic Modules Dual DCP, EEPROM Memory
X9521 RENESAS-X9521 Datasheet
935Kb / 24P
   Dual DCP, EEPROM Memory Fiber Channel/Gigabit Ethernet Laser Diode Control for Fiber Optic Modules
X40231 RENESAS-X40231 Datasheet
1Mb / 36P
   Integrated System Management IC Triple Voltage Monitors, POR, 2 kbit EEPROM Memory, and Single/Dual DCP
April 11, 2005
logo
Maxim Integrated Produc...
MAX20047 MAXIM-MAX20047 Datasheet
898Kb / 29P
   Dual 3A USB DCP Charger
2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com