Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9523 Datasheet(PDF) 22 Page - Intersil Corporation

Part # X9523
Description  Laser Diode Control for Fiber Optic Modules
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9523 Datasheet(HTML) 22 Page - Intersil Corporation

Back Button X9523_06 Datasheet HTML 18Page - Intersil Corporation X9523_06 Datasheet HTML 19Page - Intersil Corporation X9523_06 Datasheet HTML 20Page - Intersil Corporation X9523_06 Datasheet HTML 21Page - Intersil Corporation X9523_06 Datasheet HTML 22Page - Intersil Corporation X9523_06 Datasheet HTML 23Page - Intersil Corporation X9523_06 Datasheet HTML 24Page - Intersil Corporation X9523_06 Datasheet HTML 25Page - Intersil Corporation X9523_06 Datasheet HTML 26Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
22
FN8209.1
January 3, 2006
A.C. CHARACTERISTICS (See Figure 22, Figure 23, Figure 24)
A.C. TEST CONDITIONS
NONVOLATILE WRITE CYCLE TIMING
CAPACITANCE (TA = 25°C, F = 1.0 MHZ, VCC = 5V)
Notes: 1. Typical values are for TA = 25°C and VCC = 5.0V
Notes: 2. Cb = total capacitance of one bus line in pF.
Notes: 3. Over recommended operating conditions, unless otherwise specified
Notes: 4. tWC is the time from a valid STOP condition at the end of a write sequence to the end of the self-timed internal nonvolatile write cycle. It is
the minimum cycle time to be allowed for any nonvolatile write by the user, unless Acknowledge Polling is used.
Notes: 5. This parameter is not 100% tested.
Symbol
Parameter
400kHz
Min
Max
Units
fSCL
SCL Clock Frequency
0
400
kHz
tIN(5)
Pulse width Suppression Time at inputs
50
ns
tAA(5)
SCL LOW to SDA Data Out Valid
0.1
0.9
μs
tBUF(5)
Time the bus free before start of new transmission
1.3
μs
tLOW
Clock LOW Time
1.3
μs
tHIGH
Clock HIGH Time
0.6
μs
tSU:STA
Start Condition Setup Time
0.6
μs
tHD:STA
Start Condition Hold Time
0.6
μs
tSU:DAT
Data In Setup Time
100
ns
tHD:DAT
Data In Hold Time
0
μs
tSU:STO
Stop Condition Setup Time
0.6
μs
tDH(5)
Data Output Hold Time
50
ns
tR (5)
SDA and SCL Rise Time
20 +.1Cb (2)
300
ns
tF (5)
SDA and SCL Fall Time
20 +.1Cb (2)
300
ns
tSU:WP
WP Setup Time
0.6
μs
tHD:WP
WP Hold Time
0
μs
Cb(5)
Capacitive load for each bus line
400
pF
Input Pulse Levels
0.1VCC to 0.9VCC
Input Rise and Fall Times
10ns
Input and Output Timing Levels
0.5VCC
Output Load
See Figure 20
Symbol
Parameter
Min.
Typ.(1)
Max.
Units
tWC(4)
Nonvolatile Write Cycle Time
5
10
ms
Symbol
Parameter
Max
Units
Test Conditions
COUT (5)
Output Capacitance (SDA, V1RO, V2RO, V3RO)
8
pF
VOUT = 0V
CIN (5)
Input Capacitance (SCL, WP, MR)
6
pF
VIN = 0V
X9523


Similar Part No. - X9523_06

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9523B20I-A INTERSIL-X9523B20I-A Datasheet
509Kb / 30P
   Laser Diode Control for Fiber Optic Modules
X9523B20I-B INTERSIL-X9523B20I-B Datasheet
509Kb / 30P
   Laser Diode Control for Fiber Optic Modules
X9523V20I-A INTERSIL-X9523V20I-A Datasheet
509Kb / 30P
   Laser Diode Control for Fiber Optic Modules
logo
Renesas Technology Corp
X9523V20I-A RENESAS-X9523V20I-A Datasheet
1Mb / 29P
   Laser Diode Control for Fiber Optic Modules Dual DCP, POR, Dual Voltage Monitors
logo
Intersil Corporation
X9523V20I-B INTERSIL-X9523V20I-B Datasheet
509Kb / 30P
   Laser Diode Control for Fiber Optic Modules
More results

Similar Description - X9523_06

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9523 INTERSIL-X9523 Datasheet
509Kb / 30P
   Laser Diode Control for Fiber Optic Modules
X9522 INTERSIL-X9522 Datasheet
486Kb / 29P
   Laser Diode Control for Fiber Optic Modules
X9521 INTERSIL-X9521 Datasheet
415Kb / 25P
   Fiber Channel/Gigabit Ethernet Laser Diode Control for Fiber Optic Modules
X9525 INTERSIL-X9525 Datasheet
578Kb / 26P
   Fiber Channel/Gigabit Etherner Laser Diode Control for Fiber Optic Modules
logo
Renesas Technology Corp
X9522 RENESAS-X9522 Datasheet
1Mb / 29P
   Laser Diode Control for Fiber Optic Modules Triple DCP, Dual Voltage Monitors
X9521 RENESAS-X9521 Datasheet
935Kb / 24P
   Dual DCP, EEPROM Memory Fiber Channel/Gigabit Ethernet Laser Diode Control for Fiber Optic Modules
X9525 RENESAS-X9525 Datasheet
1,013Kb / 26P
   Fiber Channel/Gigabit Ethernet Laser Diode Control for Fiber Optic Modules Dual DCP, EEPROM Memory
X9523 RENESAS-X9523 Datasheet
1Mb / 29P
   Laser Diode Control for Fiber Optic Modules Dual DCP, POR, Dual Voltage Monitors
X9520 RENESAS-X9520 Datasheet
1Mb / 29P
   Fiber Channel/Gigabit Ethernet Laser Diode Control for Fiber Optic Modules Triple DCP, POR, 2kbit EEPROM Memory, Dual Voltage Monitors
logo
California Eastern Labs
NX6510GH CEL-NX6510GH Datasheet
946Kb / 6P
   LASER DIODE IN COAXIAL PACKAGE FOR FIBER OPTIC COMMUNICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com