Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9521V20I-A Datasheet(PDF) 2 Page - Intersil Corporation

Part # X9521V20I-A
Description  Dual DCP, EEPROM Memory
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9521V20I-A Datasheet(HTML) 2 Page - Intersil Corporation

  X9521V20I-A Datasheet HTML 1Page - Intersil Corporation X9521V20I-A Datasheet HTML 2Page - Intersil Corporation X9521V20I-A Datasheet HTML 3Page - Intersil Corporation X9521V20I-A Datasheet HTML 4Page - Intersil Corporation X9521V20I-A Datasheet HTML 5Page - Intersil Corporation X9521V20I-A Datasheet HTML 6Page - Intersil Corporation X9521V20I-A Datasheet HTML 7Page - Intersil Corporation X9521V20I-A Datasheet HTML 8Page - Intersil Corporation X9521V20I-A Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
2
FN8207.1
January 3, 2006
PIN CONFIGURATION
PIN ASSIGNMENT
Ordering Information
PART NUMBER
PART MARKING
PRESET (FACTORY SHIPPED) VTRIPx
THRESHOLD LEVELS (x = 2, 3)
TEMP RANGE (°C)
PACKAGE
X9521V20I-A
X9521VIA
Optimized for 3.3V system monitoring
-40 to +85
20 Ld TSSOP
X9521V20I-B
X9521VIB
Optimized for 5V system monitoring
-40 to +85
20 Ld TSSOP
X9521V20IZ-A (Note)
X9521VZIA
Optimized for 3.3V system monitoring
-40 to +85
20 Ld TSSOP (Pb-free)
X9521V20IZ-B (Note)
X9521VZIB
Optimized for 5V system monitoring
-40 to +85
20 Ld TSSOP (Pb-free)
NOTE: Intersil Pb-free plus anneal products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate
termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
NC
RL2
NC
3
4
Vcc
SCL
NC
NC
RW1
RH1
7
8
NC
VSS
10
RL1
RH2
1
18
19
17
20
14
15
13
16
12
11
NC
6
RW2
2
SDA
9
NC
5
WP
NC
NC
20 Pin TSSOP
Pin
Name
Function
1
RH2
Connection to end of resistor array for (the 256 Tap) DCP 2.
2
Rw2
Connection to terminal equivalent to the “Wiper” of a mechanical potentiometer for DCP 2.
3
RL2
Connection to other end of resistor array for (the 256 Tap) DCP2.
7WP
Write Protect Control Pin. WP pin is a TTL level compatible input. When held HIGH, Write Protection is
enabled. In the enabled state, this pin prevents all nonvolatile “write” operations. Also, when the Write Pro-
tection is enabled, and the device Block Lock feature is active (i.e. the Block Lock bits are NOT [0,0]), then
no “write” (volatile or nonvolatile) operations can be performed in the device (including the wiper position
of any of the integrated Digitally Controlled Potentiometers (DCPs). The WP pin uses an internal “pull-
down” resistor, thus if left floating the write protection feature is disabled.
8SCL
Serial Clock. This is a TTL level compatible input pin used to control the serial bus timing for data input
and output.
9SDA
Serial Data. SDA is a bidirectional TTL level compatible pin used to transfer data into and out of the de-
vice. The SDA pin input buffer is always active (not gated). This pin requires an external pull up resistor.
10
Vss
Ground.
11
RL1
Connection to other end of resistor for (the 100 Tap) DCP 1.
12
Rw1
Connection to terminal equivalent to the “Wiper” of a mechanical potentiometer for DCP 1
13
RH1
Connection to end of resistor array for (the 100 Tap) DCP 1.
20
Vcc
Supply Voltage.
4, 5, 6,
14, 15,
16, 17,
18, 19
NC
No connect.
X9521


Similar Part No. - X9521V20I-A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X9521V20I-A RENESAS-X9521V20I-A Datasheet
935Kb / 24P
   Dual DCP, EEPROM Memory Fiber Channel/Gigabit Ethernet Laser Diode Control for Fiber Optic Modules
More results

Similar Description - X9521V20I-A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9525 INTERSIL-X9525_06 Datasheet
366Kb / 24P
   Dual DCP, EEPROM Memory
logo
Xicor Inc.
X9521 XICOR-X9521 Datasheet
434Kb / 26P
   Dual DCP, EEPROM Memory
logo
Intersil Corporation
X9520 INTERSIL-X9520 Datasheet
561Kb / 33P
   Triple DCP, POR,2kbit EEPROM Memory, Dual Voltage Monitors
X9520 INTERSIL-X9520_06 Datasheet
576Kb / 30P
   Triple DCP, POR, 2kbit EEPROM Memory, Dual Voltage Monitors
X9520 INTERSIL-X9520_07 Datasheet
465Kb / 29P
   Triple DCP, POR, 2kbit EEPROM Memory, Dual Voltage Monitors
X40231 INTERSIL-X40231 Datasheet
541Kb / 36P
   Triple Voltage Monitors, POR, 2 kbit EEPROM MEMORY, and Single/Dual DCP
logo
Renesas Technology Corp
X9525 RENESAS-X9525 Datasheet
1,013Kb / 26P
   Fiber Channel/Gigabit Ethernet Laser Diode Control for Fiber Optic Modules Dual DCP, EEPROM Memory
X9521 RENESAS-X9521 Datasheet
935Kb / 24P
   Dual DCP, EEPROM Memory Fiber Channel/Gigabit Ethernet Laser Diode Control for Fiber Optic Modules
X40231 RENESAS-X40231 Datasheet
1Mb / 36P
   Integrated System Management IC Triple Voltage Monitors, POR, 2 kbit EEPROM Memory, and Single/Dual DCP
April 11, 2005
logo
Maxim Integrated Produc...
MAX20047 MAXIM-MAX20047 Datasheet
898Kb / 29P
   Dual 3A USB DCP Charger
2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com