Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9511 Datasheet(PDF) 6 Page - Intersil Corporation

Part # X9511
Description  Single Push Button Controlled Potentiometer (
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9511 Datasheet(HTML) 6 Page - Intersil Corporation

  X9511 Datasheet HTML 1Page - Intersil Corporation X9511 Datasheet HTML 2Page - Intersil Corporation X9511 Datasheet HTML 3Page - Intersil Corporation X9511 Datasheet HTML 4Page - Intersil Corporation X9511 Datasheet HTML 5Page - Intersil Corporation X9511 Datasheet HTML 6Page - Intersil Corporation X9511 Datasheet HTML 7Page - Intersil Corporation X9511 Datasheet HTML 8Page - Intersil Corporation X9511 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
FN8205.3
February 2, 2007
D.C. OPERATING CHARACTERISTICS (Over recommended operating conditions unless otherwise specified.)
A.C. OPERATING CHARACTERISTICS (Over recommended operating conditions unless otherwise specified.)
POWER-UP AND POWER-DOWN REQUIREMENTS
The are no restrictions on the sequencing of VCC and the voltage applied to the potentiometer pins during power-up
or power-down conditions. During power-up, the data sheet parameters for the DCP do not fully apply until 1ms after
VCC reaches its final value. The VCC ramp rate spec is always in effect.
Symbol
Parameter
Limits
Unit
Test Conditions
Min.
Typ.(4)
Max.
ICC
VCC active current
1
3
mA
PU or PD held at VIL the other at VIH
ISB
Standby supply current
100
500
µA
PU = PD = VIH
ILI
PU, PD, ASE input leakage current
10
µA
VIN = VSS to VCC
VIH
PU, PD, ASE input HIGH voltage
2
V
VlL
PU, PD, ASE input LOW voltage
0.8
V
RW
Wiper resistance
40
100
W
Wiper Current VCC/RTOT
VVH
VH terminal voltage
-5
+5
V
VVL
VL terminal voltage
-5
+5
V
CIN
(5)
ASE, PU, PD input capacitance
10
pF
VCC = 5V, VIN = 0V, TA = +25°C,
f = 1MHz
Symbol
Parameter
Limits
Unit
Min.
Typ.(4)
Max.
tGAP
Time between two separate push button events
50
µs
tDB
Debounce time
30
40
ms
tS SLOW
After debounce to wiper change on a slow mode
100
250
375
ms
tS FAST
Wiper change on a fast mode
25
50
90
ms
tPU
Power-up to wiper stable
500
µs
tR VCC
VCC power-up rate
0.2
50
V/
ms
tASTO
(5)
AUTOSTORE cycle time
2
ms
VASTH
(5)
AUTOSTORE threshold voltage
4
V
VASEND
(5)
AUTOSTORE cycle end voltage
3.5
V
RECOMMENDED OPERATING CONDITIONS
Temp
Min.
Max.
Commercial
0×C
+70°C
Industrial
-40×C
+85°C
Supply Voltage
Limits
X9511
5V ± 10%
X9511


Similar Part No. - X9511

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9511 XICOR-X9511 Datasheet
56Kb / 10P
   PushPot O Potentiometer (Push Button Controlled)
logo
Intersil Corporation
X9511 INTERSIL-X9511 Datasheet
213Kb / 9P
   Single Digitally-Controlled (XDCP) Potentiometer (Push Button Controlled)
X9511 INTERSIL-X9511 Datasheet
1Mb / 8P
   DIGITAL POTENTIOMETERS
logo
Renesas Technology Corp
X9511 RENESAS-X9511 Datasheet
456Kb / 9P
   Single Push Button Controlled Potentiometer (XDCP?? Linear, 32 Taps, Push Button Controlled, Terminal Voltage 짹5V
logo
Intersil Corporation
X9511 INTERSIL-X9511 Datasheet
198Kb / 9P
   Linear, 32 Taps, Push Button Controlled, Terminal Voltage ±5V
February 2, 2007
More results

Similar Description - X9511

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL23511 INTERSIL-ISL23511_08 Datasheet
407Kb / 10P
   Single Push Button Controlled Potentiometer
ISL22512 INTERSIL-ISL22512 Datasheet
282Kb / 11P
   Single Push Button Controlled Potentiometer XDCP
X9511 INTERSIL-X9511 Datasheet
213Kb / 9P
   Single Digitally-Controlled (XDCP) Potentiometer (Push Button Controlled)
ISL22511 INTERSIL-ISL22511 Datasheet
423Kb / 13P
   Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer Single Push Button Controlled Potentiometer XDCP
logo
Renesas Technology Corp
ISL22511 RENESAS-ISL22511 Datasheet
767Kb / 13P
   Single Push Button Controlled Potentiometer (XDCP?? Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer
ISL23511 RENESAS-ISL23511 Datasheet
740Kb / 11P
   Single Push Button Controlled Potentiometer (XDCP?? Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer
ISL22512 RENESAS-ISL22512 Datasheet
671Kb / 13P
   Single Push Button Controlled Potentiometer (XDCP?? Low Noise, Low Power, 16 Taps, Push Button Controlled Potentiometer
logo
Xicor Inc.
X9514 XICOR-X9514 Datasheet
56Kb / 11P
   PushPot??Potentiometer (Push Button Controlled)
logo
Renesas Technology Corp
ISL23512 RENESAS-ISL23512 Datasheet
608Kb / 10P
   Single Push Button Controlled Potentiometer (XDCP™) Low Noise, Low Power, 16 Taps, Push Button Controlled Potentiometer
January 21, 2008
logo
Xicor Inc.
X9511 XICOR-X9511 Datasheet
56Kb / 10P
   PushPot O Potentiometer (Push Button Controlled)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com