Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

X9511 Datasheet(PDF) 3 Page - Intersil Corporation

Part No. X9511
Description  Single Push Button Controlled Potentiometer (
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

X9511 Datasheet(HTML) 3 Page - Intersil Corporation

   
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
FN8205.3
February 2, 2007
PIN DESCRIPTIONS
VH/RH and VL/RL
The high (VH/RH) and low (VL/RL) terminals of the
X9511 are equivalent to the fixed terminals of a
mechanical potentiometer. The minimum voltage is -
5V and the maximum is +5V. It should be noted that
the terminology of VL/RL and VH/RH are in reference
to the relative position of the terminal in relation to
wiper movement direction selected by the PU and PD
inputs, and not the voltage potential on the terminal.
PU
The debounced PU input is for incrementing the wiper
position. An on-chip pull-up holds the PU input HIGH.
A switch closure to ground or a LOW logic level will,
after a debounce time, move the wiper to the next
adjacent higher tap position.
PD
The debounced PD input is for decrementing the wiper
position. An on-chip pull-up holds the PD input HIGH.
A switch closure to ground or a LOW logic level will,
after a debounce time, move the wiper to the next
adjacent lower tap position.
ASE
The debounced ASE (AUTOSTORE enable) pin can
be in one of two states:
VIL - AUTOSTORE is enabled. When VCC powers
down, an automatic store cycle takes place.
VIH - AUTOSTORE is disabled. A LOW to HIGH will
initiate a manual store operation. This is for the user
who wishes to connect a push button switch to this pin.
For every valid push, the X9511 will store the current
wiper position to the EEPROM.
PIN CONFIGURATION
PIN NAMES
DEVICE OPERATION
There are three sections of the X9511: the input control,
counter and decode section; the EEPROM memory;
and the resistor array. The input control section oper-
ates just like an up/down counter. The output of this
counter is decoded to turn on a single electronic switch,
connecting a point on the resistor array to the wiper out-
put. Under the proper conditions the contents of the
counter can be stored in EEPROM memory and
retained for future use. The resistor array is comprised
of 31 individual resistors connected in series. At either
end of the array and between each resistor is an elec-
tronic switch that transfers the potential at that point to
the wiper.
The X9511 is designed to interface directly to two push
button switches for effectively moving the wiper up or
down. The PU and PD inputs increment or decrement
a 5-bit counter respectively. The output of this counter
is decoded to select one of the thirty-two wiper posi-
tions along the resistive array. The wiper increment
input, PU and the wiper decrement input, PD are both
connected to an internal pull-up so that they normally
remain HIGH. When pulled LOW by an external push
button switch or a logic LOW level input, the wiper will
be switched to the next adjacent tap position.
Internal
debounce
circuitry
prevents
inadvertent
switching of the wiper position if PU or PD remain
LOW for less than 40ms, typical. Each of the buttons
can be pushed either once for a single increment/dec-
rement or continuously for a multiple increments/dec-
rements. The number of increments/decrements of the
wiper position depend on how long the button is being
pushed. When making a continuous push, after the
first
second,
the
increment/decrement
speed
increases. For the first second the device will be in the
slow scan mode. Then if the button is held for longer
than 1 second the device will go into the fast scan
mode. As soon as the button is released the X9511 will
return to a standby condition.
VH
VCC
PU
PD
1
2
3
4
8
7
6
5
X9511
DIP/SOIC
VSS
ASE
VL
VW
SYMBOL
DESCRIPTION
VH/RH
High Terminal
VW/RW
Wiper Terminal
VL/RL
Low Terminal
VSS
Ground
VCC
Supply Voltage
PU
Push Up Input
PD
Push Down Input
ASE
AUTOSTORE Enable Input
X9511


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
X9420_06Single Digitally Controlled Potentiometer 1 2 3 4 5 MoreIntersil Corporation
X9015_06Single Digitally Controlled Potentiometer 1 2 3 4 5 MoreIntersil Corporation
X9428_06Single Digitally Controlled Potentiometer 1 2 3 4 5 MoreIntersil Corporation
X9314_06Single Digitally Controlled Potentiometer 1 2 3 4 5 MoreIntersil Corporation
X9410_06Dual Digitally Controlled Potentiometer 1 2 3 4 5 MoreIntersil Corporation
X9116_06Digitally Controlled Potentiometer 1 2 3 4 5 MoreIntersil Corporation
X9221A_06Dual Digitally Controlled Potentiometer 1 2 3 4 5 MoreIntersil Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn