Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PBSS3515VS Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PBSS3515VS
Description  15 V low VCEsat PNP double transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PBSS3515VS Datasheet(HTML) 1 Page - NXP Semiconductors

  PBSS3515VS Datasheet HTML 1Page - NXP Semiconductors PBSS3515VS Datasheet HTML 2Page - NXP Semiconductors PBSS3515VS Datasheet HTML 3Page - NXP Semiconductors PBSS3515VS Datasheet HTML 4Page - NXP Semiconductors PBSS3515VS Datasheet HTML 5Page - NXP Semiconductors PBSS3515VS Datasheet HTML 6Page - NXP Semiconductors PBSS3515VS Datasheet HTML 7Page - NXP Semiconductors PBSS3515VS Datasheet HTML 8Page - NXP Semiconductors PBSS3515VS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
DATA SHEET
Product specification
Supersedes data of 2001 Sep 27
2001 Nov 07
DISCRETE SEMICONDUCTORS
PBSS3515VS
15 V low VCEsat PNP double
transistor
M3D744


Similar Part No. - PBSS3515VS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS3515VS NXP-PBSS3515VS Datasheet
309Kb / 9P
   15 V low VCE(sat) PNP double transistor
2004 Dec 23
logo
Nexperia B.V. All right...
PBSS3515VS NEXPERIA-PBSS3515VS Datasheet
201Kb / 9P
   15 V low VCEsat PNP double transistor
28 December 2022
More results

Similar Description - PBSS3515VS

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PBSS3515VS NEXPERIA-PBSS3515VS Datasheet
201Kb / 9P
   15 V low VCEsat PNP double transistor
28 December 2022
logo
NXP Semiconductors
PBSS3515F PHILIPS-PBSS3515F Datasheet
63Kb / 8P
   15 V low VCEsat PNP transistor
2001 Sep 21
PBSS2515VS PHILIPS-PBSS2515VS Datasheet
69Kb / 12P
   15 V low VCEsat NPN double transistor
2001 Nov 07
logo
Nexperia B.V. All right...
PBSS2515VS NEXPERIA-PBSS2515VS Datasheet
201Kb / 9P
   15 V low VCEsat NPN double transistor
28 December 2022
PBSS2515YPN NEXPERIA-PBSS2515YPN Datasheet
266Kb / 11P
   15 V low VCEsat NPN/PNP transistor
1 October 2022
PBSS2515YPN-Q NEXPERIA-PBSS2515YPN-Q Datasheet
243Kb / 11P
   15 V low VCEsat NPN/PNP transistor
17 February 2022
PBSS3515M NEXPERIA-PBSS3515M Datasheet
353Kb / 10P
   15 V, 0.5 A PNP low VCEsat (BISS) transistor
2003 Jul 22
PBSS3515MB NEXPERIA-PBSS3515MB Datasheet
1Mb / 12P
   15 V, 0.5 A PNP low VCEsat (BISS) transistor
logo
NXP Semiconductors
PBSS3515M NXP-PBSS3515M Datasheet
148Kb / 9P
   15 V, 0.5 A PNP low VCEsat (BISS) transistor
2003 Jul 22
PBSS3515E PHILIPS-PBSS3515E Datasheet
110Kb / 11P
   15 V, 0.5 A PNP low VCEsat (BISS) transistor
Rev. 01-18 April 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com