Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6214DR44D Datasheet(PDF) 15 Page - Torex Semiconductor

Part # XC6214DR44D
Description  CMOS Low Power Consumption
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6214DR44D Datasheet(HTML) 15 Page - Torex Semiconductor

Back Button XC6214DR44D Datasheet HTML 11Page - Torex Semiconductor XC6214DR44D Datasheet HTML 12Page - Torex Semiconductor XC6214DR44D Datasheet HTML 13Page - Torex Semiconductor XC6214DR44D Datasheet HTML 14Page - Torex Semiconductor XC6214DR44D Datasheet HTML 15Page - Torex Semiconductor XC6214DR44D Datasheet HTML 16Page - Torex Semiconductor XC6214DR44D Datasheet HTML 17Page - Torex Semiconductor XC6214DR44D Datasheet HTML 18Page - Torex Semiconductor XC6214DR44D Datasheet HTML 19Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
15/23
XC6214
Series
TYPICAL PERFORMANCE CHARACTER (Continued)
(2) Output Voltage vs. Input Voltage (Continued)
(3) Dropout Voltage vs. Output Current
XC6214P182
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0
100
200
300
400
500
Output Current : IOUT (mA)
CIN=CL=1.0µF(ceramic)
Topr=85oC
25oC
-40oC
XC6214P252
1.7
1.9
2.1
2.3
2.5
2.7
2.0 2.1 2.2 2.3 2.4 2.5 2.6 2.7 2.8 2.9 3.0
Input Voltage : VIN (V)
IOUT=1mA
50mA
200mA
Topr=25oC
CIN=CL=1.0µF(ceramic)
XC6214P252
1.7
1.9
2.1
2.3
2.5
2.7
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Input Voltage : VIN (V)
IOUT=1mA
50mA
200mA
Topr=25oC
CIN=CL=1.0µF(ceramic)
XC6214P332
2.5
2.7
2.9
3.1
3.3
3.5
2.8 2.9 3.0 3.1 3.2 3.3 3.4 3.5 3.6 3.7 3.8
Input Voltage : VIN (V)
IOUT=1mA
50mA
200mA
Topr=25oC
CIN=CL=1.0µF(ceramic)
XC6214P332
2.5
2.7
2.9
3.1
3.3
3.5
4.0
4.5
5.0
5.5
6.0
Input Voltage : VIN (V)
IOUT=1mA
50mA
200mA
Topr=25oC
CIN=CL=1.0µF(ceramic)
XC6214P152
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0
100
200
300
400
500
Output Current : IOUT (mA)
CIN=CL=1.0µF(ceramic)
Topr=85oC
25oC
-40oC
Minimum Operating Voltage


Similar Part No. - XC6214DR44D

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6214 TOREX-XC6214 Datasheet
451Kb / 22P
   CMOS Low Power Consumption
XC6214P122JL TOREX-XC6214P122JL Datasheet
395Kb / 26P
   500mA Output Current, High Speed LDO Regulators, Thermal Shutdown Function, Ceramic Capacitor Compatible
XC6214P122JR TOREX-XC6214P122JR Datasheet
395Kb / 26P
   500mA Output Current, High Speed LDO Regulators, Thermal Shutdown Function, Ceramic Capacitor Compatible
XC6214P122ML TOREX-XC6214P122ML Datasheet
395Kb / 26P
   500mA Output Current, High Speed LDO Regulators, Thermal Shutdown Function, Ceramic Capacitor Compatible
XC6214P122MR TOREX-XC6214P122MR Datasheet
395Kb / 26P
   500mA Output Current, High Speed LDO Regulators, Thermal Shutdown Function, Ceramic Capacitor Compatible
More results

Similar Description - XC6214DR44D

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC612 TOREX-XC612 Datasheet
214Kb / 13P
   CMOS Low Power Consumption
XC6207 TOREX-XC6207 Datasheet
712Kb / 30P
   CMOS Low Power Consumption
XC2164 TOREX-XC2164_1 Datasheet
380Kb / 11P
   CMOS Low Power Consumption
XC25BS3 TOREX-XC25BS3 Datasheet
626Kb / 10P
   CMOS Low Power Consumption
XC6214 TOREX-XC6214 Datasheet
451Kb / 22P
   CMOS Low Power Consumption
XC651A TOREX-XC651A Datasheet
210Kb / 12P
   CMOS Low Power Consumption
XC25BS5 TOREX-XC25BS5_1 Datasheet
494Kb / 9P
   CMOS Low Power Consumption
XC641A TOREX-XC641A Datasheet
287Kb / 20P
   CMOS Low Power Consumption
XC62G TOREX-XC62G Datasheet
425Kb / 11P
   CMOS Low Power Consumption
logo
Guangdong Kexin Industr...
WL2805N-3 KEXIN-WL2805N-3 Datasheet
1Mb / 5P
   Low Power Consumption, CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com