Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9258US24 Datasheet(PDF) 1 Page - Intersil Corporation

Part # X9258US24
Description  Quad Digital Controlled Potentiometers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9258US24 Datasheet(HTML) 1 Page - Intersil Corporation

  X9258US24 Datasheet HTML 1Page - Intersil Corporation X9258US24 Datasheet HTML 2Page - Intersil Corporation X9258US24 Datasheet HTML 3Page - Intersil Corporation X9258US24 Datasheet HTML 4Page - Intersil Corporation X9258US24 Datasheet HTML 5Page - Intersil Corporation X9258US24 Datasheet HTML 6Page - Intersil Corporation X9258US24 Datasheet HTML 7Page - Intersil Corporation X9258US24 Datasheet HTML 8Page - Intersil Corporation X9258US24 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
®
X9258
Low Noise/Low Power/2-Wire Bus/256 Taps
Quad Digital Controlled Potentiometers
(XDCP™)
FEATURES
• Four potentiometers in one package
• 256 resistor taps/pot–0.4% resolution
• 2-wire serial interface
• Wiper resistance, 40
Ω typical @ V+ = 5V, V- = -5V
• Four nonvolatile data registers for each pot
• Nonvolatile storage of wiper position
• Standby current <5µA max (total package)
• Power supplies
—VCC = 2.7V to 5.5V
—V+ = 2.7V to 5.5V
—V- = -2.7V to -5.5V
• 100k
Ω, 50kΩ total pot resistance
• High reliability
—Endurance – 100,000 data changes per bit per
register
—Register data retention – 100 years
• 24 Ld SOIC, 24 Ld TSSOP
• Dual supply version of X9259
• Pb-free plus anneal available (RoHS compliant)
DESCRIPTION
The
X9258
integrates
4
digitally
controlled
potentiometers (XDCP) on a monolithic CMOS
integrated circuit.
The digitally controlled potentiometer is implemented
using 255 resistive elements in a series array.
Between each element are tap points connected to the
wiper terminal through switches. The position of the
wiper on the array is controlled by the user through the
2-wire bus interface. Each potentiometer has
associated with it a volatile Wiper Counter Register
(WCR) and 4 nonvolatile Data Registers (DR0:DR3)
that can be directly written to and read by the user.
The contents of the WCR controls the position of the
wiper on the resistor array though the switches. Power
up recalls the contents of DR0 to the WCR.
The XDCP can be used as a three-terminal
potentiometer or as a two-terminal variable resistor in
a wide variety of applications including control,
parameter adjustments, and signal processing.
BLOCK DIAGRAM
Interface
and
Control
Circuitry
SCL
SDA
A0
A1
A2
A3
R0 R1
R2 R3
Wiper
Counter
Register
(WCR)
Resistor
Array
Pot 1
VH1/RH1
VL1/RL1
R0 R1
R2 R3
Wiper
Counter
Register
(WCR)
VH0/RH0
VL0/RL0
Data
8
VW0/RW0
VW1/RW1
R0 R1
R2 R3
Resistor
Array
VH2/RH2
VL2/RL2
VW2/RW2
R0 R1
R2 R3
Resistor
Array
VH3/RH3
VL3/RL3
VW3/RW3
Wiper
Counter
Register
(WCR)
Wiper
Counter
Register
(WCR)
Pot 3
Pot 2
WP
Pot 0
VCC
VSS
V+
V-
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
XDCP is a trademark of Intersil Americas Inc. Copyright Intersil Americas Inc. 2005, 2006. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
Data Sheet
FN8168.4
August 30, 2006


Similar Part No. - X9258US24

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9258US24 XICOR-X9258US24 Datasheet
413Kb / 22P
   Quad Digital Controlled Potentiometers (XDCP)
logo
Intersil Corporation
X9258US24 INTERSIL-X9258US24 Datasheet
348Kb / 20P
   Low Noise/Low Power/2-Wire Bus/256 Taps
X9258US24 INTERSIL-X9258US24 Datasheet
634Kb / 20P
   Quad Digital Controlled Potentiometers(XDCP??
logo
Xicor Inc.
X9258US24-2.7 XICOR-X9258US24-2.7 Datasheet
413Kb / 22P
   Quad Digital Controlled Potentiometers (XDCP)
logo
Intersil Corporation
X9258US24-2.7 INTERSIL-X9258US24-2.7 Datasheet
348Kb / 20P
   Low Noise/Low Power/2-Wire Bus/256 Taps
More results

Similar Description - X9258US24

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9258US24Z INTERSIL-X9258US24Z Datasheet
488Kb / 19P
   Quad Digital Controlled Potentiometers
December 15, 2011
X95840 INTERSIL-X95840 Datasheet
1Mb / 13P
   Quad Digital Controlled Potentiometers
X95840 INTERSIL-X95840_06 Datasheet
1Mb / 13P
   Quad Digital Controlled Potentiometers
ISL90843 INTERSIL-ISL90843 Datasheet
750Kb / 10P
   Quad Digital Controlled Potentiometers (XDCP??
X9258 INTERSIL-X9258_11 Datasheet
634Kb / 20P
   Quad Digital Controlled Potentiometers(XDCP??
logo
Xicor Inc.
X9258 XICOR-X9258 Datasheet
413Kb / 22P
   Quad Digital Controlled Potentiometers (XDCP)
logo
Renesas Technology Corp
ISL90843 RENESAS-ISL90843 Datasheet
1Mb / 20P
   Quad Digital Controlled Potentiometers (XDCP™)
March 29, 2006
logo
Copal Electronics
DP7259 COPAL-DP7259 Datasheet
174Kb / 16P
   Quad Digital Potentiometers
DP7401 COPAL-DP7401 Datasheet
164Kb / 15P
   Quad Digital Potentiometers
DP7409 COPAL-DP7409 Datasheet
173Kb / 16P
   Quad Digital Potentiometers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com