Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9241AMPZ Datasheet(PDF) 10 Page - Intersil Corporation

Part # X9241AMPZ
Description  Quad Digital Controlled Potentionmeters (XDCP??
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9241AMPZ Datasheet(HTML) 10 Page - Intersil Corporation

Back Button X9241AMPZ Datasheet HTML 6Page - Intersil Corporation X9241AMPZ Datasheet HTML 7Page - Intersil Corporation X9241AMPZ Datasheet HTML 8Page - Intersil Corporation X9241AMPZ Datasheet HTML 9Page - Intersil Corporation X9241AMPZ Datasheet HTML 10Page - Intersil Corporation X9241AMPZ Datasheet HTML 11Page - Intersil Corporation X9241AMPZ Datasheet HTML 12Page - Intersil Corporation X9241AMPZ Datasheet HTML 13Page - Intersil Corporation X9241AMPZ Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
FN8164.5
December 14, 2006
Notes: (1) Absolute Linearity is utilized to determine actual wiper voltage versus expected voltage as determined by wiper position when used as
a potentiometer.
(2) Relative Linearity is utilized to determine the actual change in voltage between two successive tap positions when used as a potenti-
ometer. It is a measure of the error in step size.
(3) MI = RTOT/63 or (RH–RL)/63, single pot
(4) Max = all four arrays cascaded together, Typical = individual array resolutions.
Absolute Maximum Ratings
Recommended Operating Conditions
Temperature under bias . . . . . . . . . . . . . . . . . . . . . . . .-65 to +135°C
Storage temperature . . . . . . . . . . . . . . . . . . . . . . . . . .-65 to +150°C
Voltage on SCK, SCL or any address
input with respect to VSS . . . . . . . . . . . . . . . . . . . . . . . -1V to +7V
Voltage on any VH/RH, VW/RW or VL/RL
referenced to VSS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +6V/-4V
ΔV = |VH/RH - VL/RL|. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .10V
Lead temperature (soldering, 10s). . . . . . . . . . . . . . . . . . . . . +300°C
IW (10s) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±6mA
Power rating (each pot) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .50mW
Temperature (Commercial) . . . . . . . . . . . . . . . . . . . . . 0°C to +70°C
Temperature (Industrial). . . . . . . . . . . . . . . . . . . . . . . -40°C to +85°C
Supply Voltage (VCC) Limits
X9241A . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .5V ±10%
Max Wiper Current for 2k RTOTAL. . . . . . . . . . . . . . . . . . . . . . ±4mA
Max Wiper Current for 10k and 50k RTOTAL . . . . . . . . . . . . . . ±3mA
CAUTION: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating only; the functional
operation of the device (at these or any other conditions above those listed in the operational sections of this specification) is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
Analog Specifications
(Over recommended operating conditions unless otherwise stated.)
SYMBOL
PARAMETER
TEST CONDITION
LIMITS
UNIT
MIN
TYP
MAX
RTOTAL
End to end resistance
-20
+20
%
RW
Wiper resistance
Wiper Current = ± 1mA
40
130
Ω
VTERM
Voltage on any VH/RH, VW/RW or VL/RL Pin
-3.0
+5
V
Noise
Ref: 1kHz (Note 5)
≤120
dBV
Resolution
(Note 5)
1.6
%
Absolute linearity (Note 1)
Rw(n)(actual) - Rw(n)(expected)
±1
MI(3)
Relative linearity (Note 2)
Rw(n + 1) - [Rw(n) + MI]±0.2
MI(3)
Temperature coefficient of RTOTAL
(Note 5)
±300
ppm/°C
Ratiometric temperature coefficient
(Note 5)
±20
ppm/C
CH/CL/CW
Potentiometer capacitances
See Circuit #3 and (Note 5)
15/15/25
pF
lAL
RH, RI, RW leakage current
VIN = VTERM. Device is in stand-by
mode.
0.1
1
µA
DC Electrical Specifications
(Over recommended operating conditions unless otherwise stated.)
SYMBOL
PARAMETER
TEST CONDITION
LIMITS
UNIT
MIN
TYP
MAX
lCC
Supply current (active)
fSCL = 100kHz, Write/Read to WCR,
Other Inputs = VSS
3mA
ISB
VCC current (standby)
SCL = SDA = VCC, Addr. = VSS
200
500
µA
ILI
Input leakage current
VIN = VSS to VCC
10
µA
ILO
Output leakage current
VOUT = VSS to VCC
10
µA
VIH
Input HIGH voltage
2
V
VIL
Input LOW voltage
0.8
V
VOL
Output LOW voltage
IOL = 3mA
0.4
V
X9241A


Similar Part No. - X9241AMPZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9241AMPZ INTERSIL-X9241AMPZ Datasheet
315Kb / 16P
   Low Powr/2-Wire Serial Bus
X9241AMPZ INTERSIL-X9241AMPZ Datasheet
285Kb / 16P
   Quad Digital Controlled Potentionmeters (XDCP??
X9241AMPZ INTERSIL-X9241AMPZ Datasheet
362Kb / 17P
   Non-Volatile/Low Power/2-Wire/64 Taps
August 17, 2015
logo
Renesas Technology Corp
X9241AMPZ RENESAS-X9241AMPZ Datasheet
722Kb / 17P
   Quad Digital Controlled Potentionmeters (XDCP?? Non-Volatile/Low Power/2-Wire/64 Taps
More results

Similar Description - X9241AMPZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9241A INTERSIL-X9241A_07 Datasheet
285Kb / 16P
   Quad Digital Controlled Potentionmeters (XDCP??
logo
Renesas Technology Corp
X9241A RENESAS-X9241A Datasheet
722Kb / 17P
   Quad Digital Controlled Potentionmeters (XDCP?? Non-Volatile/Low Power/2-Wire/64 Taps
logo
Intersil Corporation
ISL90843 INTERSIL-ISL90843 Datasheet
750Kb / 10P
   Quad Digital Controlled Potentiometers (XDCP??
X9258 INTERSIL-X9258_11 Datasheet
634Kb / 20P
   Quad Digital Controlled Potentiometers(XDCP??
logo
Xicor Inc.
X9258 XICOR-X9258 Datasheet
413Kb / 22P
   Quad Digital Controlled Potentiometers (XDCP)
logo
Renesas Technology Corp
ISL90843 RENESAS-ISL90843 Datasheet
1Mb / 20P
   Quad Digital Controlled Potentiometers (XDCP™)
March 29, 2006
logo
Intersil Corporation
ISL22444 INTERSIL-ISL22444 Datasheet
724Kb / 19P
   Quad Digitally Controlled Potentiometer XDCP
logo
Xicor Inc.
X9400 XICOR-X9400 Datasheet
150Kb / 22P
   Quad Digitally Controlled Potentiometers (XDCP)
X9252 XICOR-X9252 Datasheet
126Kb / 21P
   Quad Digitally-Controlled (XDCP) potentiometer
logo
Intersil Corporation
X9250TS24I INTERSIL-X9250TS24I Datasheet
360Kb / 20P
   Quad Digitally Controlled Potentiometers (XDCP
August 29, 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com