Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X60003DIG3Z-50T1 Datasheet(PDF) 4 Page - Intersil Corporation

Part # X60003DIG3Z-50T1
Description  Precision 5.0V SOT-23 FGA??Voltage Reference
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X60003DIG3Z-50T1 Datasheet(HTML) 4 Page - Intersil Corporation

  X60003DIG3Z-50T1 Datasheet HTML 1Page - Intersil Corporation X60003DIG3Z-50T1 Datasheet HTML 2Page - Intersil Corporation X60003DIG3Z-50T1 Datasheet HTML 3Page - Intersil Corporation X60003DIG3Z-50T1 Datasheet HTML 4Page - Intersil Corporation X60003DIG3Z-50T1 Datasheet HTML 5Page - Intersil Corporation X60003DIG3Z-50T1 Datasheet HTML 6Page - Intersil Corporation X60003DIG3Z-50T1 Datasheet HTML 7Page - Intersil Corporation X60003DIG3Z-50T1 Datasheet HTML 8Page - Intersil Corporation X60003DIG3Z-50T1 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
FN8137.1
May 2, 2006
TYPICAL PERFORMANCE CHARACTERISTIC CURVES
(VIN = 6.5V, IOUT = 0mA, TA = 25°C unless otherwise specified)
+25
°C
+85
°C
-40
°C
Unit 3, IIN = 700nA
Unit 1, IIN = 350nA
Unit 2, IIN = 500nA
VIN (V)
VIN (V)
LINE REGULATION
-50
-25
0
25
50
75
100
125
150
56
78
9
LINE REGULATION
(3 Representative Units)
4.9997
4.9998
4.9999
5
5.0001
5.0002
5.0003
5
5.5
6
6.5
7
7.5
8
8.5
9
X60003B-50, X60003C-50, X60003D-50


Similar Part No. - X60003DIG3Z-50T1

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X60003DIG3Z-50T1 INTERSIL-X60003DIG3Z-50T1 Datasheet
631Kb / 16P
   Precision SOT-23 FGA™ Voltage References
September 1, 2015
logo
Renesas Technology Corp
X60003DIG3Z-50T1 RENESAS-X60003DIG3Z-50T1 Datasheet
918Kb / 17P
   Precision SOT-23 FGA??Voltage References
More results

Similar Description - X60003DIG3Z-50T1

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X60003B-50 INTERSIL-X60003B-50 Datasheet
261Kb / 14P
   Precision 5.0V SOT-23 FGA Voltage Reference
X60008B-50 INTERSIL-X60008B-50_06 Datasheet
293Kb / 14P
   Precision 5.0V FGA??Voltage Reference
X60008C-50 INTERSIL-X60008C-50 Datasheet
295Kb / 14P
   Precision 5.0V FGA Voltage Reference
X60008C-50 INTERSIL-X60008C-50_06 Datasheet
293Kb / 14P
   Precision 5.0V FGA??Voltage Reference
X60008B-50 INTERSIL-X60008B-50 Datasheet
296Kb / 14P
   Precision 5.0V FGA Voltage Reference
X60008E-50 INTERSIL-X60008E-50 Datasheet
294Kb / 14P
   Precision 5.0V FGA Voltage Reference
logo
Renesas Technology Corp
X60003 RENESAS-X60003 Datasheet
918Kb / 17P
   Precision SOT-23 FGA??Voltage References
logo
Intersil Corporation
X60003B-41 INTERSIL-X60003B-41 Datasheet
233Kb / 11P
   Precision 4.096V SOT-23 FGA Voltage References
X60003 INTERSIL-X60003 Datasheet
631Kb / 16P
   Precision SOT-23 FGA™ Voltage References
September 1, 2015
X60003B-41 INTERSIL-X60003B-41_06 Datasheet
210Kb / 11P
   Precision 4.096V SOT-23 FGA??Voltage References
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com