Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

X60003B-50 Datasheet(PDF) 4 Page - Intersil Corporation

Part No. X60003B-50
Description  Precision 5.0V SOT-23 FGA™ Voltage Reference
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

X60003B-50 Datasheet(HTML) 4 Page - Intersil Corporation

 
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
FN8137.1
May 2, 2006
TYPICAL PERFORMANCE CHARACTERISTIC CURVES
(VIN = 6.5V, IOUT = 0mA, TA = 25°C unless otherwise specified)
+25
°C
+85
°C
-40
°C
Unit 3, IIN = 700nA
Unit 1, IIN = 350nA
Unit 2, IIN = 500nA
VIN (V)
VIN (V)
LINE REGULATION
-50
-25
0
25
50
75
100
125
150
56
78
9
LINE REGULATION
(3 Representative Units)
4.9997
4.9998
4.9999
5
5.0001
5.0002
5.0003
5
5.5
6
6.5
7
7.5
8
8.5
9
X60003B-50, X60003C-50, X60003D-50


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
REF102_0710V Precision Voltage Reference 1 2 3 4 5 MoreBurr-Brown (TI)
ISL21007Precision Low Noise FGA™ Voltage References 1 2 3 4 5 MoreIntersil Corporation
ISL21009Precision Low Noise FGA™ Voltage References 1 2 3 4 5 MoreIntersil Corporation
AMC431PRECISION ADJUSTABLE SHUNT VOLTAGE REFERENCE 1 2 3 4 5 MoreList of Unclassifed Manufacturers
ISL60002_06Precision Low Power FGA™ Voltage References 1 2 3 4 5 MoreIntersil Corporation
ZR285-25PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE 1 2 3 4 Zetex Semiconductors
ZR4040-25PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE 1 2 3 4 Zetex Semiconductors
REF02+5V Precision VOLTAGE REFERENCE 1 2 3 4 5 MoreBurr-Brown (TI)

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn