Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P90CL301BFH Datasheet(PDF) 10 Page - NXP Semiconductors

Part # P90CL301BFH
Description  Low voltage 16-bit microcontroller
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P90CL301BFH Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button P90CL301BFH Datasheet HTML 6Page - NXP Semiconductors P90CL301BFH Datasheet HTML 7Page - NXP Semiconductors P90CL301BFH Datasheet HTML 8Page - NXP Semiconductors P90CL301BFH Datasheet HTML 9Page - NXP Semiconductors P90CL301BFH Datasheet HTML 10Page - NXP Semiconductors P90CL301BFH Datasheet HTML 11Page - NXP Semiconductors P90CL301BFH Datasheet HTML 12Page - NXP Semiconductors P90CL301BFH Datasheet HTML 13Page - NXP Semiconductors P90CL301BFH Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 92 page
background image
1996 Dec 11
10
Philips Semiconductors
Preliminary specification
Low voltage 16-bit microcontroller
P90CL301BFH (C100)
Table 9
Number of clock periods per bus cycle
Number of clock periods per bus cycle, dependent on the programmed length of FBC (Fast Bus Cycle bit in the
SYSCON register) and CSn (chip-select).
WAIT
STATES
LENGTH OF CSn = LENGTH OF AS
LENGTH OF CSn = LENGTH OF DS
FBC = 1
FBC = 0
FBC = 1
FBC = 0
READ
WRITE
R/W
READ
WRITE
READ
WRITE
03443444
14444545
25555656
36666767
47777878
58888989
69999
10
9
10
6.3
Dynamic bus port sizing
The memory bus size can be selected to be 16 or 8-bit
wide depending on the ports width of external memories
and peripherals. It is possible via the register BSREG to
define for each chip-select the bus width to 16-bit or 8-bit
used for the transfer of data to or from external memory.
The 7-bit register BSREG defines the bus size associated
with each chip-select function (except for CSBT).
The bus size of the chip-select boot CSBT (CS7N) is
hardware defined by the pin BSIZE.The state of the pin
BSIZE is latched at the end of the reset sequence.
When an address generated by the CPU is identified by a
chip-select block as belonging to it’s address segment, the
corresponding bit of the register BSREG is used to define
the sequence of bus transfer in 16 or 8-bit mode. Several
chip-selects with different bus sizes should not address
the same memory segment. For each case the number of
bus cycles necessary to transfer a byte, word or long word
is a function of the bus size. For example, a word read on
a 8-bit bus will take 2 bus cycles and the high byte is read
first. The 8-bit port uses the pins D7 to D0.
See Table 11 and 12 and also Section 6.2 for more
detailed information on the programmable chip-selects
and the dynamic bus sizing.
6.3.1
BUS SIZE REGISTER (BSREG)
Table 10 Bus Size Register (address FFFF A811H)
Table 11 Description of BSREG bits
76543210
BS6
BS5
BS4
BS3
BS2
BS1
BS0
BIT
SYMBOL
DESCRIPTION
7
Reserved.
6 to 0
BS6 to BS0
Bus size for the data transfer with respect to the corresponding chip-select
(CS6 to CS0). If BSn = 0, then the bus size is in 16-bit mode; the default value after a
CPU reset. If BSn = 1, then the bus size is in 8-bit mode. Where n = 0 to 6.


Similar Part No. - P90CL301BFH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P90CE201 PHILIPS-P90CE201 Datasheet
235Kb / 77P
   16-bit microcontroller
August 1993
P90CE201AEB PHILIPS-P90CE201AEB Datasheet
235Kb / 77P
   16-bit microcontroller
August 1993
More results

Similar Description - P90CL301BFH

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS4830 MAXIM-DS4830 Datasheet
1Mb / 29P
   Optical Microcontroller 16-Bit MAXQ20 Low-Power Microcontroller
Rev 0; 6/11
logo
List of Unclassifed Man...
ML620Q503 ETC2-ML620Q503 Datasheet
914Kb / 34P
   Ultra Low Power 16-bit Microcontroller
logo
LAPIS Semiconductor Co....
ML620Q503 LAPIS-ML620Q503 Datasheet
914Kb / 34P
   Ultra Low Power 16-bit Microcontroller
logo
List of Unclassifed Man...
ML620Q536 ETC2-ML620Q536 Datasheet
628Kb / 9P
   Ultra Low Power 16-bit Microcontroller
ML620Q538 ETC2-ML620Q538 Datasheet
628Kb / 9P
   Ultra Low Power 16-bit Microcontroller
ML620Q546 ETC2-ML620Q546 Datasheet
628Kb / 9P
   Ultra Low Power 16-bit Microcontroller
logo
Rohm
ML620Q503 ROHM-ML620Q503 Datasheet
914Kb / 34P
   Ultra Low Power 16-bit Microcontroller
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
   16-Bit Microcontroller
logo
Fujitsu Component Limit...
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
   16-BIT MICROCONTROLLER
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
   16-Bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com