Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDMS8670S Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FDMS8670S
Description  N-Channel PowerTrench짰 SyncFET TM 30V, 42A, 3.5m?
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDMS8670S Datasheet(HTML) 6 Page - Fairchild Semiconductor

  FDMS8670S Datasheet HTML 1Page - Fairchild Semiconductor FDMS8670S Datasheet HTML 2Page - Fairchild Semiconductor FDMS8670S Datasheet HTML 3Page - Fairchild Semiconductor FDMS8670S Datasheet HTML 4Page - Fairchild Semiconductor FDMS8670S Datasheet HTML 5Page - Fairchild Semiconductor FDMS8670S Datasheet HTML 6Page - Fairchild Semiconductor FDMS8670S Datasheet HTML 7Page - Fairchild Semiconductor FDMS8670S Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
FDMS8670S Rev.C3
www.fairchildsemi.com
6
SyncFET Schottky body diode
Characteristics
Fairchild’s SyncFET process embeds a Schottky diode in parallel
with
PowerTrench
MoSFET.
This
diode
exhibits
similar
characteristics to a discrete external Schottky diode in parallel
with a MOSFET. Figure 14 shows the reverses recovery
characteristic of the FDMS8670S.
Schottky barrier diodes exhibit significant leakage at high tem-
perature and high reverse voltage. This will increase the power
in the device.
Typical Characteristics (continued)
Figure 14. FDMS8670S SyncFET Body
Diode reverse recovery characteristics
0
5
10
15
20
25
30
1E-5
1E-4
1E-3
0.01
0.1
T
J = 100
oC
T
J = 125
oC
V
DS, REVERSE VOLTAGE (V)
T
J = 25
oC
Figure 15. SyncFET Body Diode reverse
leakage vs drain to source voltage
0
5
10
15
20
25
30
1E-5
1E-4
1E-3
0.01
0.1
TA = 125oC
TA = 100oC
TA = 25oC
VDS, REVERSE VOLTAGE (V)
0
5
10
15
20
25
30
1E-5
1E-4
1E-3
0.01
0.1
T
J = 100
oC
T
J = 125
oC
T
J = 25
oC
V
DS, REVERSE VOLTAGE (V)
TIME: 12.5nS/Div


Similar Part No. - FDMS8670S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMS8670S FAIRCHILD-FDMS8670S Datasheet
273Kb / 8P
   N-Channel PowerTrench SyncFETTM
FDMS8670S FAIRCHILD-FDMS8670S Datasheet
345Kb / 8P
   N-Channel PowerTrench짰 SyncFET TM
FDMS8670S FAIRCHILD-FDMS8670S_08 Datasheet
345Kb / 8P
   N-Channel PowerTrench짰 SyncFET TM
More results

Similar Description - FDMS8670S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMS8670AS FAIRCHILD-FDMS8670AS_08 Datasheet
245Kb / 8P
   N-Channel PowerTrench짰 SyncFET TM 30V, 42A, 3.0m廓
FDMS8670S FAIRCHILD-FDMS8670S_08 Datasheet
345Kb / 8P
   N-Channel PowerTrench짰 SyncFET TM
FDS6299S FAIRCHILD-FDS6299S_07 Datasheet
603Kb / 6P
   30V N-Channel PowerTrench짰 SyncFET?
FDS6670AS FAIRCHILD-FDS6670AS_08 Datasheet
748Kb / 7P
   30V N-Channel PowerTrench짰 SyncFET?
FDS6688AS FAIRCHILD-FDS6688AS Datasheet
789Kb / 8P
   30V N-Channel PowerTrench짰 SyncFET?
FDS6676AS FAIRCHILD-FDS6676AS_08 Datasheet
846Kb / 8P
   30V N-Channel PowerTrench짰 SyncFET?
FDS6690AS FAIRCHILD-FDS6690AS_08 Datasheet
759Kb / 8P
   30V N-Channel PowerTrench짰 SyncFET?
FDP6670AS FAIRCHILD-FDP6670AS_08 Datasheet
789Kb / 7P
   30V N-Channel PowerTrench짰 SyncFET?
FDD6680AS FAIRCHILD-FDD6680AS_08 Datasheet
332Kb / 8P
   30V N-Channel PowerTrench짰 SyncFET?
FDS6676AS_0511 FAIRCHILD-FDS6676AS_0511 Datasheet
1Mb / 8P
   30V N-Channel PowerTrench짰 SyncFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com