Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDMS3572 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FDMS3572
Description  N-Channel UltraFET Trench짰 MOSFET 80V, 22A, 16.5m?
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDMS3572 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FDMS3572 Datasheet HTML 1Page - Fairchild Semiconductor FDMS3572 Datasheet HTML 2Page - Fairchild Semiconductor FDMS3572 Datasheet HTML 3Page - Fairchild Semiconductor FDMS3572 Datasheet HTML 4Page - Fairchild Semiconductor FDMS3572 Datasheet HTML 5Page - Fairchild Semiconductor FDMS3572 Datasheet HTML 6Page - Fairchild Semiconductor FDMS3572 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
©2007 Fairchild Semiconductor Corporation
FDMS3572 Rev.C1
www.fairchildsemi.com
1
tm
February 2007
FDMS3572
N-Channel UltraFET Trench® MOSFET
80V, 22A, 16.5m
Features
Max rDS(on) = 16.5mΩ at VGS = 10V, ID = 8.8A
Max rDS(on) = 24mΩ at VGS = 6V, ID = 8.4A
Typ Qg = 28nC at VGS = 10V
Low Miller Charge
Optimized efficiency at high frequencies
RoHS Compliant
General Description
UItraFET
devices
combine
characteristics
that
enable
benchmark efficiency in power conversion applications.
Optimized for rDS(on), low ESR, low total and Miller gate charge,
these devices are ideal for high frequency DC to DC converters.
Application
DC - DC Conversion
MOSFET Maximum Ratings T
A = 25°C unless otherwise noted
Thermal Characteristics
Package Marking and Ordering Information
Symbol
Parameter
Ratings
Units
VDS
Drain to Source Voltage
80
V
VGS
Gate to Source Voltage
±20
V
ID
Drain Current -Continuous (Package limited)
TC = 25°C
22
A
-Continuous (Silicon limited)
TC = 25°C
48
-Continuous
TA = 25°C
(Note 1a)
8.8
-Pulsed
50
PD
Power Dissipation
TC = 25°C
78
W
Power Dissipation
TA = 25°C
(Note 1a)
2.5
TJ, TSTG
Operating and Storage Junction Temperature Range
-55 to +150
°C
RθJC
Thermal Resistance, Junction to Case
1.6
°C/W
RθJA
Thermal Resistance, Junction to Ambient
(Note 1a)
50
Device Marking
Device
Package
Reel Size
Tape Width
Quantity
FDMS3572
FDMS3572
Power 56
13’’
12mm
3000 units
G
S
S
S
Pin 1
Power 56 (Bottom view)
D
D
D
D
4
3
2
1
5
6
7
8
G
S
S
S
D
D
D
D


Similar Part No. - FDMS3572

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMS3572 FAIRCHILD-FDMS3572 Datasheet
562Kb / 7P
   N-Channel UltraFET Trench MOSFET 80V, 22A, 16.5mOHM
More results

Similar Description - FDMS3572

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMS3572 FAIRCHILD-FDMS3572 Datasheet
562Kb / 7P
   N-Channel UltraFET Trench MOSFET 80V, 22A, 16.5mOHM
FDS2672 FAIRCHILD-FDS2672_10 Datasheet
563Kb / 6P
   N-Channel UltraFET Trench짰 MOSFET
FDMS5672_0712 FAIRCHILD-FDMS5672_0712 Datasheet
541Kb / 7P
   N-Channel UltraFET Trench짰 MOSFET
FDMS3672 FAIRCHILD-FDMS3672 Datasheet
252Kb / 7P
   N-Channel UltraFET Trench MOSFET 100V, 22A, 23mohm
FDMS5672 FAIRCHILD-FDMS5672 Datasheet
523Kb / 7P
   N-Channel UltraFET Trench MOSFET 60V, 22A, 11.5mohm
FDS2672 FAIRCHILD-FDS2672 Datasheet
412Kb / 6P
   N-Channel UltraFET Trench짰 MOSFET 200V, 3.9A, 70m?
FDMS2572 FAIRCHILD-FDMS2572_07 Datasheet
513Kb / 7P
   N-Channel UltraFET Trench짰 MOSFET 150V, 27A, 47m?
logo
Intersil Corporation
HUF75623P3 INTERSIL-HUF75623P3 Datasheet
99Kb / 9P
   22A, 100V, 0.064 Ohm, N-Channel, UltraFET Power MOSFET
logo
Fairchild Semiconductor
FDMC2610 FAIRCHILD-FDMC2610_12 Datasheet
620Kb / 7P
   N-Channel UltraFET Trench짰 MOSFET 200V, 9.5A, 200m廓
FDMC2610 FAIRCHILD-FDMC2610_07 Datasheet
384Kb / 7P
   N-Channel UltraFET Trench짰 MOSFET 200V, 9.5A, 200m廓
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com