Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDMC3300NZA Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FDMC3300NZA
Description  Monolithic Common Drain N-Channel 2.5V Specified PowerTrench짰 MOSFET 20V, 8A, 26m廓
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDMC3300NZA Datasheet(HTML) 6 Page - Fairchild Semiconductor

  FDMC3300NZA_07 Datasheet HTML 1Page - Fairchild Semiconductor FDMC3300NZA_07 Datasheet HTML 2Page - Fairchild Semiconductor FDMC3300NZA_07 Datasheet HTML 3Page - Fairchild Semiconductor FDMC3300NZA_07 Datasheet HTML 4Page - Fairchild Semiconductor FDMC3300NZA_07 Datasheet HTML 5Page - Fairchild Semiconductor FDMC3300NZA_07 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
FDMC3300NZA Rev. C
www.fairchildsemi.com
6
Rev. I22
TRADEMARKS
The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not
intended to be an exhaustive list of all such trademarks.
DISCLAIMER
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO
IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE
OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE
RIGHTS OF OTHERS. THESE SPECIFICATIONS DO NOT EXPAND THE TERMS OF FAIRCHILD’S WORLDWIDE TERMS AND CONDITIONS,
SPECIFICALLY THE WARRANTY THEREIN, WHICH COVERS THESE PRODUCTS.
LIFE SUPPORT POLICY
FAIRCHILD’S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT
THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION.
As used herein:
1. Life support devices or systems are devices or systems which,
(a) are intended for surgical implant into the body, or (b) support
or sustain life, or (c) whose failure to perform when properly used
in accordance with instructions for use provided in the labeling,
can be reasonably expected to result in significant injury to the
user.
2. A critical component is any component of a life support device
or system whose failure to perform can be reasonably expected
to cause the failure of the life support device or system, or to
affect its safety or effectiveness.
PRODUCT STATUS DEFINITIONS
Definition of Terms
ACEx™
ActiveArray™
Bottomless™
Build it Now™
CoolFET™
CROSSVOLT™
DOME™
EcoSPARK™
E2CMOS™
EnSigna™
FACT®
FAST®
FASTr™
FPS™
FRFET™
FACT Quiet Series™
GlobalOptoisolator™
GTO™
HiSeC™
I2C™
i-Lo™
ImpliedDisconnect™
IntelliMAX™
ISOPLANAR™
LittleFET™
MICROCOUPLER™
MicroFET™
MicroPak™
MICROWIRE™
MSX™
MSXPro™
OCX™
OCXPro™
OPTOLOGIC®
OPTOPLANAR™
PACMAN™
POP™
Power247™
PowerEdge™
PowerSaver™
PowerTrench®
QFET®
QS™
QT Optoelectronics™
Quiet Series™
RapidConfigure™
RapidConnect™
µSerDes™
ScalarPump™
SILENT SWITCHER®
SMART START™
SPM™
Stealth™
SuperFET™
SuperSOT™-3
SuperSOT™-6
SuperSOT™-8
SyncFET™
TCM™
TinyBoost™
TinyBuck™
TinyPWM™
TinyPower™
TinyLogic®
TINYOPTO™
TruTranslation™
UHC®
UniFET™
VCX™
Wire™
Across the board. Around the world.™
The Power Franchise®
Programmable Active Droop™
Datasheet Identification
Product Status
Definition
Advance Information
Formative or In
Design
This datasheet contains the design specifications for
product development. Specifications may change in
any manner without notice.
Preliminary
First Production
This datasheet contains preliminary data, and
supplementary data will be published at a later date.
Fairchild Semiconductor reserves the right to make
changes at any time without notice in order to improve
design.
No Identification Needed
Full Production
This datasheet contains final specifications. Fairchild
Semiconductor reserves the right to make changes at
any time without notice in order to improve design.
Obsolete
Not In Production
This datasheet contains specifications on a product
that has been discontinued by Fairchild semiconductor.
The datasheet is printed for reference information only.


Similar Part No. - FDMC3300NZA_07

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMC3300NZA FAIRCHILD-FDMC3300NZA Datasheet
318Kb / 7P
   Monolithic Common Drain N-Channel 2.5V Specified PowerTrench
More results

Similar Description - FDMC3300NZA_07

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDM3300NZ FAIRCHILD-FDM3300NZ_07 Datasheet
237Kb / 6P
   Monolithic Common Drain N-Channel 2.5V Specified PowerTrench짰 MOSFET 20V, 10A, 23m廓
FDMJ1028N FAIRCHILD-FDMJ1028N Datasheet
424Kb / 7P
   N-Channel 2.5V Specified PowerTrench짰 MOSFET 20V, 3.2A, 90m廓
FDC637BNZ FAIRCHILD-FDC637BNZ Datasheet
403Kb / 6P
   N-Channel 2.5V Specified PowerTrench짰 MOSFET 20V, 6.2A, 24m廓
FDMW2512NZ FAIRCHILD-FDMW2512NZ Datasheet
135Kb / 6P
   Monolithic Common Drain N-Channel 2.5V Specified PowerTrench MOSFET
FDM2452NZ FAIRCHILD-FDM2452NZ Datasheet
137Kb / 6P
   Monolithic Common Drain N-Channel 2.5V Specified PowerTrench MOSFET
FDM2509NZ FAIRCHILD-FDM2509NZ Datasheet
194Kb / 6P
   Monolithic Common Drain N-Channel 2.5V Specified PowerTrench MOSFET
FDM3300NZ FAIRCHILD-FDM3300NZ Datasheet
460Kb / 8P
   Monolithic Common Drain N-Channel 2.5V Specified PowerTrench MOSFET
FDMA420NZ FAIRCHILD-FDMA420NZ_08 Datasheet
1Mb / 7P
   Single N-Channel 2.5V Specified PowerTrench짰 MOSFET 20V, 5.7A, 30m廓
FDMC3300NZA FAIRCHILD-FDMC3300NZA Datasheet
318Kb / 7P
   Monolithic Common Drain N-Channel 2.5V Specified PowerTrench
FDZ2553N FAIRCHILD-FDZ2553N Datasheet
199Kb / 6P
   Monolithic Common Drain N-Channel 2.5V Specified PowerTrench
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com