Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDH400 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FDH400
Description  High Voltage General Purpose Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDH400 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FDH400_97 Datasheet HTML 1Page - Fairchild Semiconductor FDH400_97 Datasheet HTML 2Page - Fairchild Semiconductor FDH400_97 Datasheet HTML 3Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FDH/FDLL 400
LL-34
THE PLACEMENT OF THE EXPANSION GAP
HAS NO RELATIONSHIP TO THE LOCATION
OF THE CATHODE TERMINAL
DO-35
High Voltage General Purpose Diode
Sourced from Process 1J. See MMBD1401-1405 for characteristics.
Absolute Maximum Ratings*
TA = 25°C unless otherwise noted
Symbol
Parameter
Value
Units
WIV
Working Inverse Voltage
FDH/FDLL400
150
V
IO
Average Rectified Current
200
mA
IF
DC Forward Current
500
mA
if
Recurrent Peak Forward Current
600
mA
if(surge)
Peak Forward Surge Current
Pulse width = 1.0 second
Pulse width = 1.0 microsecond
1.0
4.0
A
A
Tstg
Storage Temperature Range
-65 to +200
°C
TJ
Operating Junction Temperature
175
°C
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
NOTES:
1) These ratings are based on a maximum junction temperature of 200 degrees C.
2) These are steady state limits. The factory should be consulted on applications involving pulsed or low duty cycle operations.
Thermal Characteristics
TA = 25°C unless otherwise noted
Symbol
Characteristic
Max
Units
FDH/FDLL 400
PD
Total Device Dissipation
Derate above 25
°C
500
3.33
mW
mW/
°C
RθJA
Thermal Resistance, Junction to Ambient
300
°C/W
1997 Fairchild Semiconductor International
2ND BAND
COLOR BAND MARKING
DEVICE
1ST BAND
FDLL400
BROWN
VIOLET


Similar Part No. - FDH400_97

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDH400TR FAIRCHILD-FDH400TR Datasheet
132Kb / 5P
   High Voltage General Purpose Diode
More results

Similar Description - FDH400_97

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BAS21 FAIRCHILD-BAS21 Datasheet
47Kb / 3P
   General Purpose High Voltage Diode
BAV23S FAIRCHILD-BAV23S Datasheet
40Kb / 5P
   HIGH VOLTAGE GENERAL PURPOSE DIODE
MMBD1401A FAIRCHILD-MMBD1401A Datasheet
63Kb / 5P
   High Voltage General Purpose Diode
BAV103 FAIRCHILD-BAV103_10 Datasheet
100Kb / 3P
   High Voltage, General Purpose Diode
BAS31 FAIRCHILD-BAS31 Datasheet
34Kb / 2P
   High Voltage General Purpose Diode
BAV102 FAIRCHILD-BAV102 Datasheet
26Kb / 3P
   High Voltage, General Purpose Diode
MMBD1401 FAIRCHILD-MMBD1401 Datasheet
39Kb / 5P
   High Voltage General Purpose Diode
BAV102 FAIRCHILD-BAV102_13 Datasheet
122Kb / 5P
   High Voltage, General Purpose Diode
BAS20 FAIRCHILD-BAS20_08 Datasheet
158Kb / 3P
   General Purpose High Voltage Diode
BAV19 FAIRCHILD-BAV19 Datasheet
148Kb / 8P
   High Voltage General Purpose Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com