Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P89C739ABB Datasheet(PDF) 3 Page - NXP Semiconductors

Part # P89C739ABB
Description  8-bit Flash microcontrollers
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89C739ABB Datasheet(HTML) 3 Page - NXP Semiconductors

  P89C739ABB Datasheet HTML 1Page - NXP Semiconductors P89C739ABB Datasheet HTML 2Page - NXP Semiconductors P89C739ABB Datasheet HTML 3Page - NXP Semiconductors P89C739ABB Datasheet HTML 4Page - NXP Semiconductors P89C739ABB Datasheet HTML 5Page - NXP Semiconductors P89C739ABB Datasheet HTML 6Page - NXP Semiconductors P89C739ABB Datasheet HTML 7Page - NXP Semiconductors P89C739ABB Datasheet HTML 8Page - NXP Semiconductors P89C739ABB Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 64 page
background image
1998 Apr 07
3
Philips Semiconductors
Product specification
8-bit Flash microcontrollers
P89C738; P89C739
1
FEATURES
• 80C51 CPU
• 64-kbyte on-chip Multiple Programming ROM
(MTP-ROM), expandable externally to 64 kbytes
program memory address space
• 512-byte on-chip RAM, expandable externally to
64 kbytes data memory address space
• P89C738 pin outs fully compatible to the standard
8051/8052
• 8-bit I/O ports for P89C738: 4 and P89C739: 6
• Full-duplex UART compatible with the standard 80C51
and the 8052
• Two standard 16-bit timers/event counters
• An additional 16-bit timer (functionally equivalent to the
Timer 2 of the 8052)
• On-chip Watchdog Timer (T3)
• 6-source and 6-vector interrupt structure with 2 priority
levels
• Up to 3 external interrupt request inputs
• Two programmable power reduction modes: Idle and
Power-down
• Termination of Idle mode by any interrupt, external or
Watchdog Timer reset
• Wake-up from Power-down by external interrupt,
external or Watchdog Timer reset
• Packages,
– P89C738: DIP40, PLCC44 and QFP44
– P89C739: PLCC68 and QFP64
• Improved Electromagnetic Compatibility (EMC)
• Frequency range: 3.5 to 40 MHz
• ROM code protection.
2
GENERAL DESCRIPTION
The P89C738 and P89C739 (hereafter generally referred
to as P89C738 unless the P89C739 is specifically
mentioned) are 8 8-bit Flash microcontrollers
manufactured in an advanced CMOS process and is a
derivative of the PCB80C51 microcontroller family. This
device provides architectural enhancements that make it
applicable in a variety of applications in general control
systems, especially in those systems which need a large
on-chip ROM and RAM capacity.
The P89C738 contains a non-volatile 64-kbyte Multiple
Programming ROM (MTP-ROM) program memory, a
volatile 512 bytes read/write data memory, four 8-bit I/O
ports (six for the P89C739), two 16-bit timer/event
counters (identical to the timers of the 80C51), a 16-bit
timer (identical to the Timer 2 of the 8052), a multi-source
two-priority-level nested interrupt structure, one serial
interface (UART), a Watchdog Timer (T3), an on-chip
oscillator and timing circuits. For systems that require
extra capability, the P89C738 can be expanded using
standard TTL compatible memories and logic.
The device also functions as an arithmetic processor
having facilities for both binary and BCD arithmetic plus
bit-handling capabilities. The P89C738 has the same
instruction set as the PCB80C51 which consists of over
100 instructions: 49 one-byte, 46 two-byte and
16 three-byte. With a 16 MHz crystal, 58% of the
instructions are executed in 750 ns and 40% in 1.5
µs.
Multiply and divide instructions require 3
µs.
3
ORDERING INFORMATION
Notes
1. Temperature and frequency range for all types: 0 to 70
°C and 3.5 to 40 MHz.
2. For more information on the package outline of this version, please contact the Philips Semiconductors Sales office.
TYPE
NUMBER(1)
PACKAGE
NAME
DESCRIPTION
VERSION
P89C738ABA
PLCC44
plastic leaded chip carrier; 44 leads
note 2
P89C738ABP
DIP40
plastic dual in-line package; 40 leads (600 mil)
SOT129-1
P89C738ABB
QFP44
plastic quad flat package; 44 leads
note 2
P89C739ABA
PLCC68
plastic leaded chip carrier; 68 leads
note 2
P89C739ABB
QFP64
plastic quad flat package; 64 leads (lead length 1.95 mm);
body 14
× 20 × 2.7 mm; high stand-off height
SOT319-1


Similar Part No. - P89C739ABB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P89C51BA PHILIPS-P89C51BA Datasheet
245Kb / 39P
   80C51 8-bit microcontroller family 4K/8K/16K/32K Flash
2002 Jan 15
P89C51BBD PHILIPS-P89C51BBD Datasheet
245Kb / 39P
   80C51 8-bit microcontroller family 4K/8K/16K/32K Flash
2002 Jan 15
P89C51BN PHILIPS-P89C51BN Datasheet
245Kb / 39P
   80C51 8-bit microcontroller family 4K/8K/16K/32K Flash
2002 Jan 15
P89C51BP PHILIPS-P89C51BP Datasheet
245Kb / 39P
   80C51 8-bit microcontroller family 4K/8K/16K/32K Flash
2002 Jan 15
P89C51RA2BA/01 PHILIPS-P89C51RA2BA/01 Datasheet
404Kb / 68P
   80C51 8-bit Flash microcontroller family
2002 Jul 18
More results

Similar Description - P89C739ABB

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC12F1501-I MICROCHIP-PIC12F1501-I Datasheet
3Mb / 278P
   8-Pin Flash, 8-Bit Microcontrollers
08/02/11
PIC12LF1552 MICROCHIP-PIC12LF1552 Datasheet
4Mb / 260P
   8-Pin Flash, 8-Bit Microcontrollers
2013
PIC12F519 MICROCHIP-PIC12F519_08 Datasheet
1Mb / 96P
   8-Pin, 8-Bit Flash Microcontrollers
2008
PIC12F1501 MICROCHIP-PIC12F1501 Datasheet
2Mb / 279P
   8-Pin Flash, 8-Bit Microcontrollers
2011
PIC12F508 MICROCHIP-PIC12F508 Datasheet
1Mb / 98P
   8/14-Pin, 8-Bit Flash Microcontrollers
2004
PIC12F508 MICROCHIP-PIC12F508_07 Datasheet
1Mb / 100P
   8/14-Pin, 8-Bit Flash Microcontrollers
2007
PIC12F508 MICROCHIP-PIC12F508_09 Datasheet
1Mb / 110P
   8/14-Pin, 8-Bit Flash Microcontrollers
2009
PIC12F508 MICROCHIP-PIC12F508_1 Datasheet
682Kb / 98P
   8/14-Pin, 8-Bit Flash Microcontrollers
05/28/04
PIC12F508T-I MICROCHIP-PIC12F508T-I Datasheet
1Mb / 106P
   8/14-Pin, 8-Bit Flash Microcontrollers
03/26/09
PIC12F510-I MICROCHIP-PIC12F510-I Datasheet
1Mb / 124P
   8/14-Pin, 8-Bit Flash Microcontrollers
10/05/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com