Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDFM2P110 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FDFM2P110
Description  Integrated P-Channel PowerTrench짰 MOSFET and Schottky Diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDFM2P110 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FDFM2P110 Datasheet HTML 1Page - Fairchild Semiconductor FDFM2P110 Datasheet HTML 2Page - Fairchild Semiconductor FDFM2P110 Datasheet HTML 3Page - Fairchild Semiconductor FDFM2P110 Datasheet HTML 4Page - Fairchild Semiconductor FDFM2P110 Datasheet HTML 5Page - Fairchild Semiconductor FDFM2P110 Datasheet HTML 6Page - Fairchild Semiconductor FDFM2P110 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
FDFM2P110 Rev. C4 (W)
4
Typical Characteristics
Figure 1.
0
2
4
6
8
10
01
234
5
-VDS, DRAIN-SOURCE VOLTAGE (V)
-2.5V
-2.0V
VGS = -4.5V
-3.0V
-3.5V
On-Region Characteristics
Figure 2.
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
02
468
10
-ID, DRAIN CURRENT (A)
VGS = -2.5V
-4.0V
-3.5V
-4.5V
-3.0V
On-Resistance Variation with
Drain Current and Gate Voltage
Figure 3.
0.6
0.8
1
1.2
1.4
1.6
-50
-25
0
255075
100
125
150
TJ, JUNCTION TEMPERATURE (
oC)
ID = -3.5A
VGS = -4.5V
On-Resistance Variation with
Temperature
Figure 4.
0.08
0.12
0.16
0.2
0.24
0.28
0.32
0.36
0.4
0.44
12
3
4
5
-VGS, GATE TO SOURCE VOLTAGE (V)
ID = -1.8A
TA = 125
oC
TA = 25
oC
On-Resistance Variation with
Gate-to-Source Voltage
Figure 5. Transfer Characteristics
0
2
4
6
8
0.5
1
1.5
2
2.5
3
3.5
-VGS, GATE TO SOURCE VOLTAGE (V)
TA = -55
oC
25oC
125
oC
VDS = -5V
Figure 6.
0.0001
0.001
0.01
0.1
1
10
100
0.20.40.60.8
1
1.2
-VSD, BODY DIODE FORWARD VOLTAGE (V)
TA= 125
oC
25
oC
-55
oC
VGS = 0V
Body Diode Forward Voltage Variation
with Source Current and Temperature


Similar Part No. - FDFM2P110

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDFM2P110 FAIRCHILD-FDFM2P110 Datasheet
521Kb / 7P
   Integrated P-Channel PowerTrench MOSFET and Schottky Diode
More results

Similar Description - FDFM2P110

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDFMA2P853 FAIRCHILD-FDFMA2P853_08 Datasheet
841Kb / 7P
   Integrated P-Channel PowerTrench짰 MOSFET and Schottky Diode
FDFS2P753Z FAIRCHILD-FDFS2P753Z Datasheet
338Kb / 7P
   Integrated P-Channel PowerTrench짰 MOSFET and Schottky Diode
FDFME2P823ZT FAIRCHILD-FDFME2P823ZT Datasheet
275Kb / 8P
   Integrated P-Channel PowerTrench짰 MOSFET and Schottky Diode
FDFMA2P853 FAIRCHILD-FDFMA2P853_06 Datasheet
251Kb / 7P
   Integrated P-Channel PowerTrench짰 MOSFET and Schottky Diode
FDFMA3P029Z FAIRCHILD-FDFMA3P029Z Datasheet
353Kb / 8P
   Integrated P-Channel PowerTrench짰 MOSFET and Schottky Diode
FDFMA2P853T FAIRCHILD-FDFMA2P853T Datasheet
357Kb / 8P
   Integrated P-Channel PowerTrench짰 MOSFET and Schottky Diode
FDFMA2P029Z FAIRCHILD-FDFMA2P029Z_08 Datasheet
304Kb / 8P
   Integrated P-Channel PowerTrench짰 MOSFET and Schottky Diode .20V, .3.1A, 95m
FDFMA3N109 FAIRCHILD-FDFMA3N109_08 Datasheet
689Kb / 7P
   Integrated N-Channel PowerTrench짰 MOSFET and Schottky Diode
FDFMA2P857 FAIRCHILD-FDFMA2P857_08 Datasheet
602Kb / 8P
   Integrated P-Channel PowerTrench짰 MOSFET and Schottky Diode .20V, .3.0A, 120m廓
FDFS2P753AZ FAIRCHILD-FDFS2P753AZ_08 Datasheet
269Kb / 7P
   Integrated P-Channel PowerTrench짰 MOSFET and Schottky Diode -30V, -3A, 115m廓
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com