Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

APT2X31D20J Datasheet(PDF) 1 Page - Advanced Power Technology

Part No. APT2X31D20J
Description  ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APT2X31D20J Datasheet(HTML) 1 Page - Advanced Power Technology

  APT2X31D20J_05 Datasheet HTML 1Page - Advanced Power Technology APT2X31D20J_05 Datasheet HTML 2Page - Advanced Power Technology APT2X31D20J_05 Datasheet HTML 3Page - Advanced Power Technology APT2X31D20J_05 Datasheet HTML 4Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PRODUCT BENEFITS
Low Losses
Low Noise Switching
Cooler Operation
Higher Reliability Systems
Increased System Power
Density
PRODUCT FEATURES
Ultrafast Recovery Times
Soft Recovery Characteristics
Popular SOT-227 Package
Low Forward Voltage
High Blocking Voltage
Low Leakage Current
PRODUCT APPLICATIONS
Anti-Parallel Diode
-Switchmode Power Supply
-Inverters
Free Wheeling Diode
-Motor Controllers
-Converters
Snubber Diode
Uninterruptible Power Supply (UPS)
Induction Heating
High Speed Rectifiers
ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
APT2X31D20J
200V
30A
APT2X30D20J
200V
30A
MAXIMUM RATINGS
All Ratings: T
C = 25°C unless otherwise specified.
New Diode Data Sheet By Darel Bidwell
®
APT Website - http://www.advancedpower.com
Anti-Parallel
Parallel
2
1
3
2
3
4
1
4
APT2X30D20J
APT2X31D20J
STATIC ELECTRICAL CHARACTERISTICS
Symbol
V
F
I
RM
C
T
UNIT
Volts
µA
pF
MIN
TYP
MAX
1.1
1.3
1.4
0.9
250
500
95
Characteristic / Test Conditions
Forward Voltage
Maximum Reverse Leakage Current
Junction Capacitance, V
R = 200V
I
F = 30A
I
F = 60A
I
F = 30A, TJ = 125°C
V
R = VR Rated
V
R = VR Rated, TJ = 125°C
Characteristic / Test Conditions
Maximum D.C. Reverse Voltage
Maximum Peak Repetitive Reverse Voltage
Maximum Working Peak Reverse Voltage
Maximum Average Forward Current (T
C = 122°C, Duty Cycle = 0.5)
RMS Forward Current (Square wave, 50% duty)
Non-Repetitive Forward Surge Current (T
J = 45°C, 8.3ms)
Operating and StorageTemperature Range
Lead Temperature for 10 Sec.
Symbol
V
R
V
RRM
V
RWM
I
F(AV)
I
F(RMS)
I
FSM
T
J,TSTG
T
L
UNIT
Volts
Amps
°C
APT2X31_30D20J
200
30
54
320
-55 to 175
300
DUAL DIE ISOTOP® PACKAGE
SO
T-2
27
ISOTOP®
1
2
3
4
file # E145592
"UL Recognized"


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
APT2X101DQ100J ULTRAFAST SOFT RECOVERY RECTIFIER DIODE 1  2  3  4  Microsemi Corporation
APT15DQ100K ULTRAFAST SOFT RECOVERY RECTIFIER DIODE 1  2  3  4  Microsemi Corporation
IRG4PC50UDPBF INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE 1  2  3  4  5  More International Rectifier
10ETF06PBF FAST SOFT RECOVERY RECTIFIER DIODE Lead-Free 1  2  3  4  5  More International Rectifier
HFA140NH60 Ultrafast Soft Recovery Diode 1  2  3  4  5  International Rectifier
10ETF10FP FAST SOFT RECOVERY RECTIFIER DIODE 1  2  3  4  5  More International Rectifier
10ETF12PBF FAST SOFT RECOVERY RECTIFIER DIODE 1  2  3  4  5  More International Rectifier
IRGP4063DPBF INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE 1  2  3  4  5  More International Rectifier
HFA25TB60S Ultrafast Soft Recovery Diode 1  2  3  4  5  More International Rectifier
60EPU02PBF Ultrafast Soft Recovery Diode 1  2  3  4  5  More International Rectifier

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn